Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPX432AN Datasheet(PDF) 10 Page - Sipex Corporation

Part # SPX432AN
Description  1.24V Precision Adjustable Shunt Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX432AN Datasheet(HTML) 10 Page - Sipex Corporation

Back Button SPX432AN Datasheet HTML 3Page - Sipex Corporation SPX432AN Datasheet HTML 4Page - Sipex Corporation SPX432AN Datasheet HTML 5Page - Sipex Corporation SPX432AN Datasheet HTML 6Page - Sipex Corporation SPX432AN Datasheet HTML 7Page - Sipex Corporation SPX432AN Datasheet HTML 8Page - Sipex Corporation SPX432AN Datasheet HTML 9Page - Sipex Corporation SPX432AN Datasheet HTML 10Page - Sipex Corporation SPX432AN Datasheet HTML 11Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
Date: 12/11/04
SPX432 1.24V Precision Adjustable Shunt Regulator
© Copyright 2004 Sipex Corporation
PACKAGE: 3PIN TO 92
D
W
L
e1
e
b
A
S1
a(2x)
E
R
SYMBOL
MIN
NOM
MAX
A
0.17
-
0.195
b
0.014
-
0.02
E
0.13
-
0.155
e
0.95
-
0.105
e1
0.045
-
0.055
L
0.5
-
0.61
R
0.085
-
0.095
S1
0.045
-
0.06
W
0.016
-
0.022
D
0.175
-
0.195
a4º
-
Note: Dimensions in (inches)
3 Pin TO-92


Similar Part No. - SPX432AN

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX432AN SIPEX-SPX432AN Datasheet
166Kb / 9P
   Ultra 1.24V Precision Adjustable Shunt Regulator
More results

Similar Description - SPX432AN

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX432AM-L SIPEX-SPX432AM-L Datasheet
145Kb / 11P
   1.24V Precision Adjustable Shunt Regulator
SPX432M-L SIPEX-SPX432M-L Datasheet
145Kb / 11P
   1.24V Precision Adjustable Shunt Regulator
SPX1432 SIPEX-SPX1432 Datasheet
99Kb / 7P
   1.24V Precision Adjustable Shunt Regulator
SPX432 SIPEX-SPX432 Datasheet
166Kb / 9P
   Ultra 1.24V Precision Adjustable Shunt Regulator
SPX432L SIPEX-SPX432L Datasheet
166Kb / 9P
   Ultra 1.24V Precision Adjustable Shunt Regulator
logo
BCD Semiconductor Manuf...
AZ431L BCDSEMI-AZ431L Datasheet
164Kb / 16P
   LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
logo
HTC Korea TAEJIN Techno...
TL432Z HTC-TL432Z_08 Datasheet
139Kb / 6P
   Low Voltage(1.24V) Adjustable Precision Shunt Regulator
logo
List of Unclassifed Man...
L431L ETC2-L431L Datasheet
562Kb / 11P
   1.24V Low-Voltage Adjustable Precision Shunt Regulator
logo
BCD Semiconductor Manuf...
AZ431L BCDSEMI-AZ431L_10 Datasheet
755Kb / 17P
   LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
logo
HTC Korea TAEJIN Techno...
TL432Z HTC-TL432Z Datasheet
131Kb / 6P
   Low Voltage(1.24V) Adjustable Precision Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com