Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA6579 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # SAA6579
Description  Radio Data System RDS demodulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA6579 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button SAA6579 Datasheet HTML 2Page - NXP Semiconductors SAA6579 Datasheet HTML 3Page - NXP Semiconductors SAA6579 Datasheet HTML 4Page - NXP Semiconductors SAA6579 Datasheet HTML 5Page - NXP Semiconductors SAA6579 Datasheet HTML 6Page - NXP Semiconductors SAA6579 Datasheet HTML 7Page - NXP Semiconductors SAA6579 Datasheet HTML 8Page - NXP Semiconductors SAA6579 Datasheet HTML 9Page - NXP Semiconductors SAA6579 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
1997 Feb 24
6
Philips Semiconductors
Product specification
Radio Data System (RDS) demodulator
SAA6579
CHARACTERISTICS
VDDA =VDDD =5V; Tamb =25 °C and measurements taken in Fig.1; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDDA
analog supply voltage (pin 5)
3.6
5.0
5.5
V
VDDD
digital supply voltage (pin 12)
3.6
5.0
5.5
V
Itot
total supply current
I5 +I12
6
mA
Vref
reference voltage (pin 3)
VDDA =5V
2.5
V
MPX input (signal before the capacitor on pin 4)
Vi MPX(rms)
RDS amplitude (RMS value)
∆f= ±1.2 kHz RDS;
∆f= ±3.5 kHz ARI; see Fig.5
1
−−
mV
Vi MPX(p-p)
maximum input signal capability
(peak-to-peak value)
f=57
±2 kHz
200
−−
mV
f < 50 kHz
1.4
−−
V
f < 15 kHz
2.8
−−
V
f > 70 kHz
3.5
−−
V
R4-6
input resistance
f = 0 to 100 kHz
40
−−
k
G8-4
signal gain
f = 57 kHz
17
20
23
dB
57 kHz band-pass filter
fc
centre frequency
Tamb = −40 to +85 °C
56.5
57.0
57.5
kHz
B
−3 dB bandwidth
2.5
3.0
3.5
kHz
G
stop band gain
∆f= ±7 kHz
31
−−
dB
f < 45 kHz
40
−−
dB
f < 20 kHz
50
−−
dB
f > 70 kHz
40
−−
dB
Ro(8)
output resistance (pin 8)
f = 57 kHz
26
−Ω
Comparator input (pin 7)
Vi(rms)
minimum input level (RMS value)
f = 57 kHz
110
mV
Ri
input resistance
70
110
150
k
Oscillator input (pin 13)
VIH
HIGH level input voltage
VDDD = 5.0 V
4.0
−−
V
VIL
LOW level input voltage
VDDD = 5.0 V
−−
1.0
V
II
input current
VDDD = 5.5 V
−−
±1
µA


Similar Part No. - SAA6579

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA6581 PHILIPS-SAA6581 Datasheet
75Kb / 16P
   RDS/RBDS demodulator
2001 May 07
SAA6581HN NXP-SAA6581HN Datasheet
81Kb / 15P
   RDS/RBDS demodulator
2003 Oct 10
SAA6581T PHILIPS-SAA6581T Datasheet
75Kb / 16P
   RDS/RBDS demodulator
2001 May 07
SAA6581T NXP-SAA6581T Datasheet
81Kb / 15P
   RDS/RBDS demodulator
2003 Oct 10
SAA6588 PHILIPS-SAA6588 Datasheet
176Kb / 28P
   RDS/RBDS pre-processor
1997 Sep 01
More results

Similar Description - SAA6579

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC6579 SILAN-SC6579 Datasheet
279Kb / 9P
   RADIO DATA SYSTEM (RDS) DEMODULATOR
logo
NEC
UPC2539 NEC-UPC2539 Datasheet
65Kb / 8P
   RDS DATA DEMODULATOR IC
logo
Sanyo Semicon Device
STK311-110 SANYO-STK311-110 Datasheet
149Kb / 5P
   RDS Demodulator
STK311-120 SANYO-STK311-120 Datasheet
97Kb / 6P
   RDS Demodulator
LA2231 SANYO-LA2231 Datasheet
259Kb / 6P
   RDS Signal Demodulator
logo
Princeton Technology Co...
PT2579 PTC-PT2579 Datasheet
158Kb / 4P
   RDS Demodulator IC
PT2579 PTC-PT2579_10 Datasheet
477Kb / 21P
   RDS Demodulator IC
logo
Samsung semiconductor
S1A0905 SAMSUNG-S1A0905 Datasheet
54Kb / 6P
   RDS DEMODULATOR IC
logo
NXP Semiconductors
SAA6581T PHILIPS-SAA6581T Datasheet
75Kb / 16P
   RDS/RBDS demodulator
2001 May 07
SAA6581HN NXP-SAA6581HN Datasheet
81Kb / 15P
   RDS/RBDS demodulator
2003 Oct 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com