Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA5290A Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SAA5290A
Description  Economy teletext and TV microcontrollers
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA5290A Datasheet(HTML) 3 Page - NXP Semiconductors

  SAA5290A Datasheet HTML 1Page - NXP Semiconductors SAA5290A Datasheet HTML 2Page - NXP Semiconductors SAA5290A Datasheet HTML 3Page - NXP Semiconductors SAA5290A Datasheet HTML 4Page - NXP Semiconductors SAA5290A Datasheet HTML 5Page - NXP Semiconductors SAA5290A Datasheet HTML 6Page - NXP Semiconductors SAA5290A Datasheet HTML 7Page - NXP Semiconductors SAA5290A Datasheet HTML 8Page - NXP Semiconductors SAA5290A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
February 1995
3
Philips Semiconductors
Preliminary specification
One page Economy Teletext/TV
microcontroller
SAA5290
QUICK REFERENCE DATA
BLOCK DIAGRAM
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
VDD
supply voltage
4.5
5.0
5.5
V
IDDM
microcontroller supply current
25
40
mA
IDDA
analog supply current
35
50
mA
IDDT
teletext supply current
20
30
mA
fxtal
crystal frequency
12
MHz
Tamb
operating ambient temperature
−20
+70
°C
Fig.1 Block diagram.
handbook, full pagewidth
MLC102
DATA SLICER
ACQUISITION
TIMING
TELETEXT
ACQUISITION
DISPLAY
TIMING
DISPLAY
PAGE
RAM
OSCILLATOR
80C51
MICRO-
CONTROLLER
ANALOG-TO-
DIGITAL
CONVERTER
PULSE
WIDTH
MODULATOR
TIMER/
CTRS/ I C
2
data
address
16K x 8
ROM
PORT 3
9 to 12, 30
5
256 x 8
RAM
PORT 2
1 to 8
8
TEXT
INTERFACE
PORT 1
45 to 52
8
PORT 0
14 to 21
8
P3.0 to P3.4/
ADC0 to ADC2
P2.0 to P2.7
PWM
P1.0 to P1.7 / INT0,
INT1, T0, T1, SDA, SCL
P0.0 to P0.7
VSSA
22
VSSD2
VSSD1
28
13
43
RESET
40
OSCGND
42
OSCOUT
41
OSCIN
SAA5290
37
VSYNC
36
HSYNC
27
FRAME
RGBREF
34, 33, 32
R, G, B
35
31
VDS
29
COR
25
26
BLACK
IREF
CVBS0
CVBS1
23, 24
2
38
39
44
VDDM
VDDT
VDDA
3


Similar Part No. - SAA5290A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA5290 PHILIPS-SAA5290 Datasheet
360Kb / 33P
   One page Economy Teletext/TV microcontroller
February 1995
SAA5290PS PHILIPS-SAA5290PS Datasheet
612Kb / 68P
   Economy teletext and TV microcontrollers
1997 Jul 07
SAA5290ZP PHILIPS-SAA5290ZP Datasheet
360Kb / 33P
   One page Economy Teletext/TV microcontroller
February 1995
SAA5290ZP/NV PHILIPS-SAA5290ZP/NV Datasheet
360Kb / 33P
   One page Economy Teletext/TV microcontroller
February 1995
More results

Similar Description - SAA5290A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA5X9X PHILIPS-SAA5X9X Datasheet
612Kb / 68P
   Economy teletext and TV microcontrollers
1997 Jul 07
SAA5290 PHILIPS-SAA5290 Datasheet
360Kb / 33P
   One page Economy Teletext/TV microcontroller
February 1995
83C145 PHILIPS-83C145 Datasheet
243Kb / 40P
   Microcontrollers for TV and video MTV
1996 Mar 22
TDA837X PHILIPS-TDA837X Datasheet
451Kb / 72P
   I2C-bus controlled economy PAL/NTSC and NTSC TV-processors
1997 Jul 01
SAA5246A PHILIPS-SAA5246A Datasheet
630Kb / 50P
   Integrated VIP and Teletext IVT1.0
January 1993
PCA84C646 PHILIPS-PCA84C646 Datasheet
564Kb / 72P
   Microcontrollers for TV tuning control and OSD applications
1995 Jun 15
TDA9550 PHILIPS-TDA9550 Datasheet
520Kb / 125P
   TV signal processor-Teletext decoder with embedded m-Controller
2000 Apr 06
TDA935XPS PHILIPS-TDA935XPS Datasheet
490Kb / 118P
   TV signal processor-Teletext decoder with embedded m-Controller
2001 Jan 18
TDA935X PHILIPS-TDA935X Datasheet
667Kb / 118P
   TV signal processor-Teletext decoder with embedded m-Controller
2001 Jan 18
SAA5244A PHILIPS-SAA5244A Datasheet
198Kb / 32P
   Integrated VIP and teletext decoder IVT1.1
March 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com