Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA5290 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SAA5290
Description  Economy teletext and TV microcontrollers
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA5290 Datasheet(HTML) 2 Page - NXP Semiconductors

  SAA5290 Datasheet HTML 1Page - NXP Semiconductors SAA5290 Datasheet HTML 2Page - NXP Semiconductors SAA5290 Datasheet HTML 3Page - NXP Semiconductors SAA5290 Datasheet HTML 4Page - NXP Semiconductors SAA5290 Datasheet HTML 5Page - NXP Semiconductors SAA5290 Datasheet HTML 6Page - NXP Semiconductors SAA5290 Datasheet HTML 7Page - NXP Semiconductors SAA5290 Datasheet HTML 8Page - NXP Semiconductors SAA5290 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
February 1995
2
Philips Semiconductors
Preliminary specification
One page Economy Teletext/TV
microcontroller
SAA5290
FEATURES
General
• Complete one page teletext decoder and TV
microcontroller in a single 52-pin package
• Eastern European, Western European and Turkish
language variants covered in one device
• Double size, double width and double height character
capability for On-Screen Display (OSD)
• Enhanced display features including meshing and
shadowing
• Separate display and acquisition timing for increased
flexibility
• Minimum peripheral component count
• 525 line and 625 line display synchronization
• Standby mode through power-down of teletext and
analog hardware.
Microcontroller
• 16 kbytes masked ROM (16 kbytes EEPROM variant for
product development)
• 256 bytes of on-chip RAM
• Six 6-bit Pulse Width Modulators (PWM) and one 14-bit
precision PWM
• 4-bit Digital-to-Analog Converter (DAC) and comparator
with a 3-input multiplexer allowing implementation of 3
Analog-to-Digital Converters (ADC) in software
• 2 high current (10 mA) open-drain outputs
• Interrupt logic 0 triggered on rising and falling edges,
providing pulse-width measurement for remote control
decoding
• Master and slave bit-level I2C-bus hardware.
DESCRIPTION
The SAA5290 is a single-chip one page teletext decoder
and television control microcontroller. The device will
decode 625-line based World System Teletext
transmissions and provides television control functions
and On-Screen Display (OSD) functions.
The teletext decoder hardware is a derivative of the
SAA5254 (IVT1.1X), and the TV control functionality
provided by an on-chip industrial standard 80C51
microcontroller. A single-page static RAM is included
on-board providing a complete one page teletext decoder
and OSD memory.
The SAA5290 is available as a mask-programmed ROM
version. An EEPROM version is also available for product
development. Both versions are available in an SDIP52
package.
ORDERING INFORMATION
Notes
1. nnn is a three-digit number referencing the microcontroller program ROM mask.
2. I is a digit number referring to the language variant of the SAA5290ZP/NV.
TYPE NUMBER
MEMORY
PACKAGE
NAME
DESCRIPTION
VERSION
SAA5290ZP/nnn(1)
ROM
SDIP52
plastic shrink dual in-line package; 52 leads (600 mil)
SOT247-1
SAA5290ZP/NVI(2)
EEPROM
SDIP52
plastic shrink dual in-line package; 52 leads (600 mil)
SOT247-1


Similar Part No. - SAA5290

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA5290 PHILIPS-SAA5290 Datasheet
360Kb / 33P
   One page Economy Teletext/TV microcontroller
February 1995
SAA5290PS PHILIPS-SAA5290PS Datasheet
612Kb / 68P
   Economy teletext and TV microcontrollers
1997 Jul 07
SAA5290ZP PHILIPS-SAA5290ZP Datasheet
360Kb / 33P
   One page Economy Teletext/TV microcontroller
February 1995
SAA5290ZP/NV PHILIPS-SAA5290ZP/NV Datasheet
360Kb / 33P
   One page Economy Teletext/TV microcontroller
February 1995
More results

Similar Description - SAA5290

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA5X9X PHILIPS-SAA5X9X Datasheet
612Kb / 68P
   Economy teletext and TV microcontrollers
1997 Jul 07
SAA5290 PHILIPS-SAA5290 Datasheet
360Kb / 33P
   One page Economy Teletext/TV microcontroller
February 1995
83C145 PHILIPS-83C145 Datasheet
243Kb / 40P
   Microcontrollers for TV and video MTV
1996 Mar 22
TDA837X PHILIPS-TDA837X Datasheet
451Kb / 72P
   I2C-bus controlled economy PAL/NTSC and NTSC TV-processors
1997 Jul 01
SAA5246A PHILIPS-SAA5246A Datasheet
630Kb / 50P
   Integrated VIP and Teletext IVT1.0
January 1993
PCA84C646 PHILIPS-PCA84C646 Datasheet
564Kb / 72P
   Microcontrollers for TV tuning control and OSD applications
1995 Jun 15
TDA9550 PHILIPS-TDA9550 Datasheet
520Kb / 125P
   TV signal processor-Teletext decoder with embedded m-Controller
2000 Apr 06
TDA935XPS PHILIPS-TDA935XPS Datasheet
490Kb / 118P
   TV signal processor-Teletext decoder with embedded m-Controller
2001 Jan 18
TDA935X PHILIPS-TDA935X Datasheet
667Kb / 118P
   TV signal processor-Teletext decoder with embedded m-Controller
2001 Jan 18
SAA5244A PHILIPS-SAA5244A Datasheet
198Kb / 32P
   Integrated VIP and teletext decoder IVT1.1
March 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com