Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF5189 Datasheet(PDF) 10 Page - RF Micro Devices

Part # RF5189
Description  3V, 2.45GHz LINEAR POWER AMPLIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5189 Datasheet(HTML) 10 Page - RF Micro Devices

Back Button RF5189_06 Datasheet HTML 2Page - RF Micro Devices RF5189_06 Datasheet HTML 3Page - RF Micro Devices RF5189_06 Datasheet HTML 4Page - RF Micro Devices RF5189_06 Datasheet HTML 5Page - RF Micro Devices RF5189_06 Datasheet HTML 6Page - RF Micro Devices RF5189_06 Datasheet HTML 7Page - RF Micro Devices RF5189_06 Datasheet HTML 8Page - RF Micro Devices RF5189_06 Datasheet HTML 9Page - RF Micro Devices RF5189_06 Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
2-664
RF5189
Rev A7 060127
PCB Solder Mask Pattern
Liquid Photo-Imageable (LPI) solder mask is recommended. The solder mask footprint will match what is shown for the
PCB Metal Land Pattern with a 3mil expansion to accommodate solder mask registration clearance around all pads. The
center-grounding pad shall also have a solder mask clearance. Expansion of the pads to create solder mask clearance
can be provided in the master data or requested from the PCB fabrication supplier.
Thermal Pad and Via Design
The PCB Metal Land Pattern has been designed with a thermal pad that matches the exposed die paddle size on the
bottom of the device.
Thermal vias are required in the PCB layout to effectively conduct heat away from the package. The via pattern has been
designed to address thermal, power dissipation and electrical requirements of the device as well as accommodating
routing strategies.
The via pattern used for the RFMD qualification is based on thru-hole vias with 0.203mm to 0.330mm finished hole size
on a 0.5mm to 1.2mm grid pattern with 0.025mm plating on via walls. If micro vias are used in a design, it is suggested
that the quantity of vias be increased by a 4:1 ratio to achieve similar results.
B
B
B
A
A
A
B
B
B
C
A
A
A
Dimensions in mm.
Pin 1
Pin 6
Pin 9
Pin 12
0.78 Typ.
0.78 Typ.
A = 0.79 x 0.38 (mm) Typ.
B = 0.38 x 0.79 (mm) Typ.
C = 1.55 (mm) Sq.
0.50 Typ.
1.00 Typ.
1.00 Typ.
0.50 Typ.
Figure 2. PCB Solder Mask Pattern (Top View)


Similar Part No. - RF5189_06

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5189PCBA RFMD-RF5189PCBA Datasheet
229Kb / 10P
   3V, 2.45GHz LINEAR POWER AMPLIFIER
RF5189PCBA-41X RFMD-RF5189PCBA-41X Datasheet
254Kb / 12P
   3V, 2.45GHz LINEAR POWER AMPLIFIER
RF5189 RFMD-RF5189_1 Datasheet
254Kb / 12P
   3V, 2.45GHz LINEAR POWER AMPLIFIER
RF5189 RFMD-RF5189_11 Datasheet
195Kb / 12P
   2.45GHz LINEAR POWER AMPLIFIER
More results

Similar Description - RF5189_06

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5189 RFMD-RF5189_1 Datasheet
254Kb / 12P
   3V, 2.45GHz LINEAR POWER AMPLIFIER
RF5189 RFMD-RF5189 Datasheet
229Kb / 10P
   3V, 2.45GHz LINEAR POWER AMPLIFIER
RF5189 RFMD-RF5189_11 Datasheet
195Kb / 12P
   2.45GHz LINEAR POWER AMPLIFIER
RF2189 RFMD-RF2189 Datasheet
102Kb / 6P
   3V, 2.5GHZ LINEAR POWER AMPLIFIER
RF2196 RFMD-RF2196 Datasheet
180Kb / 8P
   3V PCS LINEAR POWER AMPLIFIER
RF5300 RFMD-RF5300_1 Datasheet
237Kb / 10P
   3V, 5GHz LINEAR POWER AMPLIFIER
RF2129 RFMD-RF2129 Datasheet
83Kb / 6P
   3V, 2.5GHZ LINEAR POWER AMPLIFIER
RF2163 RFMD-RF2163 Datasheet
96Kb / 6P
   3V, 2.5GHZ LINEAR POWER AMPLIFIER
RF2192 RFMD-RF2192_1 Datasheet
282Kb / 12P
   3V 900MHz LINEAR POWER AMPLIFIER
RF2163 RFMD-RF2163_06 Datasheet
148Kb / 10P
   3V, 2.5GHz LINEAR POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com