Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RF3865 Datasheet(PDF) 3 Page - RF Micro Devices

Part No. RF3865
Description  WIDE BANDWIDTH, HIGH LINEARITY LOW NOISE AMPLIFIER/LINEAR DRIVER
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RFMD [RF Micro Devices]
Homepage  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3865 Datasheet(HTML) 3 Page - RF Micro Devices

  RF3865 Datasheet HTML 1Page - RF Micro Devices RF3865 Datasheet HTML 2Page - RF Micro Devices RF3865 Datasheet HTML 3Page - RF Micro Devices RF3865 Datasheet HTML 4Page - RF Micro Devices RF3865 Datasheet HTML 5Page - RF Micro Devices RF3865 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3 of 6
RF3865
Rev A0 DS070622
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Package Drawing
Pin
Function
Description
1NC
Not connected.
2NC
Not connected.
3RF IN
RF input pin. 50
Ω matched. This pin is DC-blocked.
4NC
Not connected.
5AC GND1
AC ground. Shunt cap may be added for tuning.
6NC
Not connected.
7
INTERSTAGE
OUT
Interstage RF output.
8NC
Not connected.
9
INTERSTAGE
IN
Interstage RF input.
10
NC
Not connected.
11
AC GND2
AC ground. Shunt resistor may be added to increase IDD and OIP3.
12
NC
Not connected.
13
RF OUT
RF output pin. 50
Ω matched. This pin is DC-blocked
14
NC
Not connected.
15
NC
Not connected.
16
NC
Not connected.
17
VD2
Bias voltage. 2.5V to 6.0V applied through bias inductor.
18
NC
Not connected.
19
VD1
Bias voltage. 2.5V to 6.0V applied through bias inductor.
20
NC
Not connected.
Pkg
Base
GND
Ground connection and heat sink.
0.90
0.80
0.20 REF
0.05
0.00
0.70
0.60
0.05 C
12°
MAX
-C-
SEATING
PLANE
-A-
2.75 TYP
5.00 SQ.
2 PLCS
0.10 CA
2 PLCS
0.10 CB
-B-
2 PLCS
0.10 CB
2.37 TYP
4.75 SQ.
0.10 CA
0.65
0.35
0.23
PIN 1 ID
0.20 R
3.20
3.00
SQ.
0.60
0.24
TYP
0.75
0.50
TYP
Dimensions in mm.


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn