Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C412C689Z5G5HA Datasheet(PDF) 7 Page - Kemet Corporation

Part # C412C689Z5G5HA
Description  Ceramic Leaded Capacitors
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C412C689Z5G5HA Datasheet(HTML) 7 Page - Kemet Corporation

Back Button C412C689Z5G5HA Datasheet HTML 3Page - Kemet Corporation C412C689Z5G5HA Datasheet HTML 4Page - Kemet Corporation C412C689Z5G5HA Datasheet HTML 5Page - Kemet Corporation C412C689Z5G5HA Datasheet HTML 6Page - Kemet Corporation C412C689Z5G5HA Datasheet HTML 7Page - Kemet Corporation C412C689Z5G5HA Datasheet HTML 8Page - Kemet Corporation C412C689Z5G5HA Datasheet HTML 9Page - Kemet Corporation C412C689Z5G5HA Datasheet HTML 10Page - Kemet Corporation C412C689Z5G5HA Datasheet HTML 11Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
50
100
200
50
100
200
50
100
200
50
100
200
50
100
200
10pF
100
K,M
12
120
K,M
15
150
K,M
18
180
K,M
22
220
K,M
27
270
K,M
33
330
K,M
39
390
K,M
47
470
K,M
56
560
K,M
68
680
K,M
82
820
K,M
100
101
K,M
120
121
K,M
150
151
K,M
180
181
K,M
220
221
K,M
270
271
K,M
330
331
K,M
390
391
K,M
470
471
K,M
560
561
K,M
680
681
K,M
820
821
K,M
1000
102
K,M
1200
122
K,M
1500
152
K,M
1800
182
K,M
2200
222
K,M
2700
272
K,M
3300
332
K,M
3900
392
K,M
4700
472
K,M
5600
562
K,M
6800
682
K,M
8200
822
K,M
.010uF
103
K,M
.012
123
K,M
.015
153
K,M
.018
183
K,M
.022
223
K,M
.027
273
K,M
.033
333
K,M
.039
393
K,M
.047
473
K,M
.056
563
K,M
.068
683
K,M
.082
823
K,M
.10
104
K,M
.12
124
K,M
.15
154
K,M
.18
184
K,M
.22
224
K,M
.27
274
K,M
.33
334
K,M
.39
394
K,M
.47
474
K,M
.56
564
K,M
.68
684
K,M
C440
WVDC
WVDC
WVDC
WVDC
WVDC
C410
C412
C420
C430
Cap
Cap
Code
Style
Cap
Tol
STABLE TEMPERATURE CHARACTERISTIC – X7R
© KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
7
CERAMIC CONFORMALLY COATED/AXIAL
“AXIMAX”
For packaging information, see pages 39 and 41.
RATINGS & PART NUMBER REFERENCE


Similar Part No. - C412C689Z5G5HA

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C412C683K5R5TA KEMET-C412C683K5R5TA Datasheet
59Kb / 1P
   Ceramic, AxiMax, 0.068 uF, 10%, 50 V, X7R, AxiMax, Commercial Standard
More results

Similar Description - C412C689Z5G5HA

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
UP025B121K-A-BZ TAIYO-YUDEN-UP025B121K-A-BZ Datasheet
138Kb / 1P
   Axial Leaded Ceramic Capacitors
UP025B152K-A-BZ TAIYO-YUDEN-UP025B152K-A-BZ Datasheet
139Kb / 1P
   Axial Leaded Ceramic Capacitors
UP025B391K-A-BZ TAIYO-YUDEN-UP025B391K-A-BZ Datasheet
138Kb / 1P
   Axial Leaded Ceramic Capacitors
UP025B472K-A-BZ TAIYO-YUDEN-UP025B472K-A-BZ Datasheet
138Kb / 1P
   Axial Leaded Ceramic Capacitors
UP025B821K-A-BZ TAIYO-YUDEN-UP025B821K-A-BZ Datasheet
138Kb / 1P
   Axial Leaded Ceramic Capacitors
UP050B182K-A-BZ TAIYO-YUDEN-UP050B182K-A-BZ Datasheet
139Kb / 1P
   Axial Leaded Ceramic Capacitors
UP050B273K-A-BZ TAIYO-YUDEN-UP050B273K-A-BZ Datasheet
139Kb / 1P
   Axial Leaded Ceramic Capacitors
UP050B474K-A-BZ TAIYO-YUDEN-UP050B474K-A-BZ Datasheet
139Kb / 1P
   Axial Leaded Ceramic Capacitors
UP050B563K-A-BZ TAIYO-YUDEN-UP050B563K-A-BZ Datasheet
139Kb / 1P
   Axial Leaded Ceramic Capacitors
UP025CH331J-A-BZ TAIYO-YUDEN-UP025CH331J-A-BZ Datasheet
138Kb / 1P
   Axial Leaded Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com