Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF3806PCK-415 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF3806PCK-415
Description  GaAs HBT PRE-DRIVER AMPLIFIER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3806PCK-415 Datasheet(HTML) 5 Page - RF Micro Devices

  RF3806PCK-415 Datasheet HTML 1Page - RF Micro Devices RF3806PCK-415 Datasheet HTML 2Page - RF Micro Devices RF3806PCK-415 Datasheet HTML 3Page - RF Micro Devices RF3806PCK-415 Datasheet HTML 4Page - RF Micro Devices RF3806PCK-415 Datasheet HTML 5Page - RF Micro Devices RF3806PCK-415 Datasheet HTML 6Page - RF Micro Devices RF3806PCK-415 Datasheet HTML 7Page - RF Micro Devices RF3806PCK-415 Datasheet HTML 8Page - RF Micro Devices RF3806PCK-415 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
3
3-117
RF3806
Rev A3 DS070509
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Application Schematic - DCS/PHS/PCS
1800MHz to 2025MHz
Low Power Linear Operation
This schematic for low power linear operation:
21dBm<POUT<27dBm, 5V<VCC<8V. Bias R seen above for 8V and 60mA IREF. See biasing table for setting resistance at
other supply voltages.
Application Schematic - DCS/PCS
1800MHz to 1990MHz
High Power Operation
This schematic for high power operation:
POUT>27dBm, 5V<VCC<8V. Bias R seen above for 8V and 41mA IREF. See biasing table for setting resistance at other supply
voltages.
5.6 pF
270
Ω
270
Ω
1
2
3
4
8
7
6
5
Bias
Circuit
270
Ω
270
Ω
VREF
*
Open
10 pF
Open
VBIAS
1000 pF
10 pF
0.1
μF
10
μF
+
24 nH
10 pF
0.1
μF
10
μF
+
0
Ω
VCC
6.8 nH
1000 pF
10
μF
+
0.1
μF
1000 pF
10 pF
RF IN
* PHS/PCS: 1.8 pF
DCS: 2.4 pF
Open
L2
24 nH
Open
Open
1000 pF
10 pF
0.1
μF
10 pF
1000 pF
0.1
μF
+
10
μF
+
10
μF
Open
7.5 pF
Open
RF OUT
3.3 pF
Open
5.6 pF
Open
C30
5.1 pF
R7
430
Ω
R8
430
Ω
1
2
3
4
8
7
6
5
Bias
Circuit
R4
390
Ω
R5
390
Ω
VREF
C20
1.5 pF
C19
Open
C28
5.1 pF
C18
Open
VBIAS
C44
1000 pF
C49
10 pF
C48
0.1
μF
C45
10
μF
+
L4
24 nH
C35
10 pF
C33
0.1
μF
C34
10
μF
+
R10
0
Ω
VCC
C27
Open
C40
10
μF
+
C41
0.1
μF
C39
1000 pF
C38
10 pF
RF IN
C9
Open
L2
24 nH
C10
Open
C18
Open
C5
1000 pF
C7
10 pF
C11
0.1
μF
C48
10 pF
C40
1000 pF
C51
0.1
μF
+
C50
10
μF
+
C8
10
μF
C13
6.8 pF
C15
0.5 pF
RF OUT
C29
2.4 pF
C12
Open
C14
2.7 pF
C8
1 pF
50
Ωμstrip
50
Ωμstrip


Similar Part No. - RF3806PCK-415

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3800 RFMD-RF3800 Datasheet
59Kb / 2P
   GaAs HBT PRE-DRIVER AMPLIFIER
RF3800 RFMD-RF3800 Datasheet
1Mb / 12P
   GaAs HBT PRE-DRIVER AMPLIFIER
RF3800PCBA-416 RFMD-RF3800PCBA-416 Datasheet
59Kb / 2P
   GaAs HBT PRE-DRIVER AMPLIFIER
RF3800PCBA-416 RFMD-RF3800PCBA-416 Datasheet
1Mb / 12P
   GaAs HBT PRE-DRIVER AMPLIFIER
RF3800 RFMD-RF3800_07 Datasheet
1Mb / 12P
   GaAs HBT PRE-DRIVER AMPLIFIER
More results

Similar Description - RF3806PCK-415

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3809 RFMD-RF3809_1 Datasheet
809Kb / 22P
   GaAs HBT PRE-DRIVER AMPLIFIER
RF3809 RFMD-RF3809 Datasheet
1Mb / 18P
   GaAs HBT PRE-DRIVER AMPLIFIER
RF3802 RFMD-RF3802_06 Datasheet
1Mb / 12P
   GaAs HBT PRE-DRIVER AMPLIFIER
RF3802 RFMD-RF3802 Datasheet
62Kb / 2P
   GaAs HBT PRE-DRIVER AMPLIFIER
RF3807 RFMD-RF3807 Datasheet
1Mb / 18P
   GaAs HBT PRE-DRIVER AMPLIFIER
RF3800 RFMD-RF3800 Datasheet
59Kb / 2P
   GaAs HBT PRE-DRIVER AMPLIFIER
RF3805 RFMD-RF3805 Datasheet
62Kb / 2P
   GaAs HBT PRE-DRIVER AMPLIFIER
RF3807 RFMD-RF3807_1 Datasheet
781Kb / 20P
   GaAs HBT PRE-DRIVER AMPLIFIER
RF3800 RFMD-RF3800_07 Datasheet
1Mb / 12P
   GaAs HBT PRE-DRIVER AMPLIFIER
RF3802 RFMD-RF3802_1 Datasheet
1Mb / 12P
   GaAs HBT PRE-DRIVER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com