Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B9414 Datasheet(PDF) 5 Page - EPCOS

Part # B9414
Description  SAW Filter 1950.0 MHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B9414 Datasheet(HTML) 5 Page - EPCOS

  B9414 Datasheet HTML 1Page - EPCOS B9414 Datasheet HTML 2Page - EPCOS B9414 Datasheet HTML 3Page - EPCOS B9414 Datasheet HTML 4Page - EPCOS B9414 Datasheet HTML 5Page - EPCOS B9414 Datasheet HTML 6Page - EPCOS B9414 Datasheet HTML 7Page - EPCOS B9414 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
August 02, 2006
B9414
1950.0 MHz
SAW Components
SAW Filter
Preliminary Data
Please read
cautions and warnings and
important notes at the end of this document.
Transfer function
Transfer function (wideband)


Similar Part No. - B9414

ManufacturerPart #DatasheetDescription
logo
EPCOS
B9414 EPCOS-B9414 Datasheet
78Kb / 8P
   SAW Tx Filter WCDMA Band I
B9414 EPCOS-B9414_08 Datasheet
78Kb / 8P
   SAW Tx Filter WCDMA Band I
More results

Similar Description - B9414

ManufacturerPart #DatasheetDescription
logo
EPCOS
B7642 EPCOS-B7642 Datasheet
128Kb / 11P
   SAW Duplexer 1950.0 / 2140.0 MHz
B7641 EPCOS-B7641 Datasheet
128Kb / 11P
   SAW Duplexer 1950.0 / 2140.0 MHz
B9409 EPCOS-B9409 Datasheet
76Kb / 8P
   SAW Components Low-Loss Filter for Mobile Communication 1950.0 MHz
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1163A TAI-SAW-TA1163A Datasheet
434Kb / 6P
   SAW Filter 914.5 MHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com