Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B9410 Datasheet(PDF) 7 Page - EPCOS

Part # B9410
Description  SAW filter 2441.75 MHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B9410 Datasheet(HTML) 7 Page - EPCOS

  B9410 Datasheet HTML 1Page - EPCOS B9410 Datasheet HTML 2Page - EPCOS B9410 Datasheet HTML 3Page - EPCOS B9410 Datasheet HTML 4Page - EPCOS B9410 Datasheet HTML 5Page - EPCOS B9410 Datasheet HTML 6Page - EPCOS B9410 Datasheet HTML 7Page - EPCOS B9410 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
May 30, 2006
B9410
2441.75 MHz
SAW Components
SAW filter
Data Sheet
Please read
cautions and warnings and
important notes at the end of this document.
References
Type
B9410
Ordering code
B39242B9410K610
Marking and package
C61157-A8-A1
Packaging
F61074-V8212-Z000
Date codes
L_1126
S-parameters
LP14E_NB.s3p
LP14E_WB.s3p
Soldering profile
S_6001
RoHS compatible
defined as compatible with the following documents:
"DIRECTIVE 2002/95/EC OF THE EUROPEAN PARLIAMENT
AND OF THE COUNCIL of 27 January 2003 on the restriction
of the use of certain hazardous substances in electrical and
electronic equipment. 2005/618/EC from April 18th, 2005,
amending Directive 2002/95/EC of the European Parliament
and of the Council for the purposes of establishing the maxi-
mum concentration values for certain hazardous substances in
electrical and electronic equipment."
Moldability
Before using in overmolding environment, please contact your
EPCOS sales office.
For further information please contact your local EPCOS sales office or visit our webpage at
www.epcos.com .
Published by EPCOS AG
Surface Acoustic Wave Components Division
P.O. Box 80 17 09, 81617 Munich, GERMANY
© EPCOS AG 2006. This brochure replaces the previous edition.
For questions on technology, prices and delivery please contact the Sales Offices of EPCOS AG or
the international Representatives.
Due to technical requirements components may contain dangerous substances. For information on
the type in question please also contact one of our Sales Offices.


Similar Part No. - B9410

ManufacturerPart #DatasheetDescription
logo
EPCOS
B9410 EPCOS-B9410 Datasheet
80Kb / 8P
   SAW filter for mobile communications
B9410 EPCOS-B9410_1 Datasheet
80Kb / 8P
   SAW filter for mobile communications
More results

Similar Description - B9410

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
856166 TRIQUINT-856166 Datasheet
434Kb / 5P
   2441.75 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1834C TAI-SAW-TA1834C Datasheet
533Kb / 8P
   SAW Filter 2441.75 MHz SMD 1.4x1.1 mm (BW=83.5 MHz)
logo
EPCOS
B7742 EPCOS-B7742 Datasheet
217Kb / 16P
   SAW GPS Extractor Filter 1575.42 / 859.0 / 1810.0 / 1920.0 / 2441.75 MHz
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1163A TAI-SAW-TA1163A Datasheet
434Kb / 6P
   SAW Filter 914.5 MHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com