Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA5288 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SAA5288
Description  TV microcontroller with full screen On Screen Display OSD
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA5288 Datasheet(HTML) 2 Page - NXP Semiconductors

  SAA5288 Datasheet HTML 1Page - NXP Semiconductors SAA5288 Datasheet HTML 2Page - NXP Semiconductors SAA5288 Datasheet HTML 3Page - NXP Semiconductors SAA5288 Datasheet HTML 4Page - NXP Semiconductors SAA5288 Datasheet HTML 5Page - NXP Semiconductors SAA5288 Datasheet HTML 6Page - NXP Semiconductors SAA5288 Datasheet HTML 7Page - NXP Semiconductors SAA5288 Datasheet HTML 8Page - NXP Semiconductors SAA5288 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
1997 Jun 24
2
Philips Semiconductors
Preliminary specification
TV microcontroller with full screen
On Screen Display (OSD)
SAA5288
CONTENTS
1
FEATURES
1.1
General
1.2
Microcontroller
1.3
Display
2
GENERAL DESCRIPTION
3
QUICK REFERENCE DATA
4
ORDERING INFORMATION
5
BLOCK DIAGRAM
6
PINNING INFORMATION
6.1
Pinning
6.2
Pin description
7
FUNCTIONAL DESCRIPTION
7.1
Microcontroller
7.2
80C51 features not supported
7.2.1
Interrupt priority
7.2.2
Off-chip memory
7.2.3
Idle and Power-down modes
7.2.4
UART function
7.3
Additional features
7.3.1
Interrupts
7.3.2
Bit Level I2C-bus Interface
7.3.3
Byte Level I2C-bus Interface
7.3.4
LED support
7.3.5
6-bit PWM DACs
7.3.6
14-bit PWM DAC
7.3.7
Software ADC
7.4
Microcontroller Interfacing
7.4.1
Special Function Register map
7.4.2
Special Function Registers bit description
7.5
The display
7.5.1
Introduction
7.5.2
Character matrix
7.5.3
Page attributes
7.5.4
East/west selection
7.5.5
National option characters
7.6
The twist attribute
7.6.1
On screen display symbols
7.6.2
Language group identification
7.6.3
525-line operation
7.6.4
Control characters
7.6.5
Display modes
7.7
On Screen Display boxes
7.8
Screen colour
7.9
Cursor
7.10
Other display features
7.11
Display timing
7.12
Horizontal timing
7.13
Vertical timing
7.14
Display position
7.15
Clock generator
8
CHARACTER SETS
8.1
Pan-European
8.2
Russian
8.3
Greek/Turkish
8.4
Arabic/English/French
8.5
Thai
8.6
Arabic/Hebrew
9
LIMITING VALUES
10
CHARACTERISTICS
11
CHARACTERISTICS FOR THE I2C-BUS
INTERFACE
12
QUALITY SPECIFICATIONS
13
APPLICATION INFORMATION
14
EMC GUIDELINES
15
PACKAGE OUTLINE
16
SOLDERING
16.1
Introduction
16.2
Soldering by dipping or by wave
16.3
Repairing soldered joints
17
DEFINITIONS
18
LIFE SUPPORT APPLICATIONS
19
PURCHASE OF PHILIPS I2C COMPONENTS


Similar Part No. - SAA5288

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA5281 PHILIPS-SAA5281 Datasheet
1Mb / 48P
   Integrated Video input processor and Teletext decoder IVT1.8
1996 Nov 04
SAA5281GP PHILIPS-SAA5281GP Datasheet
1Mb / 48P
   Integrated Video input processor and Teletext decoder IVT1.8
1996 Nov 04
SAA5281P PHILIPS-SAA5281P Datasheet
1Mb / 48P
   Integrated Video input processor and Teletext decoder IVT1.8
1996 Nov 04
SAA5281ZP PHILIPS-SAA5281ZP Datasheet
1Mb / 48P
   Integrated Video input processor and Teletext decoder IVT1.8
1996 Nov 04
SAA5284 PHILIPS-SAA5284 Datasheet
159Kb / 24P
   Multimedia video data acquisition circuit
1998 Feb 05
More results

Similar Description - SAA5288

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA56XX PHILIPS-SAA56XX Datasheet
450Kb / 112P
   Enhanced TV microcontrollers with On-Screen Display (OSD)
2001 Dec 13
SAA567X PHILIPS-SAA567X Datasheet
532Kb / 116P
   Enhanced TV microcontrollers with On-Screen Display (OSD)
2002 May 06
SAA5520 PHILIPS-SAA5520 Datasheet
340Kb / 80P
   Standard TV Microcontrollers with On-Screen Display(OSD)
1999 Oct 27
SAA55XX PHILIPS-SAA55XX Datasheet
348Kb / 84P
   TV microcontrollers with Closed Captioning (CC) and On-Screen Display (OSD)
2000 Feb 23
logo
Texas Instruments
TLS1255 TI1-TLS1255 Datasheet
139Kb / 7P
[Old version datasheet]   VIDEO PREAMPLIFIER SYSTEM WITH ON-SCREEN DISPLAY (OSD)MIXER
logo
Sanyo Semicon Device
LA7696 SANYO-LA7696 Datasheet
146Kb / 6P
   Color TV ON-Screen Display Interface
logo
National Semiconductor ...
LM1283 NSC-LM1283 Datasheet
401Kb / 13P
   140 MHz RGB Video Amplifier System with On Screen Display (OSD)
LM1281 NSC-LM1281 Datasheet
391Kb / 14P
   85 MHz RGB Video Amplifier System with On Screen Display (OSD)
LM1282 NSC-LM1282 Datasheet
488Kb / 14P
   110 MHz RGB Video Amplifier System with On Screen Display (OSD)
logo
Fujitsu Component Limit...
MB90050 FUJITSU-MB90050 Datasheet
743Kb / 41P
   On-Screen Display Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com