Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SAA5288 Datasheet(PDF) 6 Page - NXP Semiconductors

Part No. SAA5288
Description  TV microcontroller with full screen On Screen Display OSD
Download  48 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA5288 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button SAA5288 Datasheet HTML 2Page - NXP Semiconductors SAA5288 Datasheet HTML 3Page - NXP Semiconductors SAA5288 Datasheet HTML 4Page - NXP Semiconductors SAA5288 Datasheet HTML 5Page - NXP Semiconductors SAA5288 Datasheet HTML 6Page - NXP Semiconductors SAA5288 Datasheet HTML 7Page - NXP Semiconductors SAA5288 Datasheet HTML 8Page - NXP Semiconductors SAA5288 Datasheet HTML 9Page - NXP Semiconductors SAA5288 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
1997 Jun 24
6
Philips Semiconductors
Preliminary specification
TV microcontroller with full screen
On Screen Display (OSD)
SAA5288
6.2
Pin description
Table 1
SDIP52 package
SYMBOL
PIN
DESCRIPTION
P2.0/TPWM
1
Port 2. 8-bit open-drain bidirectional port with alternative functions.
P2.0/TPWM is the output for the 14-bit high precision PWM.
P2.1/PWM0 to P2.7/PWM6 are the outputs for the 6-bit PWMs 0 to 6.
P2.1/PWM0
2
P2.2/PWM1
3
P2.3/PWM2
4
P2.4/PWM3
5
P2.5/PWM4
6
P2.6/PWM5
7
P2.7/PWM6
8
P3.0/ADC0
9
Port 3. 8-bit open-drain bidirectional port with alternative functions.
P3.0/ADC0 to P3.3/ADC3 are the inputs for the software ADC facility.
P3.4/PWM7 is the output for the 6-bit PWM7.
P3.1/ADC1
10
P3.2/ADC2
11
P3.3/ADC3
12
P3.4/PWM7
30
VSSD
13
Digital ground
P0.0
14
Port 0. 8-bit open-drain bidirectional port.
P0.5 and P0.6 have 10 mA current sinking capability for direct drive of LEDs.
P0.1
15
P0.2
16
P0.3
17
P0.4
18
P0.5
19
P0.6
20
P0.7
21
VSSD
22
Digital ground.
i.c.
23
Internally connected; this pin should be connected to digital ground.
i.c.
24
Internally connected; this pin should be connected to digital ground.
i.c.
25
Internally connected; this pin should be connected to digital ground.
IREF
26
Reference current input for analog current generator, connected to VSSA via a 27 kΩ
resistor.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn