Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF3395 Datasheet(PDF) 8 Page - RF Micro Devices

Part # RF3395
Description  GENERAL PURPOSE AMPLIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3395 Datasheet(HTML) 8 Page - RF Micro Devices

Back Button RF3395 Datasheet HTML 2Page - RF Micro Devices RF3395 Datasheet HTML 3Page - RF Micro Devices RF3395 Datasheet HTML 4Page - RF Micro Devices RF3395 Datasheet HTML 5Page - RF Micro Devices RF3395 Datasheet HTML 6Page - RF Micro Devices RF3395 Datasheet HTML 7Page - RF Micro Devices RF3395 Datasheet HTML 8Page - RF Micro Devices RF3395 Datasheet HTML 9Page - RF Micro Devices RF3395 Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
4-598
RF3395
Rev A5 060908
PCB Design Requirements
PCB Surface Finish
The PCB surface finish used for RFMD’s qualification process is Electroless Nickel, immersion Gold. Typical thickness is
3
μinch to 8μinch Gold over 180μinch Nickel.
PCB Land Pattern Recommendation
PCB land patterns are based on IPC-SM-782 standards when possible. The pad pattern shown has been developed and
tested for optimized assembly at RFMD; however, it may require some modifications to address company specific
assembly processes. The PCB land pattern has been developed to accommodate lead and package tolerances.
PCB Metal Land Mask Pattern
A = 0.59 x 0.32 (mm) Typ.
0.65 (mm) Typ.
Pin 1
0.40 (mm) Typ.
0.95 (mm)
Typ.
0.65 (mm)
Typ.
3.20 (mm)
Typ.
A
A
A
A
A
A
0.80 (mm) Typ.
1.00 (mm)
2.60 (mm)
1.30 (mm)
Typ.
0.30 (mm) Typ.
2.20 (mm)
Typ.
1.00 (mm)
Typ.
0.70 (mm)
Typ.
Figure 1. PCB Metal Land Pattern (Top View)


Similar Part No. - RF3395

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3395 RFMD-RF3395 Datasheet
270Kb / 10P
   GENERAL PURPOSE AMPLIFIER
RF3395PCBA-41X RFMD-RF3395PCBA-41X Datasheet
270Kb / 10P
   GENERAL PURPOSE AMPLIFIER
RF3395 RFMD-RF3395_1 Datasheet
270Kb / 10P
   GENERAL PURPOSE AMPLIFIER
More results

Similar Description - RF3395

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2046 RFMD-RF2046_07 Datasheet
104Kb / 8P
   GENERAL PURPOSE AMPLIFIER
RF2043 RFMD-RF2043 Datasheet
68Kb / 6P
   GENERAL PURPOSE AMPLIFIER
RF2047 RFMD-RF2047 Datasheet
68Kb / 6P
   GENERAL PURPOSE AMPLIFIER
RF2307 RFMD-RF2307 Datasheet
59Kb / 4P
   GENERAL PURPOSE AMPLIFIER
RF2308 RFMD-RF2308 Datasheet
59Kb / 4P
   GENERAL PURPOSE AMPLIFIER
RF2334 RFMD-RF2334_03 Datasheet
177Kb / 8P
   GENERAL PURPOSE AMPLIFIER
logo
KODENSHI_AUK CORP.
KSD-T6O038-001 KODENSHI-KSD-T6O038-001 Datasheet
345Kb / 6P
   General purpose amplifier
2N5401 KODENSHI-2N5401 Datasheet
256Kb / 5P
   General purpose amplifier
SBT5401F KODENSHI-SBT5401F Datasheet
267Kb / 5P
   General purpose amplifier
logo
RF Micro Devices
RF2044A RFMD-RF2044A Datasheet
147Kb / 8P
   GENERAL PURPOSE AMPLIFIER
RF3396 RFMD-RF3396 Datasheet
160Kb / 10P
   GENERAL PURPOSE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com