Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA5252T Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SAA5252T
Description  Line twenty-one acquisition and display LITOD
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA5252T Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SAA5252T Datasheet HTML 4Page - NXP Semiconductors SAA5252T Datasheet HTML 5Page - NXP Semiconductors SAA5252T Datasheet HTML 6Page - NXP Semiconductors SAA5252T Datasheet HTML 7Page - NXP Semiconductors SAA5252T Datasheet HTML 8Page - NXP Semiconductors SAA5252T Datasheet HTML 9Page - NXP Semiconductors SAA5252T Datasheet HTML 10Page - NXP Semiconductors SAA5252T Datasheet HTML 11Page - NXP Semiconductors SAA5252T Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
1996 Jul 18
8
Philips Semiconductors
Product specification
Line twenty-one acquisition and display (LITOD)
SAA5252
SDA (PIN 3; OPEN DRAIN)
VIL
LOW level input voltage
−0.3
+1.5
V
VIH
HIGH level input voltage
3.0
VDD + 0.5
V
ILI
input leakage current
VI =0toVDD
−10
+10
µA
CI
input capacitance
−−
10
pF
tr
input rise time
between 10% and 90%
−−
2
µs
tf
input fall time
between 90% and 10%
−−
2
µs
VOL
LOW level output voltage
IOL = 3 mA
0
0.5
V
tf
output fall time
between 3 V and 1 V
−−
200
ns
CL
load capacitance
−−
400
pF
DR (PIN 5; OPEN DRAIN)
VIL
LOW level input voltage
−0.3
+1.5
V
VIH
HIGH level input voltage
3.0
VDD + 0.5
V
ILI
input leakage current
VI =0toVDD
−10
+10
µA
VOL
LOW level output voltage
IOL = 1.6 mA
0
0.4
V
tf
output fall time
between 4 V and 1 V with
3.3 k
Ω to 5 V
−−
50
ns
CL
load capacitance
−−
100
pF
Outputs
R, G AND B(PINS 15, 14 AND 13; CAPTION MODE)
VOL
LOW level output voltage
IOL =+2mA
0
0.2
V
VOH
HIGH level output voltage
IOH = −2mA
V17 − 0.3
V17
V17 + 0.4
V
ZO
output impedance
−−
200
CL
load capacitance
−−
50
pF
tr
output rise time
between 10% and 90%
−−
10
ns
tf
output fall time
between 90% and 10%
−−
10
ns
BLAN (PIN 16)
VOL
LOW level output voltage
IOL =+2mA
0
0.4
V
VOH
HIGH level output voltage
IOH = −2 mA
1.1
2.8
V
CL
load capacitance
−−
50
pF
tr
output rise time
between 10% and 90%
−−
10
ns
tf
output fall time
between 90% and 10%
−−
10
ns
tskew
skew delay time between
display and R, G, B, BLAN
−−
10
ns
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


Similar Part No. - SAA5252T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA5250 PHILIPS-SAA5250 Datasheet
173Kb / 35P
   Interface for data acquisition and control for multi-standard teletext systems
January 1987
SAA5250P PHILIPS-SAA5250P Datasheet
173Kb / 35P
   Interface for data acquisition and control for multi-standard teletext systems
January 1987
SAA5250T PHILIPS-SAA5250T Datasheet
173Kb / 35P
   Interface for data acquisition and control for multi-standard teletext systems
January 1987
SAA5254 PHILIPS-SAA5254 Datasheet
805Kb / 36P
   Integrated VIP and teletext decoder IVT1.1X
1996 Nov 07
SAA5254P PHILIPS-SAA5254P Datasheet
805Kb / 36P
   Integrated VIP and teletext decoder IVT1.1X
1996 Nov 07
More results

Similar Description - SAA5252T

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT59L921 EXAR-XRT59L921 Datasheet
770Kb / 32P
   TWENTY-ONE CHANNEL E1 LINE INTERFACE UNIT
logo
Vishay Siliconix
028-1-11 VISHAY-028-1-11 Datasheet
67Kb / 2P
   28 mm Diameter Twenty-One Turn Dial
Revision: 10-Jul-12
logo
SMSC Corporation
81C17 SMSC-81C17 Datasheet
71Kb / 18P
   TWENTY PIN UART (TPUART)
logo
Alpha & Omega Semicondu...
AOZ8211 AOSMD-AOZ8211 Datasheet
295Kb / 6P
   One-line TVS Diode
AOZ8201 AOSMD-AOZ8201 Datasheet
334Kb / 6P
   One-line TVS Diode
logo
Diodes Incorporated
PI6CB332001A DIODES-PI6CB332001A Datasheet
563Kb / 2P
   Twenty-Output PCIe 4.0 and 5.0 Buffer for Server and Data-Center Applications
logo
National Instruments Co...
NI9233 NI-NI9233 Datasheet
544Kb / 6P
   Sound and Vibration Data Acquisition
NIUSB-4431 NI-NIUSB-4431 Datasheet
185Kb / 5P
   Sound and Vibration Data Acquisition
logo
Alpha & Omega Semicondu...
AOZ8251 AOSMD-AOZ8251 Datasheet
256Kb / 6P
   One-line Bidirectional TVS Diode
logo
List of Unclassifed Man...
HP02S ETC2-HP02S Datasheet
177Kb / 6P
   One hardware controlled reset line
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com