Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B9030 Datasheet(PDF) 4 Page - EPCOS

Part # B9030
Description  SAW RF filter 2017.50 MHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B9030 Datasheet(HTML) 4 Page - EPCOS

  B9030 Datasheet HTML 1Page - EPCOS B9030 Datasheet HTML 2Page - EPCOS B9030 Datasheet HTML 3Page - EPCOS B9030 Datasheet HTML 4Page - EPCOS B9030 Datasheet HTML 5Page - EPCOS B9030 Datasheet HTML 6Page - EPCOS B9030 Datasheet HTML 7Page - EPCOS B9030 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
March 16, 2006
B9030
2017.50 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW RF filter
Data sheet
Maximum ratings
Operable temperature range T
–40/+85
˚C
Storage temperature range
Tstg
–40/+85
˚C
DC voltage
VDC
5
V
ESD voltage
VESD
501)
1) acc. to JESD22-A115A (machine model), 10 negative & 10 positive pulses.
V
machine model, 10 pulses
Source power
Ps
7
dBm
Continuous wave


Similar Part No. - B9030

ManufacturerPart #DatasheetDescription
logo
EPCOS
B9031 EPCOS-B9031 Datasheet
72Kb / 7P
   Low-Loss Filter for Mobile Communication
B9032 EPCOS-B9032 Datasheet
59Kb / 6P
   SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
B9034 EPCOS-B9034 Datasheet
67Kb / 9P
   SAW Components Low-Loss Filter for Mobile Communication 1960.0 MHz
B9035 EPCOS-B9035 Datasheet
72Kb / 7P
   SAW Components Low-Loss Filter for Mobile Communication 881.5 MHz
B9036 EPCOS-B9036 Datasheet
90Kb / 8P
   SAW Components SAW filter MediaFLO
More results

Similar Description - B9030

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
802-RF836.5M-D OSCILENT-802-RF836.5M-D Datasheet
225Kb / 2P
   836.5 MHz RF SAW Filter
803-RF868.3M-A OSCILENT-803-RF868.3M-A Datasheet
182Kb / 2P
   868.3 MHz RF SAW Filter
803-RF416.0M-A OSCILENT-803-RF416.0M-A Datasheet
202Kb / 2P
   416.0 MHz RF SAW Filter
803-RF446.0M-A OSCILENT-803-RF446.0M-A Datasheet
226Kb / 2P
   446.0 MHz RF SAW Filter
802-RF836.5M-A OSCILENT-802-RF836.5M-A Datasheet
159Kb / 2P
   836.5 MHz RF SAW Filter
802-RF902.5M-B OSCILENT-802-RF902.5M-B Datasheet
177Kb / 2P
   902.5 MHz RF SAW Filter
802-RF1842.5M-A OSCILENT-802-RF1842.5M-A Datasheet
180Kb / 2P
   1842.5 MHz RF SAW Filter
802-RF2140.0M-A OSCILENT-802-RF2140.0M-A Datasheet
173Kb / 2P
   2140.0 MHz RF SAW Filter
803-RF448.0M-B OSCILENT-803-RF448.0M-B Datasheet
144Kb / 2P
   448.0 MHz RF SAW Filter
803-RF1030.0M-A OSCILENT-803-RF1030.0M-A Datasheet
308Kb / 3P
   1030.0 MHz RF SAW Filter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com