Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C420C479K5G5HA Datasheet(PDF) 10 Page - Kemet Corporation

Part # C420C479K5G5HA
Description  Ceramic Leaded Capacitors
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C420C479K5G5HA Datasheet(HTML) 10 Page - Kemet Corporation

Back Button C420C479K5G5HA Datasheet HTML 6Page - Kemet Corporation C420C479K5G5HA Datasheet HTML 7Page - Kemet Corporation C420C479K5G5HA Datasheet HTML 8Page - Kemet Corporation C420C479K5G5HA Datasheet HTML 9Page - Kemet Corporation C420C479K5G5HA Datasheet HTML 10Page - Kemet Corporation C420C479K5G5HA Datasheet HTML 11Page - Kemet Corporation C420C479K5G5HA Datasheet HTML 12Page - Kemet Corporation C420C479K5G5HA Datasheet HTML 13Page - Kemet Corporation C420C479K5G5HA Datasheet HTML 14Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
Lead Spacing
.100"
± .030
Lead Spacing
.200"
± .030
Lead Spacing
.200"
± .030
Lead Spacing
.200"
± .030
Lead Spacing
Lead Spacing
.150
MAX.
.210
MAX.
.276
MIN.
.100
C 3 1 5
.150
MAX.
.230
MAX.
.230
±.030
.100
C 3 1 6
.200
.200
MAX.
.260
MAX.
.276
MIN.
.200
C 3 2 2
C 3 2 3
.320
MAX.
.276
MIN.
.200
.200
MAX.
.150
MAX.
.230
MAX.
.276
MIN.
.200
C 3 1 7
.150
MAX.
.235
MAX.
.276
MIN.
.200
C 3 1 8
.200
MAX.
.325
MAX.
.276
MIN.
C 3 2 8
.200
.200
MAX.
.350
MAX.
.230
±.030
.200
C 3 2 7
.270
.200
MAX.
.320
MAX.
.276
MIN.
.200
C 3 2 5
.300
MAX.
.360
MAX.
.276
MIN.
.250
C 3 3 1
.200
MAX.
.260
MAX.
.276
MIN.
.250
C 3 2 1
.500
MAX.
.560
MAX.
.276
MIN.
.400
C 3 5 0
.500
MAX.
.670
MAX.
.230
±.030
C 3 5 6
.400
.520
.400
MAX.
.590
MAX.
.230
±.030
.200
C 3 4 6
.320
.400
MAX.
.460
MAX.
.276
MIN.
.200
C 3 4 0
.200
MAX.
.260
MAX.
.276
MIN.
.100
C 3 2 0
.200
MAX.
.260
MAX.
.276
MIN.
.100
C 3 2 4
C 3 2 6
.230
± .030
.100
.200
MAX.
.350
MAX.
.300
MAX.
.360
MAX.
.276
MIN.
.200
C 3 3 0
.300
MAX.
.390
MAX.
.276
MIN.
.200
C 3 3 3
.300
MAX.
.420
MAX.
.276
MIN.
.200
C 3 3 5
.300
MAX.
.450
MAX.
.230
±.030
.200
C 3 3 6
.300
The preferred lead wire configurations are shown on page 9. However, additional configurations are
available. All available options, including those on page 9, are shown below grouped by lead spacing.
OPTIONAL CONFIGURATIONS BY LEAD SPACING
.200
.125
.250"
± .030
(Available in
bulk only)
.400"
± .030
(Available in
bulk only)
CERAMIC CONFORMALLY COATED/RADIAL
“STANDARD & HIGH VOLTAGE GOLDEN MAX”
© KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
10
Note: Non-standard lead lengths are available in bulk only.
Note: C330 Shoulder
be
nd leads:
X7R/50V 683-105
Z5U/100V 683-334


Similar Part No. - C420C479K5G5HA

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C420C472B1G5HA7200 KEMET-C420C472B1G5HA7200 Datasheet
2Mb / 15P
   Axial Leaded Multilayer Ceramic Capacitors
C420C472B1G5HA7200 KEMET-C420C472B1G5HA7200 Datasheet
2Mb / 15P
   Aximax, 400 Series, Conformally Coated, C0G Dielectric, 25 - 250 VDC (Commercial Grade)
C420C472B1G5HA7293 KEMET-C420C472B1G5HA7293 Datasheet
2Mb / 15P
   Aximax, 400 Series, Conformally Coated, C0G Dielectric, 25 - 250 VDC (Commercial Grade)
C420C472B1G5TA7200 KEMET-C420C472B1G5TA7200 Datasheet
2Mb / 15P
   Axial Leaded Multilayer Ceramic Capacitors
C420C472B1G5TA7200 KEMET-C420C472B1G5TA7200 Datasheet
2Mb / 15P
   Aximax, 400 Series, Conformally Coated, C0G Dielectric, 25 - 250 VDC (Commercial Grade)
More results

Similar Description - C420C479K5G5HA

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
UP025B121K-A-BZ TAIYO-YUDEN-UP025B121K-A-BZ Datasheet
138Kb / 1P
   Axial Leaded Ceramic Capacitors
UP025B152K-A-BZ TAIYO-YUDEN-UP025B152K-A-BZ Datasheet
139Kb / 1P
   Axial Leaded Ceramic Capacitors
UP025B391K-A-BZ TAIYO-YUDEN-UP025B391K-A-BZ Datasheet
138Kb / 1P
   Axial Leaded Ceramic Capacitors
UP025B472K-A-BZ TAIYO-YUDEN-UP025B472K-A-BZ Datasheet
138Kb / 1P
   Axial Leaded Ceramic Capacitors
UP025B821K-A-BZ TAIYO-YUDEN-UP025B821K-A-BZ Datasheet
138Kb / 1P
   Axial Leaded Ceramic Capacitors
UP050B182K-A-BZ TAIYO-YUDEN-UP050B182K-A-BZ Datasheet
139Kb / 1P
   Axial Leaded Ceramic Capacitors
UP050B273K-A-BZ TAIYO-YUDEN-UP050B273K-A-BZ Datasheet
139Kb / 1P
   Axial Leaded Ceramic Capacitors
UP050B474K-A-BZ TAIYO-YUDEN-UP050B474K-A-BZ Datasheet
139Kb / 1P
   Axial Leaded Ceramic Capacitors
UP050B563K-A-BZ TAIYO-YUDEN-UP050B563K-A-BZ Datasheet
139Kb / 1P
   Axial Leaded Ceramic Capacitors
UP025CH331J-A-BZ TAIYO-YUDEN-UP025CH331J-A-BZ Datasheet
138Kb / 1P
   Axial Leaded Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com