Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP7648 Datasheet(PDF) 10 Page - Sipex Corporation

Part # SP7648
Description  PackageLow Reference High efficiency Boost Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7648 Datasheet(HTML) 10 Page - Sipex Corporation

Back Button SP7648 Datasheet HTML 5Page - Sipex Corporation SP7648 Datasheet HTML 6Page - Sipex Corporation SP7648 Datasheet HTML 7Page - Sipex Corporation SP7648 Datasheet HTML 8Page - Sipex Corporation SP7648 Datasheet HTML 9Page - Sipex Corporation SP7648 Datasheet HTML 10Page - Sipex Corporation SP7648 Datasheet HTML 11Page - Sipex Corporation SP7648 Datasheet HTML 12Page - Sipex Corporation SP7648 Datasheet HTML 13Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
0
Mar16-06 Rev B
SP7648 Ultra-low Quiescent Current, High Efficiency Boost Regulator
© 2006 Sipex Corporation
Startup 700mA Flash, Vin = 3.6V, Vout = 3.65V
Startup 200mA Torch, Vin = 3.6V, Vout = 3.9V
Ripple 700mA Flash, Vin = 3.6V, Vout = 3.65V
Ripple 200mA Torch, Vin = 3.6V, Vout = 3.9V
TYPicaL PeRFORMance cHaRacTeRiSTicS
Ch1 = SHDN (5V/div)
Ch2 = Vout (1V/div)
Ch4 = Iin (1A/div)
Ch1 = Vin (AC)
100mV/div
Ch2 = Vout (AC)
100mV/div


Similar Part No. - SP7648

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7648 SIPEX-SP7648 Datasheet
236Kb / 12P
   Low Reference High Efficiency Boost Regulator
SP7648 SIPEX-SP7648 Datasheet
254Kb / 4P
   Evaluation Board Manual
SP7648ER SIPEX-SP7648ER Datasheet
236Kb / 12P
   Low Reference High Efficiency Boost Regulator
SP7648ER/TR SIPEX-SP7648ER/TR Datasheet
236Kb / 12P
   Low Reference High Efficiency Boost Regulator
SP7648EU SIPEX-SP7648EU Datasheet
236Kb / 12P
   Low Reference High Efficiency Boost Regulator
More results

Similar Description - SP7648

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7648 SIPEX-SP7648 Datasheet
236Kb / 12P
   Low Reference High Efficiency Boost Regulator
logo
Micrel Semiconductor
MIC2250 MICREL-MIC2250_11 Datasheet
882Kb / 14P
   High-Efficiency Low EMI Boost Regulator
MIC2251 MICREL-MIC2251 Datasheet
886Kb / 13P
   High-Efficiency Low EMI Boost Regulator
MIC2250 MICREL-MIC2250_10 Datasheet
886Kb / 13P
   High-Efficiency Low EMI Boost Regulator
logo
ACE Technology Co., LTD...
ACE713C ACE-ACE713C Datasheet
414Kb / 4P
   High Efficiency 1.25MHz, 2.5A Boost Regulator
VER 1.2
logo
Micro Linear Corporatio...
ML4890 MICRO-LINEAR-ML4890 Datasheet
256Kb / 12P
   High Efficiency, Low Ripple Boost Regulator
logo
Sipex Corporation
SP6681 SIPEX-SP6681 Datasheet
125Kb / 10P
   High Efficiency Boost Charge Pump Regulator
logo
Micrel Semiconductor
MIC2250 MICREL-MIC2250 Datasheet
528Kb / 13P
   High Efficiency Low EMI Boost Regulator
MIC2251_1105 MICREL-MIC2251_1105 Datasheet
875Kb / 14P
   High-Efficiency Low EMI Boost Regulator
logo
Lowpower Semiconductor ...
LP6203 POWER-LP6203 Datasheet
282Kb / 8P
   High Efficiency Boost DC/DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com