Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF3374 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF3374
Description  GENERAL PURPOSE AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3374 Datasheet(HTML) 6 Page - RF Micro Devices

  RF3374_06 Datasheet HTML 1Page - RF Micro Devices RF3374_06 Datasheet HTML 2Page - RF Micro Devices RF3374_06 Datasheet HTML 3Page - RF Micro Devices RF3374_06 Datasheet HTML 4Page - RF Micro Devices RF3374_06 Datasheet HTML 5Page - RF Micro Devices RF3374_06 Datasheet HTML 6Page - RF Micro Devices RF3374_06 Datasheet HTML 7Page - RF Micro Devices RF3374_06 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
4-588
RF3374
Rev A8 050524
Gain versus Frequency Across Temperature
(ICC = 65 mA)
0.0
5.0
10.0
15.0
20.0
25.0
0.0
1000.0
2000.0
3000.0
4000.0
5000.0
6000.0
7000.0
Frequency (MHz)
-40°C
+25°C
+85°C
Output P1dB versus Frequency Across Temperature
(ICC = 65 mA)
0.0
5.0
10.0
15.0
20.0
25.0
0.0
1000.0
2000.0
3000.0
4000.0
5000.0
6000.0
7000.0
Frequency (MHz)
-40°C
+25°C
+85°C
Output IP3 versus Frequency Across Temperature
(ICC = 65 mA)
10.0
15.0
20.0
25.0
30.0
35.0
0.0
1000.0
2000.0
3000.0
4000.0
5000.0
6000.0
7000.0
Frequency (MHz)
-40°C
+25°C
+85°C
Noise Figure versus Frequency Across Temperature
(ICC = 65 mA)
0.0
1.0
2.0
3.0
4.0
5.0
0.0
500.0
1000.0
1500.0
2000.0
2500.0
3000.0
3500.0
Frequency (MHz)
-40°C
+25°C
+85°C
Input VSWR versus Frequency Across Temperature
(ICC = 65 mA)
1.0
1.5
2.0
2.5
3.0
0.0
1000.0
2000.0
3000.0
4000.0
5000.0
6000.0
7000.0
Frequency (MHz)
-40°C
+25°C
+85°C
Output VSWR versus Frequency Across Temperature
(ICC = 65 mA)
1.0
1.5
2.0
2.5
0.0
1000.0
2000.0
3000.0
4000.0
5000.0
6000.0
7000.0
Frequency (MHz)
-40°C
+25°C
+85°C


Similar Part No. - RF3374_06

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3374PCBA-410 RFMD-RF3374PCBA-410 Datasheet
137Kb / 8P
   GENERAL PURPOSE AMPLIFIER
RF3374PCBA-410 RFMD-RF3374PCBA-410 Datasheet
242Kb / 8P
   GENERAL PURPOSE AMPLIFIER
RF3374 RFMD-RF3374_1 Datasheet
242Kb / 8P
   GENERAL PURPOSE AMPLIFIER
More results

Similar Description - RF3374_06

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2046 RFMD-RF2046_07 Datasheet
104Kb / 8P
   GENERAL PURPOSE AMPLIFIER
RF2043 RFMD-RF2043 Datasheet
68Kb / 6P
   GENERAL PURPOSE AMPLIFIER
RF2047 RFMD-RF2047 Datasheet
68Kb / 6P
   GENERAL PURPOSE AMPLIFIER
RF2307 RFMD-RF2307 Datasheet
59Kb / 4P
   GENERAL PURPOSE AMPLIFIER
RF2308 RFMD-RF2308 Datasheet
59Kb / 4P
   GENERAL PURPOSE AMPLIFIER
RF2334 RFMD-RF2334_03 Datasheet
177Kb / 8P
   GENERAL PURPOSE AMPLIFIER
logo
KODENSHI_AUK CORP.
KSD-T6O038-001 KODENSHI-KSD-T6O038-001 Datasheet
345Kb / 6P
   General purpose amplifier
2N5401 KODENSHI-2N5401 Datasheet
256Kb / 5P
   General purpose amplifier
SBT5401F KODENSHI-SBT5401F Datasheet
267Kb / 5P
   General purpose amplifier
logo
RF Micro Devices
RF2044A RFMD-RF2044A Datasheet
147Kb / 8P
   GENERAL PURPOSE AMPLIFIER
RF3396 RFMD-RF3396 Datasheet
160Kb / 10P
   GENERAL PURPOSE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com