Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF3158 Datasheet(PDF) 8 Page - RF Micro Devices

Part # RF3158
Description  QUAD-BAND GSM/EDGE/GSM850/EGSM900 /DCS/PCS POWER AMPLIFIER MODULE
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3158 Datasheet(HTML) 8 Page - RF Micro Devices

Back Button RF3158 Datasheet HTML 4Page - RF Micro Devices RF3158 Datasheet HTML 5Page - RF Micro Devices RF3158 Datasheet HTML 6Page - RF Micro Devices RF3158 Datasheet HTML 7Page - RF Micro Devices RF3158 Datasheet HTML 8Page - RF Micro Devices RF3158 Datasheet HTML 9Page - RF Micro Devices RF3158 Datasheet HTML 10Page - RF Micro Devices RF3158 Datasheet HTML 11Page - RF Micro Devices RF3158 Datasheet HTML 12Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
8 of 26
RF3158
Rev A2 DS070615
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
DCS 1800MHz Band
8PSK Mode
Nominal Conditions (unless otherwise stated):
Input and Output=50
Ω, Temp=25 °C,
VCC=3.6V, VMODE=”High”, VRAMP=2.1V,
Freq=1710MHz to 1785MHz, 25% Duty Cycle,
Pulse Width=1154
μs, BAND_SEL=“High”,
TX_EN=“High”
Operating Frequency Range
1710
1785
MHz
Maximum Output Power
Meeting EVM and ACPR Spec-
trum
28.0
dBm
High Bias mode (VRAMP=2.1V)
26.0
dBm
Temp=-20°C to +85°C, VCC=3.2V, High Bias
mode (VRAMP=2.1V)
12.5
dBm
Temp=-20°C to +85°C, VCC=3.2V, Low Bias
mode (VRAMP=0.8V)
Low Power Current Consumption
350
550
mA
POUT<12.5dBm,
Low Bias mode (VRAMP=0.8V)
Total Efficiency (PAE)
18.5
23.0
%
POUT=28dBm, High Bias mode (VRAMP=2.1V)
1.6
%
POUT=12.5dBm, Low Bias mode (VRAMP=0.8V)
Gain
32.0
34.5
37.0
dB
Gain Temperature Coefficient
-0.050
dB/K
Temp=+25°C to +85°C, VCC=3.6V
-0.040
dB/K
Temp=-20°C to +25°C, VCC=3.6V
EVM RMS
3.5
%
POUT<28dBm
5.0
%
POUT<26dBm, VCC=3.2V to 4.5V,
Temp=-20°C to +85°C
ACPR and Spectrum Mask
-57
dBc
At 400kHz in 30kHz BW, POUT<28dBm
-63
dBc
At 600kHz in 30kHz BW, POUT<28dBm
ACPR and Spectrum Mask,
Extreme Conditions
-57
dBc
At 400kHz in 30kHz RBW, POUT<26dBm,
Temp=-20°C to +85°C, VCC=3.2V to 4.5V
-63
dBc
At 600kHz in 30kHz RBW, POUT<26dBm,
Temp=-20°C to +85°C, VCC=3.2V to 4.5V
Output Noise Power
-83
-81
dBm
RBW=100kHz, 1805MHz to 1880MHz,
f0=1785MHz, POUT<28dBm,
2f0 Harmonics
-7
dBm
POUT<28dBm
3f0 Harmonics
-7
dBm
POUT<28dBm
All Other Non-harmonic Spurious
-36
dBm
POUT<28dBm
Input VSWR
2.5:1
Over POUT Range
Output Load VSWR Stability
6:1
Spurious<-36dBm, RBW=3MHz, set PIN
where POUT<28.0dBm into 50Ω load.


Similar Part No. - RF3158

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3159 RFMD-RF3159 Datasheet
567Kb / 26P
   QUAD-BAND GSM/EDGE/GSM850/EGSM900 /DCS/PCS/POWER AMPLIFIER MODULE
RF3159PCBA-41X RFMD-RF3159PCBA-41X Datasheet
567Kb / 26P
   QUAD-BAND GSM/EDGE/GSM850/EGSM900 /DCS/PCS/POWER AMPLIFIER MODULE
More results

Similar Description - RF3158

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3159 RFMD-RF3159 Datasheet
567Kb / 26P
   QUAD-BAND GSM/EDGE/GSM850/EGSM900 /DCS/PCS/POWER AMPLIFIER MODULE
RF3183 RFMD-RF3183 Datasheet
1Mb / 20P
   QUAD-BAND/GSM850/EGSM900 /DCS/PCS/POWER AMPLIFIER MODULE
RF3145 RFMD-RF3145_1 Datasheet
310Kb / 18P
   QUAD-BAND GSM/EDGE/GSM850/DCS/PCS POWER AMPLIFIER MODULE
RF3145 RFMD-RF3145 Datasheet
142Kb / 18P
   QUAD-BAND GSM/EDGE/GSM850/DCS/PCS POWER AMPLIFIER MODULE
logo
RF Monolithics, Inc
RF3133 RFM-RF3133 Datasheet
191Kb / 16P
   QUAD-BAND GSM850/GSM/DCS/PCS POWER AMP MODULE
logo
RF Micro Devices
RF3133 RFMD-RF3133_05 Datasheet
200Kb / 16P
   QUAD-BAND GSM850/GSM/DCS/PCS POWER AMP MODULE
logo
TriQuint Semiconductor
TQM7M4007 TRIQUINT-TQM7M4007_15 Datasheet
91Kb / 1P
   3V Quad-Band GSM850/GSM900/DCS/PCS Power Amplifier Module
TQM7M5012H TRIQUINT-TQM7M5012H_15 Datasheet
107Kb / 1P
   3V Quad-Band GSM850/GSM900/DCS/PCS Power Amplifier Module
TQM7M4006 TRIQUINT-TQM7M4006 Datasheet
72Kb / 1P
   3V Quad-Band GSM850/GSM900/DCS/PCS Power Amplifier Module
TQM7M4022 TRIQUINT-TQM7M4022 Datasheet
152Kb / 13P
   3V Quad-Band GSM850/900/DCS/PCS Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com