Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF3146DSB Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF3146DSB
Description  DUAL-BAND GSM900/DCS POWER AMP MODULE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3146DSB Datasheet(HTML) 4 Page - RF Micro Devices

  RF3146DSB Datasheet HTML 1Page - RF Micro Devices RF3146DSB Datasheet HTML 2Page - RF Micro Devices RF3146DSB Datasheet HTML 3Page - RF Micro Devices RF3146DSB Datasheet HTML 4Page - RF Micro Devices RF3146DSB Datasheet HTML 5Page - RF Micro Devices RF3146DSB Datasheet HTML 6Page - RF Micro Devices RF3146DSB Datasheet HTML 7Page - RF Micro Devices RF3146DSB Datasheet HTML 8Page - RF Micro Devices RF3146DSB Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
2-494
RF3146D
Rev A11 060719
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall (DCS Mode)
Temp=25°C, VBATT=3.5V,
VRAMP=VRAMP MAX, PIN=3dBm,
Freq=1710MHz to 1785MHz,
25% Duty Cycle, pulse width=1154
μs
Operating Frequency Range
1710 to 1785
MHz
Maximum Output Power
+31.5
dBm
Temp=25°C, VBATT=3.5V,
VRAMP =VRAMP MAX
29.5
dBm
Temp=+85°C, VBATT=3.0V,
VRAMP=VRAMP MAX
Total Efficiency
44
52
%
At POUT MAX, VBATT=3.5V
Input Power Range
0
+3
+5
dBm
Maximum output power guaranteed at mini-
mum drive level
Output Noise Power
-85
-80
dBm
RBW=100kHz, 1805MHz to 1880MHz,
POUT > 0dBm, VBATT=3.5V
Forward Isolation 1
-50
-35
dBm
TXEnable=Low, PIN=+5dBm
Forward Isolation 2
-25
-15
dBm
TXEnable=High, VRAMP=0.2V, PIN=+5dBm
Second Harmonic
-15
-7
dBm
VRAMP=0.2V to VRAMP=VRAMP_RP
Third Harmonic
-20
-15
dBm
VRAMP=0.2V to VRAMP=VRAMP_RP
All Other
Non-Harmonic Spurious
-36
dBm
VRAMP=0.2V to VRAMP MAX
Input Impedance
50
Ω
Input VSWR
2.5:1
VRAMP=0.2V to VRAMP MAX
Output Load VSWR Stability
8:1
Spurious<-36dBm, RBW=3MHz
Set VRAMP where POUT<31.5dBm into 50Ω
load
Output Load VSWR Ruggedness
10:1
Set VRAMP where POUT<31.5dBm into 50Ω
load. No damage or permanent degradation
to part.
Output Load Impedance
50
Ω
Load impedance presented at RF OUT pin
Power Control VRAMP
Power Control Range
50
dB
VRAMP=0.2V to VRAMP MAX, PIN=+5dBm
Notes:
VRAMP MAX=0.4*VBATT+0.06<1.5V
VRAMP_RP=VRAMP set for 31.5dBm at nominal conditions


Similar Part No. - RF3146DSB

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3146 RFMD-RF3146 Datasheet
317Kb / 18P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3146 RFMD-RF3146 Datasheet
155Kb / 6P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3146PCBA RFMD-RF3146PCBA Datasheet
317Kb / 18P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3146PCBA-41X RFMD-RF3146PCBA-41X Datasheet
268Kb / 18P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3146PCBA-41X RFMD-RF3146PCBA-41X Datasheet
155Kb / 6P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
More results

Similar Description - RF3146DSB

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3198 RFMD-RF3198 Datasheet
333Kb / 16P
   DUAL-BAND GSM900/DCS POWER AMP MODULE
RF3166D RFMD-RF3166D_1 Datasheet
365Kb / 14P
   DUAL-BAND GSM900/DCS POWER AMP MODULE
RF3166D RFMD-RF3166D Datasheet
230Kb / 12P
   DUAL-BAND GSM900/DCS POWER AMP MODULE
RF3146 RFMD-RF3146 Datasheet
317Kb / 18P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3196 RFMD-RF3196 Datasheet
285Kb / 16P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF5146 RFMD-RF5146 Datasheet
1,012Kb / 18P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3140 RFMD-RF3140 Datasheet
206Kb / 16P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3166 RFMD-RF3166 Datasheet
239Kb / 14P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3146 RFMD-RF3146_1 Datasheet
155Kb / 6P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3140 RFMD-RF3140_1 Datasheet
354Kb / 16P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com