Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF3140PCBA-41X Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF3140PCBA-41X
Description  QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3140PCBA-41X Datasheet(HTML) 4 Page - RF Micro Devices

  RF3140PCBA-41X Datasheet HTML 1Page - RF Micro Devices RF3140PCBA-41X Datasheet HTML 2Page - RF Micro Devices RF3140PCBA-41X Datasheet HTML 3Page - RF Micro Devices RF3140PCBA-41X Datasheet HTML 4Page - RF Micro Devices RF3140PCBA-41X Datasheet HTML 5Page - RF Micro Devices RF3140PCBA-41X Datasheet HTML 6Page - RF Micro Devices RF3140PCBA-41X Datasheet HTML 7Page - RF Micro Devices RF3140PCBA-41X Datasheet HTML 8Page - RF Micro Devices RF3140PCBA-41X Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
2-494
RF3140
Rev A9 060217
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall (GSM900 Mode)
Temp=+25 °C, VBATT=3.5V,
VRAMP=VRAMP MAX, PIN=3dBm,
VREG=2.8V, Freq=880MHz to 915MHz,
25% Duty Cycle, Pulse Width=1154
μs
Operating Frequency Range
880 to 915
MHz
Maximum Output Power
+34.2
+35.0
dBm
Temp = 25 °C, VBATT=3.5V,
VRAMP=VRAMP MAX
32
33
dBm
Temp=+85 °C, VBATT=3.0V,
VRAMP =VRAMP MAX
Total Efficiency
52
58
%
At POUT MAX, VBATT=3.5V
Input Power Range
0
+3
+5
dBm
Maximum output power guaranteed at mini-
mum drive level
Output Noise Power
-86
-82
dBm
RBW=100kHz, 925MHz to 935MHz,
POUT > +5dBm
-88
-84
dBm
RBW=100kHz, 935MHz to 960MHz,
POUT > +5dBm
Forward Isolation 1
-35
-25
dBm
TXEnable=Low, 0V, PIN=+5dBm
Forward Isolation 2
-25
-10
dBm
TXEnable=High, VRAMP=0.2V, PIN=+5dBm
Cross Band Isolation 2f0
-24
-20
dBm
VRAMP=0.2V to VRAMP MAX
Second Harmonic
-15
-5
dBm
VRAMP=0.2V to VRAMP MAX
Third Harmonic
-30
-10
dBm
VRAMP=0.2V to VRAMP MAX
All Other
Non-Harmonic Spurious
-36
dBm
VRAMP=0.2V to VRAMP MAX
Input Impedance
50
Ω
Input VSWR
2.5:1
VRAMP=0.2V to VRAMP MAX
Output Load VSWR Stability
8:1
Spurious<-36dBm, RBW=3MHz
Output Load VSWR Ruggedness
10:1
Set VRAMP where VRAMP<34.2dBm into
50
Ω load
Output Load Impedance
50
Ω
Load impedance presented at RF OUT pad
Power Control VRAMP
Power Control Range
50
dB
VRAMP=0.2V to VRAMP MAX
Note: VRAMP MAX=3/8*VBATT+0.18<1.5V


Similar Part No. - RF3140PCBA-41X

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3140PCBA-41X RFMD-RF3140PCBA-41X Datasheet
354Kb / 16P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
More results

Similar Description - RF3140PCBA-41X

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3196 RFMD-RF3196 Datasheet
285Kb / 16P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF5146 RFMD-RF5146 Datasheet
1,012Kb / 18P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3146 RFMD-RF3146 Datasheet
317Kb / 18P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3146 RFMD-RF3146_06 Datasheet
268Kb / 18P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3161 RFMD-RF3161 Datasheet
101Kb / 2P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3166 RFMD-RF3166_1 Datasheet
390Kb / 16P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF5146 RFMD-RF5146_1 Datasheet
625Kb / 13P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3166 RFMD-RF3166 Datasheet
239Kb / 14P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3146 RFMD-RF3146_1 Datasheet
155Kb / 6P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3140 RFMD-RF3140_1 Datasheet
354Kb / 16P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com