Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF3140PCBA-41X Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF3140PCBA-41X
Description  QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3140PCBA-41X Datasheet(HTML) 1 Page - RF Micro Devices

  RF3140PCBA-41X Datasheet HTML 1Page - RF Micro Devices RF3140PCBA-41X Datasheet HTML 2Page - RF Micro Devices RF3140PCBA-41X Datasheet HTML 3Page - RF Micro Devices RF3140PCBA-41X Datasheet HTML 4Page - RF Micro Devices RF3140PCBA-41X Datasheet HTML 5Page - RF Micro Devices RF3140PCBA-41X Datasheet HTML 6Page - RF Micro Devices RF3140PCBA-41X Datasheet HTML 7Page - RF Micro Devices RF3140PCBA-41X Datasheet HTML 8Page - RF Micro Devices RF3140PCBA-41X Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
2-491
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7628 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
InGaP/HBT
GaN HEMT
SiGe Bi-CMOS
VCC OUT
DCS/PCS OUT
DCS/PCS IN
BAND SELECT
VREG
VRAMP
TX ENABLE
VBATT
GSM850/GSM900 OUT
GSM850/GSM900 IN
10
11
12
1
3
2
6
5
4
9
8
7
RF3140
QUAD-BAND GSM850/GSM900/DCS/PCS
POWER AMP MODULE
• 3V Quad-Band GSM Handsets
• Commercial and Consumer Systems
• Portable Battery-Powered Equipment
• GSM850/EGSM900/DCS/PCS Products
• GPRS Class 12 Compatible
• Power StarTM Module
The RF3140 is a high-power, high-efficiency power ampli-
fier module with integrated power control. The device is
self-contained with 50
Ω input and output terminals. The
power control function is also incorporated, eliminating
the need for directional couplers, detector diodes, power
control ASICs and other power control circuitry; this
allows the module to be driven directly from the DAC out-
put. The device is designed for use as the final RF ampli-
fier in GSM850, EGSM900, DCS and PCS handheld
digital cellular equipment and other applications in the
824MHz to 849MHz, 880MHz to 915MHz, 1710MHz to
1785MHz and 1850MHz to 1910MHz bands. On-board
power control provides over 50dB of control range with an
analog voltage input; and, power down with a logic “low”
for standby operation.
• Complete Power Control Solution
• Single 3.0V to 5.5V Supply Voltage
• +35dBm GSM Output Power at 3.5V
• +33dBm DCS/PCS Output Power at 3.5V
• 60% GSM and 55% DCS/PCS
η
EFF
• 10mmx10mm Package Size
RF3140
Quad-Band GSM850/GSM900/DCS/PCS Power
Amp Module
RF3140
Power Amp Module 5-Piece Sample Pack
RF3140PCBA-41XFully Assembled Evaluation Board
0
Rev A9 060217
10.00 ± 0.10
10.00
± 0.10
Pin 1
1.70
1.45
0.450
± 0.075
8.747
5.925
4.075
1.245
0.306
9.600 TYP
8.800 TYP
8.200 TYP
7.400 TYP
6.800 TYP
6.000 TYP
5.400 TYP
4.600 TYP
4.000 TYP
3.200 TYP
2.600 TYP
1.800 TYP
1.200 TYP
0.400 TYP
0.000
Pin 1
Package Style: Module (10mmx10mm)
Pb-Free Product


Similar Part No. - RF3140PCBA-41X

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3140PCBA-41X RFMD-RF3140PCBA-41X Datasheet
354Kb / 16P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
More results

Similar Description - RF3140PCBA-41X

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3196 RFMD-RF3196 Datasheet
285Kb / 16P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF5146 RFMD-RF5146 Datasheet
1,012Kb / 18P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3146 RFMD-RF3146 Datasheet
317Kb / 18P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3146 RFMD-RF3146_06 Datasheet
268Kb / 18P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3161 RFMD-RF3161 Datasheet
101Kb / 2P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3166 RFMD-RF3166_1 Datasheet
390Kb / 16P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF5146 RFMD-RF5146_1 Datasheet
625Kb / 13P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3166 RFMD-RF3166 Datasheet
239Kb / 14P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3146 RFMD-RF3146_1 Datasheet
155Kb / 6P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3140 RFMD-RF3140_1 Datasheet
354Kb / 16P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com