Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP6265 Datasheet(PDF) 7 Page - Sipex Corporation

Part # SP6265
Description  Dual Low-Dropout CMOS Voltage Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6265 Datasheet(HTML) 7 Page - Sipex Corporation

Back Button SP6265 Datasheet HTML 3Page - Sipex Corporation SP6265 Datasheet HTML 4Page - Sipex Corporation SP6265 Datasheet HTML 5Page - Sipex Corporation SP6265 Datasheet HTML 6Page - Sipex Corporation SP6265 Datasheet HTML 7Page - Sipex Corporation SP6265 Datasheet HTML 8Page - Sipex Corporation SP6265 Datasheet HTML 9Page - Sipex Corporation SP6265 Datasheet HTML 10Page - Sipex Corporation SP6265 Datasheet HTML 11Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
Mar2-07 Rev O
SP6265 Dual Low-Dropout CMOS Voltage Regulator
© 2007 Sipex Corporation
Detailed Description
The S
P6265 is low-dropout, low quiescent-current
linear regulator designed primarily for battery-powered
applications. These parts are available with preset output
voltage ranging from .8V to .V, and the parts can
supply loads up to 50mA.
The S
P6265 features two Ω P-Channel MOSFET
pass transistors. A P-Channel MOSEFT provides
several advantages over similar designs using PNP
pass transistors, including longer battery life. It requires
no base drive, which reduces quiescent current sig-
nificantly. The S
P6265 only consumes 70µA of qui-
escent current whether in dropout, light-load, or heavy-
load applications.
The S
P6265 contains two independent current
limiters, one for each regulator, which monitor and con-
trol the pass transistor’ s gate voltage, limiting the
guaranteed maximum output current to 80mA minimum.
The output can be shorted to ground for an indefinite time
without damaging the part.
Use a µF capacitor on the S
P6265 input and a µF
capacitor on the outputs. Larger input capacitor values
and lower ESRs provide better supply noise rejection
and line transient response.
Thermal -overload protection limits total power dis-
sipation in the S
P6265. When the junction temperat-
ure exceeds T
J=50
o
C, the thermal sensor signals the
shut
down logic, turning off the pass transistor and al-
lowing the IC to cool.
S
P6265A & SP6265B
The S
P6265A and SP6265B have a single shutdown
control input(EN). Drive EN low to shut down both outputs,
reducing supply current to 0.µA. Connect EN to a logic-
high, or IN, for normal operation.
S
P6265F-SP6265M
The S
P6265F-SP6265M have independent shutdown
control inputs (EN and EN2). Drive EN low to shutdown
V
OUT. Drive EN2 low to shut down VOUT2. Drive both EN
and EN2 low to shut down the entire chip, reducing supply
current to 0.µA. Connect both EN and EN2 to a logic-
high, or IN, for normal operation.
Shutdown
Application information
Capacitor Selection and Regulator Stability
PSRR and Operation from Sources Other
than Batteries
The S
P6265 is designed to deliver low dropout
voltages and low quiescent current in battery powered
systems. Power-supply rejection is 5dB at low
frequencies. (See the PSRR vs. Frequency graph)
internal P-Channel Pass Transistor
Thermal-Overload Protection
Current Limit


Similar Part No. - SP6265

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6260 SIPEX-SP6260 Datasheet
726Kb / 17P
   High Speed, Extremely Low Noise 150mA LDO Regulator
logo
Exar Corporation
SP6260 EXAR-SP6260 Datasheet
738Kb / 13P
   200mA RF Low Noise LDO Regulator
SP6260AEK-L EXAR-SP6260AEK-L Datasheet
738Kb / 13P
   200mA RF Low Noise LDO Regulator
logo
Sipex Corporation
SP6260AEK-L/TR SIPEX-SP6260AEK-L/TR Datasheet
726Kb / 17P
   High Speed, Extremely Low Noise 150mA LDO Regulator
logo
Exar Corporation
SP6260AEK-TR EXAR-SP6260AEK-TR Datasheet
738Kb / 13P
   200mA RF Low Noise LDO Regulator
More results

Similar Description - SP6265

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
A6501 AITSEMI-A6501 Datasheet
664Kb / 10P
   CMOS LOW DROPOUT REGULATOR(LDO) 500mA LOW DROPOUT CMOS VOLTAGE REGULATOR
REV4.2
logo
Seiko Instruments Inc
S-1212B33-V5T2U SII-S-1212B33-V5T2U Datasheet
3Mb / 58P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ACE Technology Co., LTD...
ACE500EC ACE-ACE500EC Datasheet
984Kb / 9P
   Low-Dropout CMOS Voltage Regulator
VER 1.2
logo
GTM CORPORATION
G5U2178 GTM-G5U2178 Datasheet
579Kb / 6P
   CMOS Low Dropout Voltage Regulator
logo
Seiko Instruments Inc
S-814 SII-S-814 Datasheet
518Kb / 32P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
S818 SII-S818 Datasheet
366Kb / 23P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
GTM CORPORATION
GL2137 GTM-GL2137 Datasheet
401Kb / 5P
   CMOS LOW DROPOUT VOLTAGE REGULATOR
logo
ABLIC Inc.
S-818 ABLIC-S-818 Datasheet
487Kb / 32P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.1_02
logo
Seiko Instruments Inc
S814 SII-S814 Datasheet
525Kb / 32P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
S-818 SII-S-818_1 Datasheet
525Kb / 32P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com