Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP3223EEY Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP3223EEY
Description  Intelligent 3.0V to 5.5V RS-232 Transceivers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3223EEY Datasheet(HTML) 5 Page - Sipex Corporation

  SP3223EEY Datasheet HTML 1Page - Sipex Corporation SP3223EEY Datasheet HTML 2Page - Sipex Corporation SP3223EEY Datasheet HTML 3Page - Sipex Corporation SP3223EEY Datasheet HTML 4Page - Sipex Corporation SP3223EEY Datasheet HTML 5Page - Sipex Corporation SP3223EEY Datasheet HTML 6Page - Sipex Corporation SP3223EEY Datasheet HTML 7Page - Sipex Corporation SP3223EEY Datasheet HTML 8Page - Sipex Corporation SP3223EEY Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
5
Date:
10/06/06
SP3223 +3.0V to +5.5V RS-232 Transceivers
© Copyright 200
6 Sipex Corporation
Figure 1. SP3223 Typical Operating Circuit
SP3223
2
4
6
5
3
7
19
GND
T
1IN
T
2IN
C1+
C1-
C2+
C2-
V+
V-
VCC
13
12
0.1µF
0.1µF
0.1µF
+
C2
C5
C1
+
+
C3
C4
+
+
0.1µF
0.1µF
17
8
RS-232
OUTPUTS
RS-232
INPUTS
TTL/CMOS
INPUTS
+3V to +5V
18
SHUTDOWN
20
5KΩ
R
1OUT
15
16
5KΩ
R
2IN
R
2OUT
10
9
TTL/CMOS
OUTPUTS
EN
1
ONLINE
14
R
1IN
T
2OUT
T
1OUT
11
STATUS
VCC
To µP Supervisor
Circuit
TYPICAL OPERATING CIRCUIT


Similar Part No. - SP3223EEY

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3223EEY SIPEX-SP3223EEY Datasheet
235Kb / 24P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3223EEY SIPEX-SP3223EEY Datasheet
175Kb / 24P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
logo
Exar Corporation
SP3223EEY-L EXAR-SP3223EEY-L Datasheet
803Kb / 21P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3223EEY-L-TR EXAR-SP3223EEY-L-TR Datasheet
803Kb / 21P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3223EEY-L/TR EXAR-SP3223EEY-L/TR Datasheet
803Kb / 21P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
More results

Similar Description - SP3223EEY

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3223E SIPEX-SP3223E Datasheet
235Kb / 24P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
logo
Exar Corporation
SP3223EEY-L-TR EXAR-SP3223EEY-L-TR Datasheet
803Kb / 21P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
logo
Sipex Corporation
SP3223B SIPEX-SP3223B Datasheet
180Kb / 24P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
logo
Exar Corporation
SP3223ECY-L-TR EXAR-SP3223ECY-L-TR Datasheet
803Kb / 21P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
logo
Sipex Corporation
SP3223ECA-L SIPEX-SP3223ECA-L Datasheet
156Kb / 23P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
logo
Exar Corporation
SP3223EEA-L-TR EXAR-SP3223EEA-L-TR Datasheet
803Kb / 21P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
logo
Sipex Corporation
SP3249E SIPEX-SP3249E Datasheet
128Kb / 14P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3223E SIPEX-SP3223E Datasheet
175Kb / 24P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
logo
Exar Corporation
SP3223ECY-L EXAR-SP3223ECY-L Datasheet
891Kb / 20P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
logo
Sipex Corporation
SP3238E SIPEX-SP3238E Datasheet
224Kb / 20P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com