Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP3222EUEY Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP3222EUEY
Description  3.3V, 1000 Kbps RS-232 Transceivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3222EUEY Datasheet(HTML) 4 Page - Sipex Corporation

  SP3222EUEY Datasheet HTML 1Page - Sipex Corporation SP3222EUEY Datasheet HTML 2Page - Sipex Corporation SP3222EUEY Datasheet HTML 3Page - Sipex Corporation SP3222EUEY Datasheet HTML 4Page - Sipex Corporation SP3222EUEY Datasheet HTML 5Page - Sipex Corporation SP3222EUEY Datasheet HTML 6Page - Sipex Corporation SP3222EUEY Datasheet HTML 7Page - Sipex Corporation SP3222EUEY Datasheet HTML 8Page - Sipex Corporation SP3222EUEY Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Date: 02/31/06
SP3222EU, SP3232EU 3.3V, 1000Kbps RS-232 Transceivers
© Copyright 2006 Sipex Corporation
4
Figure 1. Transmitter Output Voltage vs Load
Capacitance for the SP3222EU and the SP3232EU
Figure 2. Slew Rate vs Load Capacitance for the
SP3222EU and the SP3232EU
Figure 3. Supply Current vs Load Capacitance when
Transmitting Data for the SP3222EU and the SP3232EU
TYPICAL PERFORMANCE CHARACTERISTICS
Unless otherwise noted, the following performance characteristics apply for V
CC = +3.3V, 1000kbps data rates, all drivers
loaded with 3k
Ω, 0.1µF charge pump capacitors, and T
AMB = +25°C.
0
250
500
1000
1500
Load Capacitance (pF)
6
4
2
0
-2
-4
-6
T1 at 1Mbps
T2 at 62.5Kbps
0
250
500
1000
1500
2000
Load Capacitance (pF)
120
100
8
0 60
40
20
0
T1 at 1Mbps
T2 at 62.5Kbps
All TX loaded 3K // CLoad
0
250
500
1000
1500
Load Capacitance (pF)
35
30
20
15
10
5
0
T1 at 1Mbps
T2 at 62.5Kbps
2.7
3
3.5
4
4.5
5
Supply Voltage (V)
20
15
10
5
0
T1 at Mbps
T2 at 62.5Kbps
2.7
3
3.5
4
4.5
5
Supply Voltage (V)
6
4
2
0
-2
-4
-6
T1 at 1Mbps
T2 at 62.5Kbps
0
250
500
1000
1500
2000
200
150
100
50
0
Load Capacitance (pF)
T1 at 500Kbps
T2 at 31.2Kbps
All TX loaded 3K // CLoad
Figure 4. Supply Current vs Supply Voltage for the
SP3222EU and the SP3232EU
Figure 5. Transmitter Output Voltage vs Supply Voltage
for the SP3222EU and the SP3232EU
Figure 6. Transmitter Skew vs Load Capacitance for the
SP3222EU and the SP3232EU


Similar Part No. - SP3222EUEY

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP3222EUEY-L EXAR-SP3222EUEY-L Datasheet
1Mb / 20P
   3.3V, 1000 kbps RS-232 Transceivers
SP3222EUEY-L-TR EXAR-SP3222EUEY-L-TR Datasheet
1Mb / 24P
   True 3.0V to 5.5V RS-232 Transceivers
SP3222EUEY-L/TR EXAR-SP3222EUEY-L/TR Datasheet
1Mb / 20P
   3.3V, 1000 kbps RS-232 Transceivers
More results

Similar Description - SP3222EUEY

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3222EU SIPEX-SP3222EU Datasheet
139Kb / 20P
   3.3V, 1000 Kbps RS-232 Transceivers
logo
Exar Corporation
SP3222EU EXAR-SP3222EU Datasheet
1Mb / 20P
   3.3V, 1000 kbps RS-232 Transceivers
logo
Sipex Corporation
SP3222EH SIPEX-SP3222EH Datasheet
138Kb / 19P
   3.3V, 460 Kbps RS-232 Transceivers
SP3222EH SIPEX-SP3222EH_06 Datasheet
179Kb / 19P
   3.3V, 460 Kbps RS-232 Transceivers
SP3222EH SIPEX-SP3222EH Datasheet
174Kb / 19P
   3.3V, 460 Kbps RS-232 Transceivers
SP3222H SIPEX-SP3222H Datasheet
147Kb / 17P
   3.3V, 460 Kbps RS-232 Transceivers
logo
Renesas Technology Corp
ISL3330 RENESAS-ISL3330 Datasheet
1Mb / 25P
   3.3V, 짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
logo
Intersil Corporation
ISL3330 INTERSIL-ISL3330 Datasheet
950Kb / 25P
   3.3V, 짹15kV ESD Protected, Dual Protocol RS-232/RS-485 Transceivers
ISL3330IAZ INTERSIL-ISL3330IAZ Datasheet
947Kb / 25P
   3.3V, ±15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
May 20, 2008
logo
Exar Corporation
SP211CA-L-TR EXAR-SP211CA-L-TR Datasheet
1Mb / 15P
   5V RS-232 Serial Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com