Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA5191 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SAA5191
Description  Teletext video processor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA5191 Datasheet(HTML) 2 Page - NXP Semiconductors

  SAA5191 Datasheet HTML 1Page - NXP Semiconductors SAA5191 Datasheet HTML 2Page - NXP Semiconductors SAA5191 Datasheet HTML 3Page - NXP Semiconductors SAA5191 Datasheet HTML 4Page - NXP Semiconductors SAA5191 Datasheet HTML 5Page - NXP Semiconductors SAA5191 Datasheet HTML 6Page - NXP Semiconductors SAA5191 Datasheet HTML 7Page - NXP Semiconductors SAA5191 Datasheet HTML 8Page - NXP Semiconductors SAA5191 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
March 1991
2
Philips Semiconductors
Preliminary specification
Teletext video processor
SAA5191
FEATURES
• Adaptive data slicer
• Crystal-controlled data clock regeneration with a bit rate
of 6.9375 MHz
• Adaptive sync separator, horizontal phase detector and
13.5 MHz VCO to provide display phase locked loop
(PLL)
• TV synchronization at teletext mode
GENERAL DESCRIPTION
The SAA5191 is a bipolar integrated circuit that extracts
teletext data from the video signal (CVBS), regenerates
the teletext clock (TTC) and synchronizes the text display
to the television signals (VCS). This device operates in
conjunction with the Digital Video Teletext (back-end)
Decoder (DVTB - SAA9042A) or any other compatible
device.
QUICK REFERENCE DATA
ORDERING AND PACKAGE INFORMATION
Note
1. SOT117-1;1996 November 14
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
VP
supply voltage (pin 16)
12
V
IP
supply current
70
mA
Vi CVBS
CVBS input signal on pin 27 (peak-to-peak value)
at pin 2 LOW
1
V
at pin 2 open-circuit
2.5
V
Vo
outputs signals TTC and TTD
(peak-to-peak value, pins 14, 15)
2.5
3.5
4.5
V
VF13
13.5 MHz clock output signal
(peak-to-peak value pin 17)
12
3
V
VSYNC
video sync output signal (peak-to-peak value, pin 1)
−−
1V
SYNC output signal TCS
200
450
650
mV
VCS
video composite sync level on output pin 25
LOW
−−
0.4
V
HIGH
2.4
5.5
V
Tamb
operating ambient temperature
0
−+70
°C
EXTENDED TYPE
NUMBER
PACKAGE
PINS
PIN POSITION
MATERIAL
CODE
SAA5191
28
DIL
plastic
SOT117(1)


Similar Part No. - SAA5191

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SAA5050 ETC-SAA5050 Datasheet
656Kb / 16P
   TELETEXT CHARACTER GENERATOP
JULY 1982
logo
NXP Semiconductors
SAA5231 PHILIPS-SAA5231 Datasheet
84Kb / 13P
   Teletext video processor
November 1986
SAA5233 PHILIPS-SAA5233 Datasheet
87Kb / 20P
   Dual standard PDC decoder
June 1994
SAA5233P PHILIPS-SAA5233P Datasheet
87Kb / 20P
   Dual standard PDC decoder
June 1994
SAA5233T PHILIPS-SAA5233T Datasheet
87Kb / 20P
   Dual standard PDC decoder
June 1994
More results

Similar Description - SAA5191

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA5231 PHILIPS-SAA5231 Datasheet
84Kb / 13P
   Teletext video processor
November 1986
logo
List of Unclassifed Man...
TPU2735 ETC-TPU2735 Datasheet
1,019Kb / 37P
   Teletext Processor
logo
NXP Semiconductors
SAA5281 PHILIPS-SAA5281 Datasheet
1Mb / 48P
   Integrated Video input processor and Teletext decoder IVT1.8
1996 Nov 04
logo
Micronas
TPU3041 MICRONAS-TPU3041 Datasheet
378Kb / 21P
   Cyrillic/Greek Teletext Processor
logo
Synaptics Incorporated.
FUSION878A CONEXANT-FUSION878A Datasheet
50Kb / 1P
   TELETEXT Application for Conexant Fusion 878A PCI Video Capture Processor
logo
Micronas
VCT38XXA MICRONAS-VCT38XXA Datasheet
2Mb / 172P
   Video/Controller/Teletext IC Family
logo
Siemens Semiconductor G...
SDA5248 SIEMENS-SDA5248 Datasheet
2Mb / 65P
   VIDEO PROCESSOR
logo
Hynix Semiconductor
GDC21D701C HYNIX-GDC21D701C Datasheet
540Kb / 67P
   Video Display Processor
logo
Micronas
VDP31XXB MICRONAS-VDP31XXB Datasheet
597Kb / 72P
   Video Processor Family
logo
Silicon image
SII8200 SILICONIMAGE-SII8200 Datasheet
242Kb / 2P
   Advanced Video Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com