Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF2498 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF2498
Description  TRI-BAND/QUAD-MODE CDMA/GPS LOW NOISE AMPLIFIER/MIXER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2498 Datasheet(HTML) 5 Page - RF Micro Devices

  RF2498 Datasheet HTML 1Page - RF Micro Devices RF2498 Datasheet HTML 2Page - RF Micro Devices RF2498 Datasheet HTML 3Page - RF Micro Devices RF2498 Datasheet HTML 4Page - RF Micro Devices RF2498 Datasheet HTML 5Page - RF Micro Devices RF2498 Datasheet HTML 6Page - RF Micro Devices RF2498 Datasheet HTML 7Page - RF Micro Devices RF2498 Datasheet HTML 8Page - RF Micro Devices RF2498 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
8-305
RF2498
Rev A4 070308
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
TX (Local Oscillator)
Buffer
Cellular - CDMA/FM/JCDMA
Output Power
-11
-8
dBm
Single-ended 50
Ω load
Output Frequency
600
1078
MHz
See note 3. High and Low Side LO Injection.
Output Power
-11
-6.5
Single-ended 50
Ω load
Output Frequency
1200
2156
MHz
See note 4. High and Low Side LO Injection.
Current Consumption
2
mA
PCS
Output Power
-11
-8
dBm
Single-ended 50
Ω load
Output Frequency
1600
2300
MHz
High and Low Side LO Injection
Current Consumption
2
mA
NOTE 1. Mixer performance can be changed with external IF load/tuning.
NOTE 2. Specifications apply for conditions of LO Divider enabled or disabled.
NOTE 3. LO Divider disabled. LO Divider disabled logic conditions:
A) BAND SELECT=1; /2 SELECT=Immaterial.B) BAND SELECT=0; /2 SELECT=1
NOTE 4. LO Divider enabled. LO Divider enabled logic conditions:
A) BAND SELECT=0; /2 SELECT=0


Similar Part No. - RF2498

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2498 RFMD-RF2498 Datasheet
723Kb / 20P
   TRI-BAND/QUAD-MODE CDMA/GPS LOW NOISE AMPLIFIER/MIXER
RF2498 RFMD-RF2498 Datasheet
877Kb / 22P
   TRI-BAND/QUAD-MODE CDMA/GPS LOW NOISE AMPLIFIER/MIXER
RF2498PCBA RFMD-RF2498PCBA Datasheet
723Kb / 20P
   TRI-BAND/QUAD-MODE CDMA/GPS LOW NOISE AMPLIFIER/MIXER
RF2498PCBA-41X RFMD-RF2498PCBA-41X Datasheet
877Kb / 22P
   TRI-BAND/QUAD-MODE CDMA/GPS LOW NOISE AMPLIFIER/MIXER
RF2498 RFMD-RF2498_1 Datasheet
877Kb / 22P
   TRI-BAND/QUAD-MODE CDMA/GPS LOW NOISE AMPLIFIER/MIXER
More results

Similar Description - RF2498

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2498 RFMD-RF2498 Datasheet
723Kb / 20P
   TRI-BAND/QUAD-MODE CDMA/GPS LOW NOISE AMPLIFIER/MIXER
RF2498 RFMD-RF2498_1 Datasheet
877Kb / 22P
   TRI-BAND/QUAD-MODE CDMA/GPS LOW NOISE AMPLIFIER/MIXER
RF2489 RFMD-RF2489_07 Datasheet
797Kb / 30P
   DUAL-BAND/TRI-MODE CDMA LOW NOISE AMPLIFIER/MIXER
RF2489 RFMD-RF2489 Datasheet
490Kb / 16P
   DUAL-BAND/TRI-MODE CDMA LOW NOISE AMPLIFIER/MIXER
RF3404 RFMD-RF3404 Datasheet
202Kb / 12P
   DUAL-BAND/TRI-MODE CDMA LOW NOISE AMPLIFIER/MIXER MODULE
RF2890 RFMD-RF2890 Datasheet
183Kb / 14P
   DUAL-BAND CDMA CELLULAR/GPS LOW NOISE AMPLIFIER/MIXER
logo
ATMEL Corporation
TO353 ATMEL-TO353 Datasheet
213Kb / 11P
   2.8 V Tri-band/ Quad-mode RF Receiver for CDMA/AMPS/ GPS
logo
RF Micro Devices
RF2870 RFMD-RF2870 Datasheet
400Kb / 14P
   CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2861 RFMD-RF2861_06 Datasheet
124Kb / 14P
   CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2861 RFMD-RF2861_12 Datasheet
773Kb / 15P
   CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com