Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP3232EHCA Datasheet(PDF) 10 Page - Sipex Corporation

Part # SP3232EHCA
Description  3.3V, 460 Kbps RS-232 Transceivers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3232EHCA Datasheet(HTML) 10 Page - Sipex Corporation

Back Button SP3232EHCA Datasheet HTML 6Page - Sipex Corporation SP3232EHCA Datasheet HTML 7Page - Sipex Corporation SP3232EHCA Datasheet HTML 8Page - Sipex Corporation SP3232EHCA Datasheet HTML 9Page - Sipex Corporation SP3232EHCA Datasheet HTML 10Page - Sipex Corporation SP3232EHCA Datasheet HTML 11Page - Sipex Corporation SP3232EHCA Datasheet HTML 12Page - Sipex Corporation SP3232EHCA Datasheet HTML 13Page - Sipex Corporation SP3232EHCA Datasheet HTML 14Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Date: 1/18/06
SP3222EH/3232EH 3.3V, 460 Kbps RS-232 Transceivers
© Copyright 2006 Sipex Corporation
10
Receivers
The receivers convert EIA/TIA-232 levels to
TTL or CMOS logic output levels.
The
SP3222EH receivers have an inverting tri-state
output.Receiver outputs (RxOUT) are tri-stated
when the enable control EN = HIGH. In the
shutdown mode, the receivers can be active or
inactive. EN has no effect on TxOUT. The truth
table logic of the SP3222EH driver and receiver
outputs can be found in Table 2.
Since receiver input is usually from a transmis-
sion line where long cable lengths and system
interference can degrade the signal and inject
noise, the inputs have a typical hysteresis margin
of 300mV. Should an input be left unconnected,
a 5k
Ω pulldown resistor to ground forces the
output of the receiver HIGH.
Charge Pump
The Sipex patented charge pump (5,306,954)
uses a four–phase voltage shifting technique to
attain symmetrical 5.5V power supplies and
requires four external capacitors. The internal
power supply consists of a regulated dual charge
pump that provides an output voltage of 5.5V
regardless of the input voltage (V
CC) over the
+3.0V to +5.5V range.
In most circumstances, decoupling the power
supply can be achieved adequately using a
0.1
µF bypass capacitor at C5 (refer to Figures 6
and7 ). In applications that are sensitive to
power-supply noise,V
CC and ground can be
decoupled with a capacitor of the same value
as charge-pump capacitor C1. It is always
important to physically locate bypass capacitors
close to the IC.
The charge pump operates in a discontinuous
mode using an internal oscillator. If the output
voltage is less than 5.5V, the charge pump is
enabled. If the output voltage exceeds 5.5V,
the charge pump is disabled. An oscillator
controls the four phases of the voltage shifting.
A description of each phase follows.
Phase 1: V
SSCharge Storage
(Figure 12)
During this phase of the clock cycle, the positive
side of capacitors C
1 and C2 are charged to VCC.
C
l
+ is then switched to GND and the charge in
C
1
is transferred to C
2
. Since C
2
+ is connected
to V
CC, the voltage potential across capacitor C2
is now 2 times V
CC.
Phase 2: V
SSTransfer
(Figure 13)
Phase two of the clock connects the negative
terminal of C
2 to the VSS storage capacitor and
the positive terminal of C
2 to GND.
This
transfers a negative generated voltage to C
3.
This generated voltage is regulated to a
minimum voltage of -5.5V. Simultaneous with
the transfer of the voltage to C
3, the positive side
of capacitor C
1 is switched to VCC and the
negative side is connected to GND.
Phase 3: V
DDCharge Storage (Figure 15)
The third phase of the clock is identical to the
first phase — the charge transferred in C
1
produces –V
CC in the negative terminal of C1,
which is applied to the negative side of capacitor
C
2.
Since C
2
+ is at V
CC, the voltage potential
across C
2is 2 times V CC.
Table 2. Truth Table Logic for Shutdown and Enable
Control
N
D
H
S
N
E
T
U
O
x
T
T
U
O
x
R
00
e
t
a
t
s
-
i
r
T
e
v
i
t
c
A
01
e
t
a
t
s
-
i
r
T
e
t
a
t
s
-
i
r
T
10
e
v
i
t
c
A
e
v
i
t
c
A
11
e
v
i
t
c
A
e
t
a
t
s
-
i
r
T


Similar Part No. - SP3232EHCA

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3232EHCA SIPEX-SP3232EHCA Datasheet
174Kb / 19P
   3.3V, 460 Kbps RS-232 Transceivers
SP3232EHCA SIPEX-SP3232EHCA Datasheet
138Kb / 19P
   3.3V, 460 Kbps RS-232 Transceivers
SP3232EHCA/TR SIPEX-SP3232EHCA/TR Datasheet
138Kb / 19P
   3.3V, 460 Kbps RS-232 Transceivers
More results

Similar Description - SP3232EHCA

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3222EH SIPEX-SP3222EH Datasheet
138Kb / 19P
   3.3V, 460 Kbps RS-232 Transceivers
SP3222EH SIPEX-SP3222EH Datasheet
174Kb / 19P
   3.3V, 460 Kbps RS-232 Transceivers
SP3222H SIPEX-SP3222H Datasheet
147Kb / 17P
   3.3V, 460 Kbps RS-232 Transceivers
SP3222EU SIPEX-SP3222EU Datasheet
139Kb / 20P
   3.3V, 1000 Kbps RS-232 Transceivers
logo
Exar Corporation
SP3222EU EXAR-SP3222EU Datasheet
1Mb / 20P
   3.3V, 1000 kbps RS-232 Transceivers
logo
Sipex Corporation
SP3222EU SIPEX-SP3222EU_06 Datasheet
285Kb / 20P
   3.3V, 1000 Kbps RS-232 Transceivers
logo
Texas Instruments
TRS3318 TI-TRS3318 Datasheet
342Kb / 17P
[Old version datasheet]   2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
MAX3318E TI-MAX3318E Datasheet
166Kb / 18P
[Old version datasheet]   2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
TRS3318E TI-TRS3318E_10 Datasheet
319Kb / 19P
[Old version datasheet]   2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
TRS3318E TI-TRS3318E Datasheet
313Kb / 19P
[Old version datasheet]   2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com