Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP708TCN Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP708TCN
Description  3.0V/3.3V Low Power Microprocessor Supervisory Circuits
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP708TCN Datasheet(HTML) 1 Page - Sipex Corporation

  SP708TCN Datasheet HTML 1Page - Sipex Corporation SP708TCN Datasheet HTML 2Page - Sipex Corporation SP708TCN Datasheet HTML 3Page - Sipex Corporation SP708TCN Datasheet HTML 4Page - Sipex Corporation SP708TCN Datasheet HTML 5Page - Sipex Corporation SP708TCN Datasheet HTML 6Page - Sipex Corporation SP708TCN Datasheet HTML 7Page - Sipex Corporation SP708TCN Datasheet HTML 8Page - Sipex Corporation SP708TCN Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
Date: 6-28-04
SP706 +3.0/ +3.3 Low Power Microprocessor Circuits
© Copyright 2004 Sipex Corporation
SP706P/R/S/T, SP708R/S/T
■ Precision Low Voltage Monitor:
SP706P/R and SP708R at +2.63V
SP706S and SP708S at +2.93V
SP706T and SP708T at +3.08V
■ RESET Pulse Width - 200ms
■ Independent Watchdog Timer - 1.6 sec
Timeout (SP706P/S/R/T)
■ 40µA Maximum Supply Current
■ Debounced TTL/CMOS Manual-Reset Input
■ RESET Asserted Down to V
CC = 1V
■ RESET Output:
SP706P Active-High
SP706R/S/T Active-Low
SP708R/S/T Both Active High + Active Low
■ WDI Can Be Left Floating, Disabling the
Watchdog Function
Now Available in Lead Free Packaging
The SP706P/S/R/T, SP708R/S/T series is a family of microprocessor (µP) supervisory circuits
that integrate myriad components involved in discrete solutions which monitor power-supply and
battery, in µP, and digital systems. The SP706P/S/R/T, SP708R/S/T series will significantly
improve system reliability and operational efficiency when compared to results obtained with
discrete components. The features of the SP706P/S/R/T, SP708R/S/T series include a
watchdog timer, a µP reset, a Power Fail Comparator, and a manual-reset input. The SP706P/
S/R/T, SP708R/S/T series is ideal for +3.0V or +3.3V applications in automotive systems,
computers, controllers, and intelligent instruments. The SP706P/S/R/T, SP708R/S/T series is
an ideal solution for systems in which critical monitoring of the power supply to the µP and related
digital components is demanded.
r
e
b
m
u
N
t
r
a
Pe
v
i
t
c
A
T
E
S
E
Rd
l
o
h
s
e
r
h
T
T
E
S
E
Rt
e
s
e
R
l
a
u
n
a
My
c
a
r
u
c
c
A
I
F
Pt
u
p
n
I
g
o
d
h
c
t
a
W
P
6
0
7
P
S
H
G
I
HV
3
6
.
2S
E
Y%
4S
E
Y
R
6
0
7
P
S
W
O
LV
3
6
.
2S
E
Y%
4S
E
Y
S
6
0
7
P
S
W
O
LV
3
9
.
2S
E
Y%
4S
E
Y
T
6
0
7
P
S
W
O
LV
8
0
.
3S
E
Y%
4S
E
Y
R
8
0
7
P
S
H
G
I
H
/
W
O
LV
3
6
.
2S
E
Y%
4O
N
S
8
0
7
P
S
H
G
I
H
/
W
O
LV
3
9
.
2S
E
Y%
4O
N
T
8
0
7
P
S
H
G
I
H
/
W
O
LV
8
0
.
3S
E
Y%
4O
N
■ Built-In V
cc Glitch Immunity
■ Available in 8-pin PDIP, NSOIC, and
µSOIC packages
■ Voltage Monitor for Power Failure or Low
Battery Warning
■ Pin Compatible Enhancement to Industry
Standards 706P/R/S/T and 708R/S/T
®
+3.0V/+3.3V Low Power Microprocessor
Supervisory Circuits


Similar Part No. - SP708TCN

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP708TCN SIPEX-SP708TCN Datasheet
213Kb / 18P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
SP708TCN SIPEX-SP708TCN Datasheet
213Kb / 18P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
logo
Exar Corporation
SP708TCN-L EXAR-SP708TCN-L Datasheet
855Kb / 16P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
SP708TCN-L/TR EXAR-SP708TCN-L/TR Datasheet
855Kb / 16P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
More results

Similar Description - SP708TCN

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP706SEN-L EXAR-SP706SEN-L Datasheet
855Kb / 16P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
logo
Sipex Corporation
SP706P SIPEX-SP706P Datasheet
213Kb / 18P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
SP706P SIPEX-SP706P Datasheet
213Kb / 18P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
logo
Exar Corporation
SP706RCN-L EXAR-SP706RCN-L Datasheet
855Kb / 16P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
SP706REU-L EXAR-SP706REU-L Datasheet
855Kb / 16P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX690T MAXIM-MAX690T_V01 Datasheet
1Mb / 13P
   3.0V/3.3V Microprocessor Supervisory Circuits
2015
MAX690T MAXIM-MAX690T_05 Datasheet
287Kb / 12P
   3.0V/3.3V Microprocessor Supervisory Circuits
Rev 2; 12/05
MAX690T MAXIM-MAX690T Datasheet
100Kb / 12P
   3.0V/3.3V Microprocessor Supervisory Circuits
Rev 1; 9/94
MAX690R MAXIM-MAX690R Datasheet
1Mb / 13P
   3.0V/3.3V Microprocessor Supervisory Circuits
Rev 3; 4/15
MAX793SESE MAXIM-MAX793SESE Datasheet
189Kb / 20P
   3.0V/3.3V Adjustable Microprocessor Supervisory Circuits
Rev 6; 3/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com