Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP3224E Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP3224E
Description  3.0V to 5.5V RS-232 Transceivers with Auto On-Line짰 Plus
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3224E Datasheet(HTML) 4 Page - Sipex Corporation

  SP3224E Datasheet HTML 1Page - Sipex Corporation SP3224E Datasheet HTML 2Page - Sipex Corporation SP3224E Datasheet HTML 3Page - Sipex Corporation SP3224E Datasheet HTML 4Page - Sipex Corporation SP3224E Datasheet HTML 5Page - Sipex Corporation SP3224E Datasheet HTML 6Page - Sipex Corporation SP3224E Datasheet HTML 7Page - Sipex Corporation SP3224E Datasheet HTML 8Page - Sipex Corporation SP3224E Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
4
Rev P 11/20/06
SP3224E-SP3227E Transceivers with Auto On-line® Plus
© 2006 Sipex Corporation
TIMING CHARACTERISTICS
Unless otherwise noted VCC = +3.0V to +5.5V, TAMB = TMIN to TMAX,. Typical values are at TAMB = +25°C. C1–C4 =
0.1µF tested at 3.3V ±10%. C1=0.047µF C2–C4 = 0.33µF tested at 5V ±10%
Parameters
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
SP3224E and SP3226E
Maximum Data Rate
RL = 3kΩ, CL = 1000pF. One
transmitter switching.
250
kbps
Transition -Region
Slew Rate
Measurement taken from
+3.0V to -3.0V or -3.0V to +3.0V,
TAMB = 25°C
RL = 3kΩ to 7kΩ,
CL = 150pF to 1000pF
4
30
V/µs
Receiver Propagation
Delay
tRPHL , tRPLH
R_IN to R_OUT,
CL = 150pF
0.22
µs
Receiver Output
Enable Time
tRZH , tRZL
RL = 3kΩ, CL = 150pF
0.2
2
µs
Receiver Output
Disable Time
tRHZ , tRLZ
0.2
2
µs
Receiver Skew
|tPHL - tPLH| at 1.5V
200
ns
Parameters
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
SP3225E and SP3227E
Maximum Data Rate
RL = 3kΩ, CL = 250pF. One
transmitter Switching
1000
kbps
RL = 3kΩ, CL = 1000pF. One
transmitter Switching
500
kbps
Instantaneous Slew
Rate
Measurement taken from +3.0V
to -3.0V or -3.0V to +3.0V,
TAMB=25°C
24
150
V/µs
RL = 3kΩ to 7kΩ,
CL = 150pF to 250pF
Driver Skew
|tDPHL - tDPLH|
at zero crossing
75
ns
Receiver Propagation
Delay
tRPHL , tRPLH
R_IN to R_OUT, CL = 150pF
0.20
µs
Receiver Output
Enable Time
tRZH , tRZL
0.3
2
µs
Receiver Output
Disable Time
tRHZ , tRLZ
0.2
2
µs
Receiver Skew
|tPHL - tPLH|
at 1.5V
80
ns


Similar Part No. - SP3224E

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP3224E EXAR-SP3224E Datasheet
4Mb / 23P
   3.0V to 5.5V RS-232 Transceivers
More results

Similar Description - SP3224E

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3244E SIPEX-SP3244E Datasheet
922Kb / 22P
   3.0V to 5.5V RS-232 Transceivers with Auto On-Line짰 Plus
logo
Exar Corporation
SP3224E EXAR-SP3224E Datasheet
4Mb / 23P
   3.0V to 5.5V RS-232 Transceivers
logo
Sipex Corporation
SP3223B SIPEX-SP3223B Datasheet
180Kb / 24P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
logo
Exar Corporation
SP3222EEA-L-TR EXAR-SP3222EEA-L-TR Datasheet
1Mb / 24P
   True 3.0V to 5.5V RS-232 Transceivers
SP3223ECY-L-TR EXAR-SP3223ECY-L-TR Datasheet
803Kb / 21P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3232EBCY-L-TR EXAR-SP3232EBCY-L-TR Datasheet
644Kb / 24P
   True 3.0V to 5.5V RS-232 Transceivers
SP3232EBEY-L-TR EXAR-SP3232EBEY-L-TR Datasheet
644Kb / 24P
   True 3.0V to 5.5V RS-232 Transceivers
SP3232EEA-L-TR EXAR-SP3232EEA-L-TR Datasheet
1Mb / 24P
   True 3.0V to 5.5V RS-232 Transceivers
SP3232EEN-L-TR EXAR-SP3232EEN-L-TR Datasheet
1Mb / 24P
   True 3.0V to 5.5V RS-232 Transceivers
SP3232ECT-L EXAR-SP3232ECT-L Datasheet
1Mb / 23P
   True 3.0V to 5.5V RS-232 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com