Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF2381 Datasheet(PDF) 8 Page - RF Micro Devices

Part # RF2381
Description  PCS/CELLULAR TDMA/CDMA/W-CDMA LINEAR VARIABLE GAIN AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2381 Datasheet(HTML) 8 Page - RF Micro Devices

  RF2381 Datasheet HTML 1Page - RF Micro Devices RF2381 Datasheet HTML 2Page - RF Micro Devices RF2381 Datasheet HTML 3Page - RF Micro Devices RF2381 Datasheet HTML 4Page - RF Micro Devices RF2381 Datasheet HTML 5Page - RF Micro Devices RF2381 Datasheet HTML 6Page - RF Micro Devices RF2381 Datasheet HTML 7Page - RF Micro Devices RF2381 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
4-456
RF2381
Rev A2 060907
Output Power versus Input Power
(RF Freq. 1950MHz, VCC=2.8V, VGC=2.0V)
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
-14.0
-12.0
-10.0
-8.0
-6.0
-4.0
-2.0
0.0
2.0
4.0
6.0
Input Power (dBm)
Pout [dBm]


Similar Part No. - RF2381

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2381 RFMD-RF2381 Datasheet
102Kb / 8P
   PCS/CELLULAR TDMA/CDMA/W-CDMA LINEAR VARIABLE GAIN AMPLIFIER
RF2381 RFMD-RF2381 Datasheet
261Kb / 10P
   PCS/CELLULAR TDMA/CDMA/W-CDMA LINEAR VARIABLE GAIN AMPLIFIER
RF2381PCBA RFMD-RF2381PCBA Datasheet
102Kb / 8P
   PCS/CELLULAR TDMA/CDMA/W-CDMA LINEAR VARIABLE GAIN AMPLIFIER
RF2381PCBA-41X RFMD-RF2381PCBA-41X Datasheet
261Kb / 10P
   PCS/CELLULAR TDMA/CDMA/W-CDMA LINEAR VARIABLE GAIN AMPLIFIER
RF2381 RFMD-RF2381_1 Datasheet
261Kb / 10P
   PCS/CELLULAR TDMA/CDMA/W-CDMA LINEAR VARIABLE GAIN AMPLIFIER
More results

Similar Description - RF2381

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2377 RFMD-RF2377_06 Datasheet
147Kb / 8P
   PCS/CELLULAR TDMA/CDMA/W-CDMA LINEAR VARIABLE GAIN AMPLIFIER
RF2381 RFMD-RF2381_1 Datasheet
261Kb / 10P
   PCS/CELLULAR TDMA/CDMA/W-CDMA LINEAR VARIABLE GAIN AMPLIFIER
RF2377 RFMD-RF2377 Datasheet
123Kb / 8P
   PCS/CELLULAR TDMA/CDMA/W-CDMA LINEAR VARIABLE GAIN AMPLIFIER
RF2381 RFMD-RF2381 Datasheet
102Kb / 8P
   PCS/CELLULAR TDMA/CDMA/W-CDMA LINEAR VARIABLE GAIN AMPLIFIER
RF2376 RFMD-RF2376_06 Datasheet
131Kb / 8P
   CELLULAR TDMA/CDMA LINEAR VARIABLE GAIN AMPLIFIER
RF2376 RFMD-RF2376_1 Datasheet
277Kb / 10P
   CELLULAR TDMA/CDMA LINEAR VARIABLE GAIN AMPLIFIER
RF2376 RFMD-RF2376 Datasheet
112Kb / 8P
   CELLULAR TDMA/CDMA LINEAR VARIABLE GAIN AMPLIFIER
RF2681 RFMD-RF2681 Datasheet
157Kb / 8P
   W-CDMA LINEAR VARIABLE GAIN DRIVER AMPLIFIER
RF2157 RFMD-RF2157 Datasheet
192Kb / 10P
   PCS CDMA/TDMA 3V POWER AMPLIFIER
RF2324 RFMD-RF2324_06 Datasheet
110Kb / 6P
   PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com