Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C440C339K1G5HA Datasheet(PDF) 11 Page - Kemet Corporation

Part # C440C339K1G5HA
Description  Ceramic Leaded Capacitors
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C440C339K1G5HA Datasheet(HTML) 11 Page - Kemet Corporation

Back Button C440C339K1G5HA Datasheet HTML 7Page - Kemet Corporation C440C339K1G5HA Datasheet HTML 8Page - Kemet Corporation C440C339K1G5HA Datasheet HTML 9Page - Kemet Corporation C440C339K1G5HA Datasheet HTML 10Page - Kemet Corporation C440C339K1G5HA Datasheet HTML 11Page - Kemet Corporation C440C339K1G5HA Datasheet HTML 12Page - Kemet Corporation C440C339K1G5HA Datasheet HTML 13Page - Kemet Corporation C440C339K1G5HA Datasheet HTML 14Page - Kemet Corporation C440C339K1G5HA Datasheet HTML 15Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
© KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
11
CERAMIC CONFORMALLY COATED/RADIAL
“STANDARD & HIGH VOLTAGE GOLDEN MAX”
CAPACITOR MARKINGS
Manufacturer
(KEMET)
Rated Voltage
5 - 50 volts
1 - 100 volts
2 - 200 volts
Capacitance
Tolerance
Manufacturer
(KEMET)
Capacitance
& Tolerance
Dielectric
C0G
X7R
Z5U
Rated
Voltage
Capacitance
Code
Date Code
Front
K1K
Back
102
C31X & C32X Size
KX7R
105K
100V
0212
C340 & C350 Size
Rated Voltage
5 - 50 volts
1 - 100 volts
2 - 200 volts
Manufacturer
(KEMET)
Capacitance
Tolerance
Capacitance
Code
Dielectric
G - C0G
R - X7R
U - Z5U
K5U
104M
C33X Size
RATINGS & PART NUMBER REFERENCE: ULTRA-STABLE TEMPERATURE CHARACTERISTICS – C0G/NPO
For packaging information, see pages 40 and 41.
K
Manufacturer
(KEMET)
50
100
200
500
1k
50
100
200
500
1k
1.5k
2k
50
100
200
500
1k
1.5k
2k
2.5k
3k
50
100
200
500
1k
2k
3k
50
100
200
500
1k
2k
3k
1.0pF
109
D
1.1
119
D
1.2
129
D
1.3
139
D
1.5
159
D
1.6
169
D
1.8
189
D
2.0
209
D
2.2
229
D
2.4
249
D
2.7
279
D
3.0
309
D
3.3
339
D
3.6
369
D
3.9
399
D
4.3
439
D
4.7
479
D
5.1
519
D
5.6
569
D
6.2
629
D
6.8
689
D
7.5
759
D
8.2
829
D
9.1
919
D
10
100
J,K
11
110
J,K
12
120
J,K
13
130
J,K
15
150
J,K
16
160
J,K
18
180
J,K
20
200
J,K
22
220
J,K
24
240
G,J,K
27
270
G,J,K
30
300
G,J,K
33
330
G,J,K
36
360
G,J,K
39
390
G,J,K
43
430
G,J,K
47
470
G,J,K
51
510
G,J,K
56
560
F,G,J
62
620
F,G,J
68
680
F,G,J
75
750
F,G,J
82
820
F,G,J
91
910
F,G,J
WVDC
WVDC
WVDC
WVDC
WVDC
C35X
C31X
C32X
C33X
C34X
Style
Cap
Cap
Code
Cap
Tol


Similar Part No. - C440C339K1G5HA

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C440C334K5R5TA7200 KEMET-C440C334K5R5TA7200 Datasheet
66Kb / 1P
   Ceramic, AxiMax, 0.33 uF, 10%, 50 V, X7R, AxiMax, Commercial Standard
More results

Similar Description - C440C339K1G5HA

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
UP025B121K-A-BZ TAIYO-YUDEN-UP025B121K-A-BZ Datasheet
138Kb / 1P
   Axial Leaded Ceramic Capacitors
UP025B152K-A-BZ TAIYO-YUDEN-UP025B152K-A-BZ Datasheet
139Kb / 1P
   Axial Leaded Ceramic Capacitors
UP025B391K-A-BZ TAIYO-YUDEN-UP025B391K-A-BZ Datasheet
138Kb / 1P
   Axial Leaded Ceramic Capacitors
UP025B472K-A-BZ TAIYO-YUDEN-UP025B472K-A-BZ Datasheet
138Kb / 1P
   Axial Leaded Ceramic Capacitors
UP025B821K-A-BZ TAIYO-YUDEN-UP025B821K-A-BZ Datasheet
138Kb / 1P
   Axial Leaded Ceramic Capacitors
UP050B182K-A-BZ TAIYO-YUDEN-UP050B182K-A-BZ Datasheet
139Kb / 1P
   Axial Leaded Ceramic Capacitors
UP050B273K-A-BZ TAIYO-YUDEN-UP050B273K-A-BZ Datasheet
139Kb / 1P
   Axial Leaded Ceramic Capacitors
UP050B474K-A-BZ TAIYO-YUDEN-UP050B474K-A-BZ Datasheet
139Kb / 1P
   Axial Leaded Ceramic Capacitors
UP050B563K-A-BZ TAIYO-YUDEN-UP050B563K-A-BZ Datasheet
139Kb / 1P
   Axial Leaded Ceramic Capacitors
UP025CH331J-A-BZ TAIYO-YUDEN-UP025CH331J-A-BZ Datasheet
138Kb / 1P
   Axial Leaded Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com