Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA4977H Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SAA4977H
Description  Besic
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA4977H Datasheet(HTML) 3 Page - NXP Semiconductors

  SAA4977H Datasheet HTML 1Page - NXP Semiconductors SAA4977H Datasheet HTML 2Page - NXP Semiconductors SAA4977H Datasheet HTML 3Page - NXP Semiconductors SAA4977H Datasheet HTML 4Page - NXP Semiconductors SAA4977H Datasheet HTML 5Page - NXP Semiconductors SAA4977H Datasheet HTML 6Page - NXP Semiconductors SAA4977H Datasheet HTML 7Page - NXP Semiconductors SAA4977H Datasheet HTML 8Page - NXP Semiconductors SAA4977H Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
1998 Jul 23
3
Philips Semiconductors
Preliminary specification
Besic
SAA4977H
1
FEATURES
• Internal prefilter
• Clamp circuit
• Analog AGC
• Line locked PLL
• Triple YUV 8-bit Analog-to-Digital Converter (ADC)
• Horizontal compression
• Field rate up-conversion (50 to 100 Hz or 60 to 120 Hz)
• 4:1:1 digital I/O interface
• Digital CTI (DCTI)
• Digital luminance peaking
• Triple 10-bit Digital-to-Analog Converter (DAC)
• Memory controller
• Embedded microprocessor
• 16 kbyte ROM
• 256 byte RAM
• I2C-bus interface
• Synchronous No parity Eight bit Reception and
Transmission (SNERT) interface.
2
GENERAL DESCRIPTION
The SAA4977H is a video processing IC providing analog
YUV interfacing, video enhancing features, memory
controlling and an embedded 80C51 microprocessor core.
It is applicable especially for field rate up-conversion
(50 to 100 Hz or 60 to 120 Hz) in cooperation with a
2.9 Mbit field memory. It is designed for applications
together with:
SAA4955/56TJ, TMS4C2972/73 (serial field memories)
SAA4990H (PROZONIC)
SAA4991WP (MELZONIC).
3
QUICK REFERENCE DATA
4
ORDERING INFORMATION
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
VDDA(1,2,3)
analog supply voltage front-end
4.75
5.0
5.25
V
VDDD(1,2,3)
digital supply voltage front-end
4.75
5.0
5.25
V
VDDA(4,5)
analog supply voltage back-end
3.15
3.3
3.45
V
VDDD(4,5,6)
digital supply voltage back-end
3.15
3.3
3.45
V
VDDIO
I/O supply voltage back-end
4.75
5.0
5.25
V
IDDA(1,2,3)
analog supply current front-end
85
100
mA
IDDD(1,2,3)
digital supply current front-end
65
80
mA
IDDA(4,5)
analog supply current back-end
25
35
mA
IDDD(4,5,6)
digital supply current back-end
40
55
mA
IDDIO
I/O supply current back-end
110
mA
Ptot
total power dissipation
−−
1.3
W
Tamb
operating ambient temperature
−20
+60
°C
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
SAA4977H
QFP80
plastic quad flat package; 80 leads (lead length 1.95 mm);
body 14
× 20 × 2.8 mm
SOT318-2


Similar Part No. - SAA4977H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA4970T PHILIPS-SAA4970T Datasheet
179Kb / 32P
   Economical video processing IC ECOBENDIC
1996 Oct 25
SAA4974 PHILIPS-SAA4974 Datasheet
173Kb / 28P
   Besic without ADC
1998 Apr 21
SAA4974H PHILIPS-SAA4974H Datasheet
173Kb / 28P
   Besic without ADC
1998 Apr 21
SAA4978 PHILIPS-SAA4978 Datasheet
296Kb / 56P
   Picture Improved Combined Network PICNIC
1999 May 03
SAA4978H PHILIPS-SAA4978H Datasheet
296Kb / 56P
   Picture Improved Combined Network PICNIC
1999 May 03
More results

Similar Description - SAA4977H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA4974H PHILIPS-SAA4974H Datasheet
173Kb / 28P
   Besic without ADC
1998 Apr 21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com