Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF2192 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF2192
Description  3V 900MHz LINEAR POWER AMPLIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2192 Datasheet(HTML) 3 Page - RF Micro Devices

  RF2192 Datasheet HTML 1Page - RF Micro Devices RF2192 Datasheet HTML 2Page - RF Micro Devices RF2192 Datasheet HTML 3Page - RF Micro Devices RF2192 Datasheet HTML 4Page - RF Micro Devices RF2192 Datasheet HTML 5Page - RF Micro Devices RF2192 Datasheet HTML 6Page - RF Micro Devices RF2192 Datasheet HTML 7Page - RF Micro Devices RF2192 Datasheet HTML 8Page - RF Micro Devices RF2192 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
2-329
RF2192
Rev A8 060918
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
High Power State CDMA
2000 1x (VMODE LOW)
Case T=25oC, VCC=3.4V, VREG=2.85V.
VMODE=0V to 0.5V, Freq=824MHz to
849MHz (unless otherwise specified)
Frequency Range
824
849
MHz
Linear Gain
29
dB
Pilot+DCCH 9600
Maximum Linear Output Power
(CDMA 2000 Modulation)
26.5
dBm
2.5dB Backoff included in IS98D CCDF 1%
5.4dB Peak Average Ratio at CCDF 1%
Adjacent Channel Power Rejec-
tion
-47
dBc
ACPR@885kHz
<-60
dBc
ACPR@1.98MHz
Pilot+FCH 9600+SCHO 9600
Maximum Linear Output Power
(CDMA 2000 Modulation)
29
dBm
4.5dB Peak Average Ratio at CCDF 1%
Adjacent Channel Power Rejec-
tion
-47
dBc
ACPR@885kHz
<-60
dBc
ACPR@1.98MHz
Low Power State CDMA
2000 1x (VMODE HIGH)
Case T=25oC, VCC=3.4V, VREG=2.85V.
VMODE=1.8V to 3V, Freq=824MHz to
849MHz
Frequency Range
824
849
MHz
Linear Gain
22
dB
Pilot+DCCH 9600
Maximum Linear Output Power
(CDMA 2000 Modulation)
16
20
dBm
5.4dB Peak to Average Ratio at CCDF 1%
Adjacent Channel Power Rejec-
tion
-48
dBc
ACPR@885kHz
<-85
dBc
ACPR@1.98MHz
Efficiency
15
%
POUT=20dBm
Pilot+FCH 9600+SCHO 9600
Maximum Linear Output Power
(CDMA 2000 Modulation)
16
20
dBm
4.5dB Peak to Average Ratio at CCDF 1%
Adjacent Channel Power Rejec-
tion
<-50
dBc
ACPR@885kHz
<-65
dBc
ACPR@1.98MHz
FM Mode
Case T=25°C, VCC=3.4V, VREG=2.85V,
VMODE=0V to 0.5V, Freq=824MHz to
849MHz (unless otherwise specified)
Frequency Range
824
849
MHz
Gain
30
dB
Second Harmonic
-33
dBc
Third Harmonic
<-60
dBc
Max CW Output Power
31
32
dBm
Total Efficiency (AMPS mode)
47
%
POUT=31dBm (room temperature)
Input VSWR
2:1
Output VSWR
10:1
No damage.
6:1
No oscillations. >-70dBc
Note: DCCH: Dedicated Control Channel
FCH:
Fundamental Channel
CCDF: Complementary Cumulative Distribution Function


Similar Part No. - RF2192

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2192 RFMD-RF2192 Datasheet
131Kb / 8P
   3V 900MHZ LINEAR POWER AMPLIFIER
RF2192 RFMD-RF2192 Datasheet
282Kb / 12P
   3V 900MHz LINEAR POWER AMPLIFIER
RF2192PCBA RFMD-RF2192PCBA Datasheet
131Kb / 8P
   3V 900MHZ LINEAR POWER AMPLIFIER
RF2192PCBA-41X RFMD-RF2192PCBA-41X Datasheet
282Kb / 12P
   3V 900MHz LINEAR POWER AMPLIFIER
RF2192 RFMD-RF2192_1 Datasheet
282Kb / 12P
   3V 900MHz LINEAR POWER AMPLIFIER
More results

Similar Description - RF2192

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2192 RFMD-RF2192_1 Datasheet
282Kb / 12P
   3V 900MHz LINEAR POWER AMPLIFIER
RF2192 RFMD-RF2192 Datasheet
131Kb / 8P
   3V 900MHZ LINEAR POWER AMPLIFIER
RF2162 RFMD-RF2162 Datasheet
218Kb / 10P
   3V 900MHZ LINEAR AMPLIFIER
RF6100-1 RFMD-RF6100-1 Datasheet
67Kb / 6P
   3V 900MHZ LINEAR POWER AMPLIFIER MODULE
RF6100-1 RFMD-RF6100-1_1 Datasheet
165Kb / 8P
   3V 900MHZ LINEAR POWER AMPLIFIER MODULE
RF2162 RFMD-RF2162_06 Datasheet
244Kb / 10P
   3V 900MHz LINEAR AMPLIFIER
RF3163 RFMD-RF3163_1 Datasheet
216Kb / 10P
   3V 900MHZ LINEAR POWER AMPLIFIER MODULE
RF3163 RFMD-RF3163 Datasheet
89Kb / 10P
   3V 900MHZ LINEAR POWER AMPLIFIER MODULE
RF6263 RFMD-RF6263 Datasheet
161Kb / 8P
   3V 900MHZ LINEAR POWER AMPLIFIER MODULE
RF6100-1 RFMD-RF6100-1_06 Datasheet
60Kb / 6P
   3V 900MHZ LINEAR POWER AMPLIFIER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com