Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA4963 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SAA4963
Description  Integrated NTSC comb filter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA4963 Datasheet(HTML) 5 Page - NXP Semiconductors

  SAA4963 Datasheet HTML 1Page - NXP Semiconductors SAA4963 Datasheet HTML 2Page - NXP Semiconductors SAA4963 Datasheet HTML 3Page - NXP Semiconductors SAA4963 Datasheet HTML 4Page - NXP Semiconductors SAA4963 Datasheet HTML 5Page - NXP Semiconductors SAA4963 Datasheet HTML 6Page - NXP Semiconductors SAA4963 Datasheet HTML 7Page - NXP Semiconductors SAA4963 Datasheet HTML 8Page - NXP Semiconductors SAA4963 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
1997 Mar 03
5
Philips Semiconductors
Preliminary specification
Integrated NTSC comb filter
SAA4963
FUNCTIONAL DESCRIPTION
Functional requirements
The NTSC comb filter processes the video standard
NTSC M. For SVHS signals the input signals are
bypassed to the output without processing by selecting the
SVHS mode.
A sync separation circuit is incorporated to generate
control signals for the internal clock processing. With a
sync compression of up to 12 dB (see Fig.5) the sync
separator works properly.
The IC is controlled via the pin SVHS (pin 2) which forces
the IC into the SVHS mode (bypass) if the comb filter
function is not desired. It is possible to select the following
modes:
COMB-mode: Luminance and chrominance comb filter
function active, if SVHS mode not active
SVHS-mode: No IC function active, all clocks inactive,
Cext (pin 7) is bypassed to CO (pin 9) and Yext (pin 14) is
bypassed to YO (pin 11). This mode is forced via SVHS
(pin 2).
The mode changes from SVHS to COMB and vice versa
are always performed asynchronously with respect to the
vertical blanking interval.
Pin description
FSC (PIN 1)
Input for the reference frequency fsc (see note 3 of Chapter
“Characteristics”). For SVHS signals the signal
performance can be increased by switching the input
signal at FSC off.
SVHS (PIN 2)
Input signal that controls the operation mode. An internal
low-pass filter suppresses the subcarrier frequencies.
Thus applications are supported where the operation
mode (COMB or SVHS) is controlled by the DC level of the
FSC input signal at pin 1. For those applications the SVHS
input can be externally connected to FSC (pin 1).
Table 1
SVHS function
SVHS
SELECTED MODE
LOW
COMB
HIGH
SVHS (PLL and clock processing stopped)
The PLL and the clock processing are always stopped if
the selected level for SVHS is applied to SVHS
(independent of the vertical pulse).
VCCA,VCCO,VDDD AND VCCPLL (PINS 4, 6, 15 AND 18)
Supply voltages.
AGND, OGND, DGND AND PLLGND (PINS 5, 8,
16 AND 17)
Ground connection. AGND is used as signal reference for
all analog input and output signals.
Cext (PIN 7)
Input for an external chrominance signal which is
correlated with the external VBS signal in SVHS-mode.
CO (PIN 9)
Chrominance output signal. This output delivers the comb
filtered chrominance from the CVBS signal in
COMB-mode or the external chrominance signal from the
input Cext if the IC is forced into the SVHS-mode.
In COMB-mode the output is delayed by an additional
processing delay.
Table 2
CO output signal
REFDL (PIN 10)
Decoupling capacitor for the delay line reference voltage.
YO (PIN 11)
VBS output signal. This output delivers the comb filtered
luminance signal (including synchronization pulses) in
COMB-mode or the external (C)VBS signal from the input
Yext if the IC is forced into SVHS-mode. In COMB-mode
the output is delayed by an additional processing delay.
Table 3
YO output signal
MODE
CO OUTPUT SIGNAL
COMB
comb filtered chrominance signal
SVHS
external chrominance signal from Cext input
MODE
YO OUTPUT SIGNAL
COMB
comb filtered luminance signal
SVHS
external (C)VBS signal from Yext input


Similar Part No. - SAA4963

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA4960 PHILIPS-SAA4960 Datasheet
194Kb / 24P
   Integrated PAL comb filter
1996 Oct 15
More results

Similar Description - SAA4963

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9183 PHILIPS-TDA9183 Datasheet
106Kb / 24P
   Integrated NTSC comb filter
2000 Nov 30
logo
Sony Corporation
CXD2043Q SONY-CXD2043Q Datasheet
157Kb / 11P
   Digital Comb Filter (NTSC)
CXD2073Q SONY-CXD2073Q Datasheet
160Kb / 11P
   Digital Comb Filter (NTSC)
CXD2073S SONY-CXD2073S Datasheet
144Kb / 11P
   Digital Comb Filter (NTSC)
CXD2093Q SONY-CXD2093Q Datasheet
235Kb / 15P
   Digital Comb Filter (NTSC)
CXD2064Q SONY-CXD2064Q Datasheet
266Kb / 15P
   Digital Comb Filter (NTSC/PAL)
logo
NXP Semiconductors
SAA4960 PHILIPS-SAA4960 Datasheet
194Kb / 24P
   Integrated PAL comb filter
1996 Oct 15
TDA9181 PHILIPS-TDA9181 Datasheet
135Kb / 32P
   Integrated multistandard comb filter
2000 Nov 22
logo
Zoran Corporation
CVD2 ZORAN-CVD2 Datasheet
225Kb / 2P
   3D Comb Filter NTSC/PAL/SECAM Video Decoder
CVD1 ZORAN-CVD1 Datasheet
222Kb / 2P
   2D Comb Filter NTSC/PAL/SECAM Video Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com