Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP78L12M4-L Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP78L12M4-L
Description  100mA 3-Terminal Positive Voltage Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP78L12M4-L Datasheet(HTML) 6 Page - Sipex Corporation

Back Button SP78L12M4-L Datasheet HTML 2Page - Sipex Corporation SP78L12M4-L Datasheet HTML 3Page - Sipex Corporation SP78L12M4-L Datasheet HTML 4Page - Sipex Corporation SP78L12M4-L Datasheet HTML 5Page - Sipex Corporation SP78L12M4-L Datasheet HTML 6Page - Sipex Corporation SP78L12M4-L Datasheet HTML 7Page - Sipex Corporation SP78L12M4-L Datasheet HTML 8Page - Sipex Corporation SP78L12M4-L Datasheet HTML 9Page - Sipex Corporation SP78L12M4-L Datasheet HTML 10Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
Date: 8/3/06 Rev H
SP78LXX 00mA 3-Terminal Positive Voltage Regulator
© 2006 Sipex Corporation
Typical Performance characteristics (continued)
Figure . Line Transient Response
0
2
0
7
00
2
0
0.

R
JA=20
oC/W
P
D(MAX) to2
oC=0.6W
No Heatsink
Ambient Temperature(
oC)
Figure 0. Load Transient Response
Figure 8. Maximum Power Dissipation vs.
Ambient Temperature (NSOIC-8 Package)
Typical Application
Figure . Typical Application of the SP78LXX
Note 4: Bypass capacitors are recommended for optimum stability and transient response and should be located
as close as possible to the regulator.
SP78L0
+
+
0.33 F
(Note )
0. F
(Note )
V
IN
V
OUT

2
3


Similar Part No. - SP78L12M4-L

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP78L12M4-L/TR EXAR-SP78L12M4-L/TR Datasheet
506Kb / 11P
   100mA 3-Terminal Positive Voltage Regulator
More results

Similar Description - SP78L12M4-L

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS78L06CX TSC-TS78L06CX Datasheet
283Kb / 12P
   3-Terminal 100mA Positive Voltage Regulator
logo
Exar Corporation
SP78LXX EXAR-SP78LXX Datasheet
506Kb / 11P
   100mA 3-Terminal Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS78L00 TSC-TS78L00 Datasheet
524Kb / 12P
   3-Terminal 100mA Positive Voltage Regulator
TS78L06CS TSC-TS78L06CS Datasheet
283Kb / 12P
   3-Terminal 100mA Positive Voltage Regulator
TS78L06ACY TSC-TS78L06ACY Datasheet
283Kb / 12P
   3-Terminal 100mA Positive Voltage Regulator
TS78L00 TSC-TS78L00_08 Datasheet
181Kb / 12P
   3-Terminal 100mA Positive Voltage Regulator
TS78L00 TSC-TS78L00_14 Datasheet
316Kb / 13P
   3-Terminal 100mA Positive Voltage Regulator
TS78L06CT TSC-TS78L06CT Datasheet
283Kb / 12P
   3-Terminal 100mA Positive Voltage Regulator
logo
AiT Semiconductor Inc.
A78L05 AITSEMI-A78L05 Datasheet
710Kb / 9P
   BIPOLAR LINEAR REGULATOR 100mA 3-TERMINAL POSITIVE VOLTAGE REGULATOR
REV3.1
logo
NTE Electronics
NTE950 NTE-NTE950 Datasheet
27Kb / 3P
   Integrated Circuit Positive 3 Terminal Voltage Regulator, 100mA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com