Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP2950CN-L-5-0 Datasheet(PDF) 5 Page - Sipex Corporation

Part # LP2950CN-L-5-0
Description  100mA Low Dropout Voltage Regulators
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

LP2950CN-L-5-0 Datasheet(HTML) 5 Page - Sipex Corporation

  LP2950CN-L-5-0 Datasheet HTML 1Page - Sipex Corporation LP2950CN-L-5-0 Datasheet HTML 2Page - Sipex Corporation LP2950CN-L-5-0 Datasheet HTML 3Page - Sipex Corporation LP2950CN-L-5-0 Datasheet HTML 4Page - Sipex Corporation LP2950CN-L-5-0 Datasheet HTML 5Page - Sipex Corporation LP2950CN-L-5-0 Datasheet HTML 6Page - Sipex Corporation LP2950CN-L-5-0 Datasheet HTML 7Page - Sipex Corporation LP2950CN-L-5-0 Datasheet HTML 8Page - Sipex Corporation LP2950CN-L-5-0 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
Mar8-07 Rev E
LP2950-5 Low Dropout Linear Regulator
© 2007 Sipex Corporation
LP2951 Comparator Sink Current
2.5
1.5
OUTPUT LOW VOLTAGE (V)
2.0
1.0
0.5
0.0
0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
T
A = -55ºC
T
A = 25ºC
TA = 125ºC
Line Transient Response
TIME(µs)
100
0
200
400
600
800
4V
6V
8V
-50
0
50
~~
mV
mV
mV
C
L= 1 µF
I
L= 1mA
V
OUT = 5V
Error Comparator Output
8
6
0
INPUT VOLTAGE (V)
4
2
0
-2
1
2
3
4
5
V
OUT = 5V
PULLUP RESISTOR TO
SEPARATE 5V SUPPLY
HYSTERESIS
Output Impedance
10
0.5
0.1
0.02
10
100
1K
10K
100K
1M
FREQUENCY (Hz)
5
0.2
0.05
0.01
1
2
I
O= 100mA
I
O= 100 µA
I
O= 1mA
V
OUT = 5V
C
L= 1 µF
Ripple Rejection
90
70
60
40
101
102
103
104
105
106
FREQUENCY (Hz)
80
50
20
30
I
L= 100 µA
I
L= 0
C
L= 1 µF
V
IN= 6V
V
OUT = 5V
Ripple Rejection
FREQUENCY (Hz)
106
103
102
101
90
80
70
60
50
20
40
30
104
105
I
L = 10mA
I
L = 1mA
C
L= 1µF
V
IN= 6V
V
OUT = 5V
Drop-Out Voltage
600
400
300
50
-75 -50 -25 0 25 50 75 100 125 150
TEMPERATURE (ºC)
500
100
0
I
L= 100mA
I
L= 100 µA
~
~
Drop-Out Voltage
T
J = 25ºC
OUTPUT CURRENT
100mA
10mA
1mA
100µA
500
400
300
200
100
0
Short Circuit Current
170
150
130
110
-75 -50 -25 0 25 50 75 100 125 150
TEMPERATURE (ºC)
160
140
120
110

   


Similar Part No. - LP2950CN-L-5-0

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
LP2950CN-L-5-0 EXAR-LP2950CN-L-5-0 Datasheet
835Kb / 16P
   100mA, LOW DROPOUT VOLTAGE REGULATORS
LP2950CN-L-5-0/TR EXAR-LP2950CN-L-5-0/TR Datasheet
835Kb / 16P
   100mA, LOW DROPOUT VOLTAGE REGULATORS
More results

Similar Description - LP2950CN-L-5-0

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
PL2950-XXA3 CYSTEKEC-PL2950-XXA3 Datasheet
198Kb / 3P
   100mA Low Dropout Voltage Regulators
logo
Gamma Microelectronics ...
GM2950 GAMMA-GM2950 Datasheet
445Kb / 10P
   100mA, LOW DROPOUT VOLTAGE REGULATORS
logo
HTC Korea TAEJIN Techno...
LM2950 HTC-LM2950 Datasheet
172Kb / 4P
   100mA LOW DROPOUT VOLTAGE REGULATORS
logo
Exar Corporation
LP2950 EXAR-LP2950 Datasheet
835Kb / 16P
   100mA, LOW DROPOUT VOLTAGE REGULATORS
logo
Calogic, LLC
LP2950 CALOGIC-LP2950 Datasheet
140Kb / 10P
   100mA Low Dropout Voltage Regulators
logo
HTC Korea TAEJIN Techno...
LM2930 HTC-LM2930 Datasheet
138Kb / 4P
   100mA LOW DROPOUT VOLTAGE REGULATORS
logo
Linear Dimensions Semic...
LND2950 LINEAR_DIMENSIONS-LND2950 Datasheet
137Kb / 5P
   100mA Low Dropout Voltage Regulators
logo
Cystech Electonics Corp...
PL2951-XXQ8 CYSTEKEC-PL2951-XXQ8 Datasheet
209Kb / 5P
   100mA Low Dropout Voltage Regulators
logo
Maxim Integrated Produc...
MAX8865T MAXIM-MAX8865T Datasheet
169Kb / 12P
   Dual, Low-Dropout, 100mA Linear Regulators
MAX8865R MAXIM-MAX8865R Datasheet
172Kb / 12P
   Dual, Low-Dropout, 100mA Linear Regulators
19-0485; Rev 0; 4/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com