Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP26LV432 Datasheet(PDF) 7 Page - Sipex Corporation

Part # SP26LV432
Description  High-Speed, Low-Power Quad RS-422 Differential Line Receiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP26LV432 Datasheet(HTML) 7 Page - Sipex Corporation

Back Button SP26LV432 Datasheet HTML 3Page - Sipex Corporation SP26LV432 Datasheet HTML 4Page - Sipex Corporation SP26LV432 Datasheet HTML 5Page - Sipex Corporation SP26LV432 Datasheet HTML 6Page - Sipex Corporation SP26LV432 Datasheet HTML 7Page - Sipex Corporation SP26LV432 Datasheet HTML 8Page - Sipex Corporation SP26LV432 Datasheet HTML 9Page - Sipex Corporation SP26LV432 Datasheet HTML 10Page - Sipex Corporation SP26LV432 Datasheet HTML 11Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
Date: 04/27/06
SP26LV432 High Speed, Low Power Quad Differential Line Receiver
© Copyright 2006 Sipex Corporation
Figure 16. Transition Voltage vs Supply Voltage
Figure 14. Input Current vs Supply Voltage
Figure 15. Transition Voltage vs Temperature
Figure 17. Supply Current vs Temperature
Figure 18. Disabled Supply Current vs Supply Voltage
Figure 19. Supply Current vs Data Rate
-1.2
-0.9
-0.6
-0.3
0.0
0.3
0.6
0.9
3.0
3.1
3.2
3.3
3.4
3.5
3.6
Power Supply Voltage (V)
+10V @ Inverting Input
+10V @ Non-Inverting Input
0V @ Non-Inverting Input
-10V @ Non-Inverting Input
-10V @ Inverting Input
0V @ Inverting Input
-40
-20
0
20
40
60
80
-40
-15
10
35
60
85
Temperature (°C)
VHYST
VTH
VTL
VCC = 3.3V
-40
-20
0
20
40
60
80
3.0
3.1
3.2
3.3
3.4
3.5
3.6
Power Supply Voltage (V)
VHYST
VTL
4.0
4.5
5.0
5.5
6.0
6.5
7.0
-40
-15
10
35
60
85
Temperature (°C)
VCC = 3.3V
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
3.0
3.1
3.2
3.3
3.4
3.5
3.6
Power Supply Voltage (V)
3.6
3.9
4.2
4.5
4.8
5.1
5.4
110
100
1000
10000
100000
Data Rate (kBaud)
No Load
50pF Load
1 TTL Load
VCC = 3.0V


Similar Part No. - SP26LV432

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP26LV432 SIPEX-SP26LV432 Datasheet
124Kb / 11P
   High Speed, Low Power Quad RS-422 Differential Line Receiver
logo
Exar Corporation
SP26LV432 EXAR-SP26LV432 Datasheet
780Kb / 20P
   HIGH SPEED 3.3V QUAD RS-422 DIFFERENTIAL LINE RECEIVER
logo
Sipex Corporation
SP26LV432CN SIPEX-SP26LV432CN Datasheet
124Kb / 11P
   High Speed, Low Power Quad RS-422 Differential Line Receiver
logo
Exar Corporation
SP26LV432CN-L EXAR-SP26LV432CN-L Datasheet
780Kb / 20P
   HIGH SPEED 3.3V QUAD RS-422 DIFFERENTIAL LINE RECEIVER
SP26LV432CN-L/TR EXAR-SP26LV432CN-L/TR Datasheet
780Kb / 20P
   HIGH SPEED 3.3V QUAD RS-422 DIFFERENTIAL LINE RECEIVER
More results

Similar Description - SP26LV432

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP432 SIPEX-SP432 Datasheet
362Kb / 14P
   High Speed, Low Power Quad RS-422 Differential Line Receiver
SP26LV432 SIPEX-SP26LV432 Datasheet
124Kb / 11P
   High Speed, Low Power Quad RS-422 Differential Line Receiver
logo
Exar Corporation
SP26LV432 EXAR-SP26LV432 Datasheet
780Kb / 20P
   HIGH SPEED 3.3V QUAD RS-422 DIFFERENTIAL LINE RECEIVER
ST26C32 EXAR-ST26C32 Datasheet
70Kb / 8P
   QUAD RS-422, RS-423 CMOS Differential Line Receiver
logo
Sipex Corporation
SP26LV431 SIPEX-SP26LV431 Datasheet
138Kb / 13P
   High Speed, 3.3V Quad RS-422 Differential Line Driver
SP431 SIPEX-SP431 Datasheet
367Kb / 15P
   High Speed, 3.3V Quad RS-422 Differential Line Driver
logo
Exar Corporation
SP26LV431 EXAR-SP26LV431 Datasheet
777Kb / 22P
   HIGH SPEED 3.3V QUAD RS-422 DIFFERENTIAL LINE DRIVER
logo
National Semiconductor ...
DS3486 NSC-DS3486_07 Datasheet
255Kb / 8P
   Quad RS-422, RS-423 Line Receiver
DS3486 NSC-DS3486 Datasheet
139Kb / 6P
   Quad RS-422, RS-423 Line Receiver
logo
Texas Instruments
DS3486MX TI1-DS3486MX Datasheet
767Kb / 12P
[Old version datasheet]   DS3486 Quad RS-422, RS-423 Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com