Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SP26LV432 Datasheet(PDF) 4 Page - Sipex Corporation

Part No. SP26LV432
Description  High-Speed, Low-Power Quad RS-422 Differential Line Receiver
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIPEX [Sipex Corporation]
Homepage  http://www.sipex.com
Logo 

SP26LV432 Datasheet(HTML) 4 Page - Sipex Corporation

 
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
Date: 04/27/06
SP26LV432 High Speed, Low Power Quad Differential Line Receiver
© Copyright 2006 Sipex Corporation
PIN NUMBER
PIN NAME
DESCRIPTION
1RI1BInverted RS-422 receiver input.
2RI1A
Non-inverted RS-422 receiver input.
3R01
TTL receiver output.
4
ENABLE
Receiver input enable, active HIGH.
5R02
TTL receiver output.
6RI2A
Non-inverted RS-422 receiver input.
7RI2BInverted RS-422 receiver input.
8
GND
Ground.
9RI3BInverted RS-422 receiver input.
10
RI3A
Non-inverted RS-422 receiver input.
11
R03
TTL receiver output.
12
ENABLE
Receiver input enable, active LOW.
13
R04
TTL receiver output.
14
RI4A
Non-inverted RS-422 receiver input.
15
RI4BInverted RS-422 receiver input.
16
VCC
+3.0V to +3.6V power supply.
PINOUT
VCC
RI2B
1
2
3
4
13
14
5
6
7
RI3A
RI1A
R01
ENABLE
R02
RI2A
R03
RI1B
ENABLE
R04
RI4A
RI4B
8
9
GND
RI3B
10
12
11
15
16
SP26LV432
PIN DESCRIPTION


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn