Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA4955TJ Datasheet(PDF) 9 Page - NXP Semiconductors

Part # SAA4955TJ
Description  2.9-Mbit field memory
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA4955TJ Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button SAA4955TJ Datasheet HTML 5Page - NXP Semiconductors SAA4955TJ Datasheet HTML 6Page - NXP Semiconductors SAA4955TJ Datasheet HTML 7Page - NXP Semiconductors SAA4955TJ Datasheet HTML 8Page - NXP Semiconductors SAA4955TJ Datasheet HTML 9Page - NXP Semiconductors SAA4955TJ Datasheet HTML 10Page - NXP Semiconductors SAA4955TJ Datasheet HTML 11Page - NXP Semiconductors SAA4955TJ Datasheet HTML 12Page - NXP Semiconductors SAA4955TJ Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
1999 Apr 29
9
Philips Semiconductors
Product specification
2.9-Mbit field memory
SAA4955TJ
Cascade operation
If a longer delay is needed, the total storage depth can be
increased beyond 2949264 bits by cascading several
SAA4955TJs. For details see the interconnection and
timing diagrams (Figs 17 and 18).
Test mode operation
The SAA4955TJ incorporates a test mode not intended for
customer use. If WE and RSTW are held HIGH
continuously for 1024 SWCK clock cycles, the
SAA4955TJ will enter test mode. It will exit test mode if WE
is LOW for a single SWCK cycle or if RSTW is LOW for
2 SWCK clock cycles.
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Notes
1. Machine model: equivalent to discharging a 200 pF capacitor through a 0
Ω series resistor (‘0 Ω’ is actually
0.75
µH+10 Ω).
2. Human body model: equivalent to discharging a 100 pF capacitor through a 1500
Ω series resistor.
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDD, VDD(O) supply voltages
−0.5
+5
V
VDD(P)
supply voltage for protection circuits
−0.5
+5.5
V
VI
input voltage
VDD(P) =5V
−0.5
+5.5
V
VDD =VDD(O) =VDD(P) = 3.3 V −0.5
+3.8
V
VO
output voltage
VDD(P) =5V
−0.5
+5
V
VDD =VDD(O) =VDD(P) = 3.3 V −0.5
+3.8
V
IDD(tot)
total supply current
200
mA
∆V
voltage difference between GND,
GNDO and GNDP
−0.5
+0.5
V
IO
short circuit output current
50
mA
Ptot
total power dissipation
750
mW
Tstg
storage temperature
−20
+150
°C
Tj
junction temperature
0
125
°C
Tamb
ambient temperature
0
70
°C
Ves
electrostatic handling
note 1
−150
+200
V
note 2
−2000
+2000
V
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-a)
thermal resistance from junction to ambient
in free air
60
K/W


Similar Part No. - SAA4955TJ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA4951 PHILIPS-SAA4951 Datasheet
95Kb / 25P
   Memory controller
April 1994
SAA4951WP PHILIPS-SAA4951WP Datasheet
95Kb / 25P
   Memory controller
April 1994
SAA4952WP PHILIPS-SAA4952WP Datasheet
159Kb / 32P
   Memory controller
1997 Jun 10
SAA4956TJ PHILIPS-SAA4956TJ Datasheet
243Kb / 36P
   2.9-Mbit field memory with noise reduction
1998 Dec 08
More results

Similar Description - SAA4955TJ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA4956TJ PHILIPS-SAA4956TJ Datasheet
243Kb / 36P
   2.9-Mbit field memory with noise reduction
1998 Dec 08
logo
Intel Corporation
M28F008 INTEL-M28F008 Datasheet
401Kb / 28P
   8 MBIT (1 MBIT x 8) FLASH MEMORY
VE28F008 INTEL-VE28F008 Datasheet
381Kb / 26P
   8 MBIT (1 MBIT x 8) FLASH MEMORY
logo
ATMEL Corporation
AT52BC1661A ATMEL-AT52BC1661A Datasheet
442Kb / 34P
   16-Mbit Flash 8-Mbit PSRAM Stack Memory
logo
Intel Corporation
28F008SA INTEL-28F008SA Datasheet
466Kb / 33P
   8-MBIT (1-MBIT x 8) FlashFileTM MEMORY
28F008SA-L INTEL-28F008SA-L Datasheet
437Kb / 28P
   8-MBIT (1 MBIT x 8) FLASHFILETM MEMORY
logo
ATMEL Corporation
AT52BC3221A ATMEL-AT52BC3221A Datasheet
511Kb / 35P
   32-Mbit Flash 8-Mbit PSRAM Stack Memory
logo
Sharp Corporation
LH28F008SAHR SHARP-LH28F008SAHR Datasheet
1Mb / 29P
   8 MBIT(1 MBIT x 8)FLASH MEMORY
LH28F008SAT SHARP-LH28F008SAT Datasheet
2Mb / 34P
   8 MBIT(1 MBIT x 8) FLASH MEMORY
logo
Intel Corporation
VS28F016SV INTEL-VS28F016SV Datasheet
612Kb / 50P
   16-Mbit (1-Mbit x 16, 2-Mbit x 8) FlashFileTM MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com