Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRT83SL314 Datasheet(PDF) 11 Page - Exar Corporation

Part # XRT83SL314
Description  14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL314 Datasheet(HTML) 11 Page - Exar Corporation

Back Button XRT83SL314_05 Datasheet HTML 7Page - Exar Corporation XRT83SL314_05 Datasheet HTML 8Page - Exar Corporation XRT83SL314_05 Datasheet HTML 9Page - Exar Corporation XRT83SL314_05 Datasheet HTML 10Page - Exar Corporation XRT83SL314_05 Datasheet HTML 11Page - Exar Corporation XRT83SL314_05 Datasheet HTML 12Page - Exar Corporation XRT83SL314_05 Datasheet HTML 13Page - Exar Corporation XRT83SL314_05 Datasheet HTML 14Page - Exar Corporation XRT83SL314_05 Datasheet HTML 15Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 83 page
background image
xr
XRT83SL314
14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
REV. 1.0.1
8
TRANSMITTER SECTION
NAME
PIN
TYPE
DESCRIPTION
TxON
AC20
I
Transmit On/Off Input
Upon power up, the transmitters are powered off. Turning the transmitters On
or Off is selected through the microprocessor interface by programming the
appropriate channel register if this pin is pulled "High". If the TxON pin is
pulled "Low", all 14 transmitters are powered off.
NOTE:
TxON is ideal for redundancy applications.
See the Redundancy
Applications Section of this datasheet for more details.
Internally
pulled "Low" with a 50K
Ω resistor.
DMO
Y4
O
Digital Monitor Output (Global Pin for All 14-Channels)
When no transmit output pulse is detected for more than 128 TCLK cycles on
one of the 14-channels, the DMO pin will go "High" for a minimum of one TCLK
cycle. DMO will remain "High" until the transmitter sends a valid pulse.
NOTE: This pin is for redundancy applications to initiate an automatic switch to
the backup card. For individual channel DMO, see the register map.
TCLK13
TCLK12
TCLK11
TCLK10
TCLK9
TCLK8
TCLK7
TCLK6
TCLK5
TCLK4
TCLK3
TCLK2
TCLK1
TCLK0
Y16
Y17
AC18
D16
C17
A19
B16
D7
A3
B5
B6
AC6
AC5
AC7
I
Transmit Clock Input
TCLK is the input facility clock used to sample the incoming TPOS/TNEG data.
If TCLK is absent, pulled "Low", or pulled "High", the transmitter outputs at
TTIP/TRING can be selected to send an all ones or an all zero signal by pro-
gramming TCLKCNL in the appropriate global register. TPOS/TNEG data can
be sampled on either edge of TCLK selected by TCLKE in the appropriate glo-
bal register.
NOTE: TCLKE is a global setting that applies to all 14 channels.
TPOS13
TPOS12
TPOS11
TPOS10
TPOS9
TPOS8
TPOS7
TPOS6
TPOS5
TPOS4
TPOS3
TPOS2
TPOS1
TPOS0
AB17
AA18
AB18
A18
D17
B19
A17
B7
C4
B4
D6
AB6
AA6
Y8
I
TPOS/TDATA Input
Transmit digital input pin. In dual rail mode, this pin is the transmit positive
data input. In single rail mode, this pin is the transmit non-return to zero (NRZ)
data input.
NOTE: Internally pulled "Low" with a 50K
Ω resistor.


Similar Part No. - XRT83SL314_05

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT83SL314IB EXAR-XRT83SL314IB Datasheet
569Kb / 85P
   14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
More results

Similar Description - XRT83SL314_05

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT83SL314 EXAR-XRT83SL314 Datasheet
569Kb / 85P
   14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83SH314 EXAR-XRT83SH314 Datasheet
1Mb / 100P
   14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83VSH314 EXAR-XRT83VSH314 Datasheet
1Mb / 80P
   14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83SH314_0610 EXAR-XRT83SH314_0610 Datasheet
1Mb / 101P
   14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83L314 EXAR-XRT83L314 Datasheet
1Mb / 84P
   14-CHANNEL T1/E1/J1 LONG-HAUL/SHORT-HAUL LINE INTERFACE UNIT
XRT83VSH38 EXAR-XRT83VSH38 Datasheet
1Mb / 76P
   8-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
logo
Renesas Technology Corp
IDT82P20416 RENESAS-IDT82P20416 Datasheet
1Mb / 122P
   16-Channel Short Haul T1/E1/J1 Line Interface Unit
December 17, 2009
IDT82V2048E RENESAS-IDT82V2048E Datasheet
2Mb / 77P
   OCTAL CHANNEL T1/E1/J1 SHORT HAUL LINE INTERFACE UNIT
March 2009
logo
Integrated Device Techn...
IDT82V2044E IDT-IDT82V2044E Datasheet
1Mb / 73P
   QUAD CHANNEL T1/E1/J1 SHORT HAUL LINE INTERFACE UNIT
logo
Exar Corporation
XRT83SH38_0609 EXAR-XRT83SH38_0609 Datasheet
1Mb / 78P
   8-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com