Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDA253F Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SDA253F
Description  50A / 400 - 800V THREE PHASE BRIDGE RECTIFIER ASSEMBLY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDA253F Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SDA253F Datasheet HTML 1Page - Solid States Devices, Inc SDA253F Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SDA253F Series
Electrical Characteristic
4/
Symbol
Min
Typ
Max
Units
Peak Reverse Voltage
(IR = 100µA)
SDA253DF
SDA253EF
SDA253FF
BVR
420
620
820
––
––
––
––
––
––
Volts
Instantaneous Forward Voltage Drop
(IF = 18A, pulsed)
VF1
––
––
1.25
Volts
Reverse Leakage Current
(Rated VR, pulsed)
TA = 25ºC
TA = 100ºC
IR1
IR2
––
––
––
––
10
150
µA
Reverse Recovery Time
(IF = 500 mA, IR = 1 A, IRR = 250 mA)
trr
––
––
250
ns
Capacitance
(VR = 10V, f = 1MHz)
C
––
––
120
pF
Insulation Resistance
(V = 1500V)
RISO
10
––
––
M
NOTES:
1/ For Ordering Information, Price, and Availability Contact Factory.
2/ For Package Outlines Contact Factory.
3/ Derate Linearly at 0.416 A/ºC for TC > 55ºC.
4/ Unless Otherwise Specified, All Electrical Characteristics @25ºC.
AVAILABLE PART NUMBERS:
1/
SDA253DF
SDA253EF
SDA253FF
Mounting Diagram:
2/
(Height = 0.750”)
#10-32 UNF
.230 MIN DEEP
2 PLACES
1.520
1.480
.520
.480
1.020
.980


Similar Part No. - SDA253F

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDA25-3UF SSDI-SDA25-3UF Datasheet
71Kb / 2P
   10 AMPS 70 nsec ULTRA FAST RECOVERY SINGLE PHASE BRIDGE ASSEMBLY
SDA25000 SSDI-SDA25000 Datasheet
205Kb / 2P
   5 AMP RECITIFIER ASSEMBLY
SDA25000 SSDI-SDA25000 Datasheet
105Kb / 2P
   STANDARD RECOVERY HIGH VOLTAGE RECTIFIER
SDA25000F SSDI-SDA25000F Datasheet
55Kb / 2P
   0.5 AMPS 2.5kV thru 25kV FAST RECOVERY RECTIFIER ASSEMBLY
SDA25000UF SSDI-SDA25000UF Datasheet
52Kb / 2P
   0.5 AMPS 2.5kV thru 25kV ULTRAFAST RECOVERY RECTIFIER ASSEMBLY
More results

Similar Description - SDA253F

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
MTP50D NELLSEMI-MTP50D Datasheet
922Kb / 3P
   Three-Phase Bridge Rectifier, 50A
MTP50A NELLSEMI-MTP50A Datasheet
825Kb / 3P
   Three-Phase Bridge Rectifier, 50A
MTP50S NELLSEMI-MTP50S Datasheet
929Kb / 3P
   Three-Phase Bridge Rectifier, 50A
logo
MacMic
MMD50L160X MACMIC-MMD50L160X Datasheet
223Kb / 3P
   50A Three-Phase Rectifier Bridge Module
logo
Solid States Devices, I...
SDA167 SSDI-SDA167 Datasheet
91Kb / 2P
   25 AMPS 400 - 1000V THREE PHASE BRIDGE RECTIFIER ASSEMBLY
logo
Nell Semiconductor Co.,...
MTP50 NELLSEMI-MTP50 Datasheet
879Kb / 3P
   Glass Passivated Three-Phase Bridge Rectifier, 50A
logo
Solid States Devices, I...
RA0018 SSDI-RA0018 Datasheet
46Kb / 2P
   THREE PHASE BRIDGE RECTIFIER ASSEMBLY
SPA612 SSDI-SPA612 Datasheet
91Kb / 2P
   THREE PHASE BRIDGE RECTIFIER ASSEMBLY
SDA669 SSDI-SDA669_1 Datasheet
85Kb / 2P
   THREE PHASE BRIDGE RECTIFIER ASSEMBLY
SDA175HF SSDI-SDA175HF Datasheet
118Kb / 2P
   Three Phase Bridge Rectifier Assembly
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com