Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRK39910CD-7 Datasheet(PDF) 9 Page - Exar Corporation

Part # XRK39910CD-7
Description  3.3V LOW SKEW PLL CLOCK DRIVER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRK39910CD-7 Datasheet(HTML) 9 Page - Exar Corporation

  XRK39910CD-7 Datasheet HTML 1Page - Exar Corporation XRK39910CD-7 Datasheet HTML 2Page - Exar Corporation XRK39910CD-7 Datasheet HTML 3Page - Exar Corporation XRK39910CD-7 Datasheet HTML 4Page - Exar Corporation XRK39910CD-7 Datasheet HTML 5Page - Exar Corporation XRK39910CD-7 Datasheet HTML 6Page - Exar Corporation XRK39910CD-7 Datasheet HTML 7Page - Exar Corporation XRK39910CD-7 Datasheet HTML 8Page - Exar Corporation XRK39910CD-7 Datasheet HTML 9Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
NOTICE
EXAR Corporation reserves the right to make changes to the products contained in this publication in order to
improve design, performance or reliability. EXAR Corporation assumes no responsibility for the use of any
circuits described herein, conveys no license under any patent or other right, and makes no representation that
the circuits are free of patent infringement. Charts and schedules contained here in are only for illustration
purposes and may vary depending upon a user’s specific application. While the information in this publication
has been carefully checked; no responsibility, however, is assumed for inaccuracies.
EXAR Corporation does not recommend the use of any of its products in life support applications where the
failure or malfunction of the product can reasonably be expected to cause failure of the life support system or
to significantly affect its safety or effectiveness. Products are not authorized for use in such applications unless
EXAR Corporation receives, in writing, assurances to its satisfaction that: (a) the risk of injury or damage has
been minimized; (b) the user assumes all such risks; (c) potential liability of EXAR Corporation is adequately
protected under the circumstances.
Copyright 2006 EXAR Corporation
Datasheet July 2006.
Reproduction, in part or whole, without the prior written consent of EXAR Corporation is prohibited.
XRK39910
REV. 1.0.0
3.3V LOW SKEW PLL CLOCK DRIVER
REVISION HISTORY
REVISION #
DATE
DESCRIPTION
1.0.0
July 18, 2006
Initial release.


Similar Part No. - XRK39910CD-7

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRK39351 EXAR-XRK39351 Datasheet
269Kb / 10P
   3.3V OR 2.5V, 9-OUTPUT PLL CLOCK DRIVER
XRK39351 EXAR-XRK39351 Datasheet
293Kb / 12P
   3.3V OR 2.5V, 9-OUTPUT PLL CLOCK DRIVER
XRK39351CQ EXAR-XRK39351CQ Datasheet
293Kb / 12P
   3.3V OR 2.5V, 9-OUTPUT PLL CLOCK DRIVER
XRK39351IQ EXAR-XRK39351IQ Datasheet
269Kb / 10P
   3.3V OR 2.5V, 9-OUTPUT PLL CLOCK DRIVER
XRK39351IQ EXAR-XRK39351IQ Datasheet
293Kb / 12P
   3.3V OR 2.5V, 9-OUTPUT PLL CLOCK DRIVER
More results

Similar Description - XRK39910CD-7

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C3Q991 PERICOM-PI6C3Q991 Datasheet
544Kb / 10P
   3.3V Programmable Skew PLL Clock Driver
logo
Integrated Device Techn...
IDT74FCT3932-100 IDT-IDT74FCT3932-100 Datasheet
131Kb / 9P
   3.3V LOW SKEW PLL-BASED CMOS CLOCK DRIVER
IDT5V9910A IDT-IDT5V9910A Datasheet
88Kb / 6P
   3.3V LOW SKEW PLL CLOCK DRIVER TURBOCLOCK JR
IDT5V995 IDT-IDT5V995 Datasheet
74Kb / 10P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5V993A IDT-IDT5V993A Datasheet
110Kb / 8P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5V993A IDT-IDT5V993A_12 Datasheet
112Kb / 8P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5V991A IDT-IDT5V991A Datasheet
78Kb / 8P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5V9950 IDT-IDT5V9950 Datasheet
67Kb / 9P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
logo
Motorola, Inc
MC88LV915T MOTOROLA-MC88LV915T Datasheet
127Kb / 11P
   LOW SKEW CMOS PLL CLOCK DRIVER
MC88915TFN55 MOTOROLA-MC88915TFN55 Datasheet
216Kb / 20P
   LOW SKEW CMOS PLL CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com