Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PZM10NB3 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PZM10NB3
Description  Voltage regulator diodes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PZM10NB3 Datasheet(HTML) 5 Page - NXP Semiconductors

  PZM10NB3 Datasheet HTML 1Page - NXP Semiconductors PZM10NB3 Datasheet HTML 2Page - NXP Semiconductors PZM10NB3 Datasheet HTML 3Page - NXP Semiconductors PZM10NB3 Datasheet HTML 4Page - NXP Semiconductors PZM10NB3 Datasheet HTML 5Page - NXP Semiconductors PZM10NB3 Datasheet HTML 6Page - NXP Semiconductors PZM10NB3 Datasheet HTML 7Page - NXP Semiconductors PZM10NB3 Datasheet HTML 8Page - NXP Semiconductors PZM10NB3 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Table 1
Per type; PZM2.4N to PZM24N
Tj =25 °C unless otherwise specified.
PZM
-XXX
WORKING VOLTAGE
VZ (V)
at IZ = 5 mA; tm =40ms
DIFFERENTIAL
RESISTANCE
rdif (Ω)
TEMP.
COEFF.
SZ (mV/K)
at
IZ =5mA
DIODE
CAP.
Cd (pF)
at
f = 1 MHz;
VR =0
NON-REPETITIVE
PEAK REVERSE
CURRENT
IZSM (A)
at tp = 100 µs;
Tamb =25 °C
B
B1B2B3
IZ =1mA
IZ =5mA
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
TYP.
MAX.
TYP.
MAX.
TYP.
MAX.
MAX.
2.4N
2.30
2.60
−−−−−−
275
400
70
100
−1.6
450
8.00
2.7N
2.50
2.90
2.50
2.75
2.65
2.90
−−
300
450
75
100
−2.0
440
8.00
3.0N
2.80
3.20
2.80
3.05
2.95
3.20
−−
325
500
80
95
−2.1
425
8.00
3.3N
3.10
3.50
3.10
3.35
3.25
3.50
−−
350
500
85
95
−2.4
410
8.00
3.6N
3.40
3.80
3.40
3.65
3.55
3.80
−−
375
500
85
90
−2.4
390
8.00
3.9N
3.70
4.10
3.70
3.97
3.87
4.10
−−
400
500
85
90
−2.5
370
8.00
4.3N
4.01
4.48
4.01
4.21
4.15
4.34
4.28
4.48
410
600
80
90
−2.5
350
8.00
4.7N
4.42
4.90
4.42
4.61
4.55
4.75
4.69
4.90
425
500
50
80
−1.4
325
8.00
5.1N
4.84
5.37
4.84
5.04
4.98
5.20
5.14
5.37
400
480
40
60
−0.8
300
8.00
5.6N
5.31
5.92
5.31
5.55
5.49
5.73
5.67
5.92
80
400
15
40
1.2
275
8.00
6.2N
5.86
6.53
5.86
6.12
6.06
6.33
6.26
6.53
40
150
6
10
2.3
250
8.00
6.8N
6.47
7.14
6.47
6.73
6.65
6.93
6.86
7.14
30
80
6
15
3.0
215
8.00
7.5N
7.06
7.84
7.06
7.36
7.28
7.60
7.52
7.84
15
80
2
10
4.0
170
3.50
8.2N
7.76
8.64
7.76
8.10
8.02
8.36
8.28
8.64
20
80
2
10
4.6
150
3.50
9.1N
8.56
9.55
8.56
8.93
8.85
9.23
9.15
9.55
20
100
2
10
5.5
120
3.50
10N
9.45
10.55
9.45
9.87
9.77
10.21
10.11
10.55
20
150
2
10
6.4
110
3.50
11N
10.44
11.56
10.44
10.88
10.76
11.22
11.10
11.56
25
150
2
10
7.4
108
3.00
12N
11.42
12.60
11.42
11.90
11.74
12.24
12.08
12.60
25
150
2
10
8.4
105
3.00
13N
12.47
13.96
12.47
13.03
12.91
13.49
13.37
13.96
25
170
2
10
9.4
103
2.50
15N
13.84
15.52
13.84
14.46
14.34
14.98
14.85
15.52
25
200
3
15
11.4
99
2.00
16N
15.37
17.09
15.37
16.01
15.85
16.51
16.35
17.09
25
200
4
20
12.4
97
1.50
18N
16.94
19.03
16.94
17.70
17.56
18.35
18.21
19.03
25
225
4
20
14.4
93
1.50
20N
18.86
21.08
18.86
19.70
19.52
20.39
20.21
21.08
30
225
4
20
16.4
88
1.50
22N
20.88
23.17
20.88
21.77
21.54
22.47
22.23
23.17
30
250
5
25
18.4
84
1.25
24N
22.93
25.57
22.93
23.96
23.72
24.78
24.54
25.57
30
250
6
30
20.4
80
1.25


Similar Part No. - PZM10NB3

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PZM10NB2 PHILIPS-PZM10NB2 Datasheet
59Kb / 12P
   Voltage regulator double diodes
1999 Jun 11
PZM10NB2A PHILIPS-PZM10NB2A Datasheet
59Kb / 12P
   Voltage regulator double diodes
1999 Jun 11
More results

Similar Description - PZM10NB3

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
   Voltage regulator diodes
1996 May 14
BZX84-A36215 PHILIPS-BZX84-A36215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
PDZ11B PHILIPS-PDZ11B Datasheet
192Kb / 9P
   Voltage regulator diodes
2004 Mar 22
BZX84-C47215 NXP-BZX84-C47215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
   Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B3V3 NXP-BZX84-B3V3 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com