Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA3008 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # SAA3008
Description  Infrared remote control transmitter RECS 80 low voltage
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA3008 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button SAA3008 Datasheet HTML 7Page - NXP Semiconductors SAA3008 Datasheet HTML 8Page - NXP Semiconductors SAA3008 Datasheet HTML 9Page - NXP Semiconductors SAA3008 Datasheet HTML 10Page - NXP Semiconductors SAA3008 Datasheet HTML 11Page - NXP Semiconductors SAA3008 Datasheet HTML 12Page - NXP Semiconductors SAA3008 Datasheet HTML 13Page - NXP Semiconductors SAA3008 Datasheet HTML 14Page - NXP Semiconductors SAA3008 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
December 1988
11
Philips Semiconductors
Preliminary specification
Infrared remote control transmitter
(RECS 80 low voltage)
SAA3008
RATINGS
Limiting values in accordance with the Absolute Maximum Rating System (IEC 134)
HANDLING
Inputs and outputs are protected against electrostatic charge in normal handling. However, to be totally safe, it is
desirable to take normal precautions appropriate to handling MOS devices (see ‘
Handling MOS Devices’).
CHARACTERISTICS
VSS = 0 V; Tamb = 0 to + 70 °C; unless otherwise specified
PARAMETER
CONDITIONS
SYMBOL
MIN.
MAX.
UNIT
Supply voltage range
VDD
−0.3
+7V
Input voltage range
VI
−0.3
VDD + 0.3
V
Output voltage range
VO
−0.3
VDD + 0.3
V
Total power dissipation
DIL package (SOT146)
Ptot
300
mW
mini
−pack (SO20; SOT163A)
Ptot
200
mW
Power dissipation
matrix outputs DRV0N to DRV6N
PO
50
mW
remote data output REMO
PO
200
mW
Operating ambient temperature range
Tamb
−20
+70
°C
Storage temperature range
Tstg
−20
+125
°C
PARAMETER
CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supply voltage
VDD
2.0
6.5
V
Supply current active
fosc = 455 kHz;
VDD = 3 V
IDD
0.25
mA
VDD = 4.5 V
IDD
0.5
mA
VDD = 6 V
IDD
1
mA
Standby mode
Tamb = 25 °C;
VDD = 6 V
IDD
−−
4
µA
Oscillator frequency
(ceramic resonator)
VDD = 2 to 6.5 V
fosc
350
500
kHz
Inputs SEN0N to SEN6N
Input voltage LOW
VDD = 2 to 6.5 V
VIL
−−
0.3 VDD
V
Input voltage HIGH
VDD = 2 to 6.5 V
VIH
0.7 VDD
−−
V
Input current
(p-channel pull-up)
VIL = 0 V
VDD = 2 V
II
−10
−−100
µA
VDD = 6.5 V
II
−100
−−600
µA


Similar Part No. - SAA3008

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA3004 PHILIPS-SAA3004 Datasheet
103Kb / 16P
   Remote control transmitter
August 1982
SAA3004P PHILIPS-SAA3004P Datasheet
103Kb / 16P
   Remote control transmitter
August 1982
SAA3004T PHILIPS-SAA3004T Datasheet
103Kb / 16P
   Remote control transmitter
August 1982
logo
List of Unclassifed Man...
SAA3006 ETC1-SAA3006 Datasheet
131Kb / 13P
   LOW VOLTAGE INFRARED REMOTE CONTROL TRANSMITTER (RC-5)
logo
NXP Semiconductors
SAA3007 PHILIPS-SAA3007 Datasheet
295Kb / 13P
   INFRARED REMOTE CONTROL TRANSMITTER (LOW VOLTAGE)
October 1987
More results

Similar Description - SAA3008

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA3007 PHILIPS-SAA3007 Datasheet
295Kb / 13P
   INFRARED REMOTE CONTROL TRANSMITTER (LOW VOLTAGE)
October 1987
logo
List of Unclassifed Man...
SAA3006 ETC1-SAA3006 Datasheet
131Kb / 13P
   LOW VOLTAGE INFRARED REMOTE CONTROL TRANSMITTER (RC-5)
logo
Princeton Technology Co...
PT2212 PTC-PT2212_07 Datasheet
416Kb / 16P
   Infrared Remote Control Transmitter
PT2248 PTC-PT2248_05 Datasheet
374Kb / 19P
   Infrared Remote Control Transmitter
logo
NXP Semiconductors
SAA3027 PHILIPS-SAA3027 Datasheet
518Kb / 13P
   INFRARED REMOTE CONTROL TRANSMITTER
July1983
logo
List of Unclassifed Man...
SC3010 ETC-SC3010 Datasheet
235Kb / 15P
   INFRARED REMOTE CONTROL TRANSMITTER
logo
Princeton Technology Co...
PT2221 PTC-PT2221 Datasheet
296Kb / 4P
   Infrared Remote Control Transmitter???
logo
Silan Microelectronics ...
SC7461 SILAN-SC7461 Datasheet
192Kb / 14P
   INFRARED REMOTE CONTROL TRANSMITTER
logo
Princeton Technology Co...
PT2211 PTC-PT2211 Datasheet
120Kb / 5P
   Infrared Remote Control Transmitter?
PT2212 PTC-PT2212 Datasheet
71Kb / 3P
   Infrared Remote Control Transmitter???
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com