Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

XRK4991A Datasheet(PDF) 2 Page - Exar Corporation

Part No. XRK4991A
Description  3.3V HIGH-SPEED (85 MHZ) PROGRAMMABLE SKEW CLOCK BUFFER
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EXAR [Exar Corporation]
Homepage  http://www.exar.com
Logo EXAR - Exar Corporation

XRK4991A Datasheet(HTML) 2 Page - Exar Corporation

  XRK4991A Datasheet HTML 1Page - Exar Corporation XRK4991A Datasheet HTML 2Page - Exar Corporation XRK4991A Datasheet HTML 3Page - Exar Corporation XRK4991A Datasheet HTML 4Page - Exar Corporation XRK4991A Datasheet HTML 5Page - Exar Corporation XRK4991A Datasheet HTML 6Page - Exar Corporation XRK4991A Datasheet HTML 7Page - Exar Corporation XRK4991A Datasheet HTML 8Page - Exar Corporation XRK4991A Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
XRK4991A
PRELIMINARY
xr
3.3V HIGH-SPEED (85 MHZ) PROGRAMMABLE SKEW CLOCK BUFFER
REV. P1.0.2
2
PRODUCT ORDERING INFORMATION
PRODUCT NUMBER
ACCURACY
OPERATING TEMPERATURE RANGE
XRK4991AIJ-5
500 ps
-40°C to +85°C
XRK4991ACJ-5
500 ps
0°C to +70°C
XRK4991ACJ-7
750 ps
0°C to +70°C
XRK4991AIJ-7
750 ps
-40°C to +85°C
FIGURE 2. PIN OUT OF THE XRK4991
XRK4991A
SELC1
SELD0
SELD1
PE
V
CCN
QD1
QDO
GND
GND
5
6
7
8
9
10
11
12
13
SELB0
OE
SELA1
1F0
V
CCN
QA0
QA1
GND
GND
29
28
27
26
25
24
23
22
21
14
15
16
17
18
19
20
432
1
32
31
30


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn