Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRK4991IJ-5 Datasheet(PDF) 7 Page - Exar Corporation

Part # XRK4991IJ-5
Description  3.3V HIGH-SPEED (85 MHZ) PROGRAMMABLE SKEW CLOCK BUFFER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRK4991IJ-5 Datasheet(HTML) 7 Page - Exar Corporation

Back Button XRK4991IJ-5 Datasheet HTML 3Page - Exar Corporation XRK4991IJ-5 Datasheet HTML 4Page - Exar Corporation XRK4991IJ-5 Datasheet HTML 5Page - Exar Corporation XRK4991IJ-5 Datasheet HTML 6Page - Exar Corporation XRK4991IJ-5 Datasheet HTML 7Page - Exar Corporation XRK4991IJ-5 Datasheet HTML 8Page - Exar Corporation XRK4991IJ-5 Datasheet HTML 9Page - Exar Corporation XRK4991IJ-5 Datasheet HTML 10Page - Exar Corporation XRK4991IJ-5 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
xr
XRK4991
REV. 1.0.1
3.3V HIGH-SPEED (85 MHZ) PROGRAMMABLE SKEW CLOCK BUFFER
7
NOTES:
4.
These inputs are normally wired to VCC, GND or left unconnected (actual threshold voltages vary as a percentage
of VCC). Internal termination resistors hold unconnected inputs at VCC/2. If these inputs are switched, the function
and timing of the outputs may glitch and the PLL may require an additional tLOCK time before all data sheet limits
are achieved.
5.
XRK4991 should be tested one output at a time, output shorted for less than one second, less than 10% duty
cycle. Room temperature only.
6.
Total output current per output pair can be approximated by the following expression that includes device current
plus load current:
XRK4991: ICCN = {(4+0.11F) + [(835-3F)/Z + (.0022FC)]N} x 1.1
Where:
F = frequency in MHz
C = capacitive load in pF
Z = line impedance in ohms
N = number of loaded outputs; 0, 1, or 2
7.
Total power dissipation per output pair can be approximated by the following expression that includes device
power dissipation plus power dissipation due to the load circuit:
PD = {(22 + 0.61F) + [(1550 + 2.7F)/Z) + .0125FC]N} x 1.1
See note 6 for variable definition.
8.
Applies to CLKIN and FB_IN inputs only.
IOS
Short Circuit Current [5]
-200
mA
VCC = Max,
VOUT = GND (25° only)
ICCQ
Operating Current Used by Inter-
nal Circuitry
Com’l
95
mA
VCCN = VCCQ = Max.,
All Inputs Selects Open
Ind
100
ICCN
Output Buffer Current per Output Pair [6]
19
mA
VCCN = VCCQ = Max.,
IOUT = 0 mA
Inputs Selects Open, fMAX
PD
Power Dissipation per Output Pair [7]
104
mW
VCCN = VCCQ = Max.,
IOUT = 0 mA
Input Selects Open, fMAX
CAPACITANCE[8]
SYMBOL
DESCRIPTION
MAX.
UNIT
CONDITION
CIN
Input Capacitance
10
pF
TA = 25°C,
f=1MHz, VCC=3.3V
ELECTRICAL CHARACTERISTICS OVER THE 3.3V + 10% OPERATING RANGE
SYMBOL
DESCRIPTION
MIN
MAX
UNIT
CONDITION


Similar Part No. - XRK4991IJ-5

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRK49911 EXAR-XRK49911 Datasheet
262Kb / 12P
   3.3V HIGH-SPEED (110 MHZ) PROGRAMMABLE SKEW CLOCK BUFFER
XRK49911CJ-2 EXAR-XRK49911CJ-2 Datasheet
262Kb / 12P
   3.3V HIGH-SPEED (110 MHZ) PROGRAMMABLE SKEW CLOCK BUFFER
XRK49911CJ-5 EXAR-XRK49911CJ-5 Datasheet
262Kb / 12P
   3.3V HIGH-SPEED (110 MHZ) PROGRAMMABLE SKEW CLOCK BUFFER
XRK49911CJ-7 EXAR-XRK49911CJ-7 Datasheet
262Kb / 12P
   3.3V HIGH-SPEED (110 MHZ) PROGRAMMABLE SKEW CLOCK BUFFER
XRK49911IJ-2 EXAR-XRK49911IJ-2 Datasheet
262Kb / 12P
   3.3V HIGH-SPEED (110 MHZ) PROGRAMMABLE SKEW CLOCK BUFFER
More results

Similar Description - XRK4991IJ-5

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRK4991A EXAR-XRK4991A Datasheet
373Kb / 13P
   3.3V HIGH-SPEED (85 MHZ) PROGRAMMABLE SKEW CLOCK BUFFER
XRK49911 EXAR-XRK49911 Datasheet
262Kb / 12P
   3.3V HIGH-SPEED (110 MHZ) PROGRAMMABLE SKEW CLOCK BUFFER
XRK4993 EXAR-XRK4993 Datasheet
268Kb / 13P
   3.3V PROGRAMMABLE SKEW CLOCK BUFFER
logo
Cypress Semiconductor
CY7C9915 CYPRESS-CY7C9915 Datasheet
309Kb / 14P
   3.3V Programmable Skew Clock Buffer
logo
Pericom Semiconductor C...
PI6C3991 PERICOM-PI6C3991 Datasheet
500Kb / 11P
   3.3V High-Speed, Low-Voltage Programmable Skew Clock Buffer SuperClock
logo
Cypress Semiconductor
CY7C9925 CYPRESS-CY7C9925 Datasheet
277Kb / 12P
   3.3V/2.5V Programmable Skew Clock Buffer
CY7B9911V CYPRESS-CY7B9911V_11 Datasheet
419Kb / 17P
   High Speed Low Voltage Programmable Skew Clock Buffer
CY7B9911V CYPRESS-CY7B9911V_07 Datasheet
384Kb / 14P
   High Speed Low Voltage Programmable Skew Clock Buffer
logo
Pericom Semiconductor C...
PI6C39911 PERICOM-PI6C39911 Datasheet
262Kb / 11P
   3.3V High Speed LVTTL or Balanced Output Programmable Skew Clock Buffer - SuperClock
logo
Cypress Semiconductor
CY7B991.2JC CYPRESS-CY7B991.2JC Datasheet
519Kb / 19P
   Programmable Skew Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com