Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GMA103AS8R Datasheet(PDF) 1 Page - Gamma Microelectronics Inc.

Part # GMA103AS8R
Description  DUAL OPERATIONAL AMPLIFIER AND VOLTAGE REFERENCE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GMA103AS8R Datasheet(HTML) 1 Page - Gamma Microelectronics Inc.

  GMA103AS8R Datasheet HTML 1Page - Gamma Microelectronics Inc. GMA103AS8R Datasheet HTML 2Page - Gamma Microelectronics Inc. GMA103AS8R Datasheet HTML 3Page - Gamma Microelectronics Inc. GMA103AS8R Datasheet HTML 4Page - Gamma Microelectronics Inc. GMA103AS8R Datasheet HTML 5Page - Gamma Microelectronics Inc. GMA103AS8R Datasheet HTML 6Page - Gamma Microelectronics Inc. GMA103AS8R Datasheet HTML 7Page - Gamma Microelectronics Inc. GMA103AS8R Datasheet HTML 8Page - Gamma Microelectronics Inc. GMA103AS8R Datasheet HTML 9Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Description
GMA103A is a monolithic IC that includes one independent
op-amp and another op-amp, for which the non inverting in-
put is wired to a 2.5V fixed Voltage Reference.
This device is offering space and cost saving in many
applications like power supply management or data
acquisition systems.
TYPICAL APPLICATIONS
Features
Low Input Offset Voltage : 0.5mV typ.
Low Supply Current : 350µA/op.
(@ V
= 5V)
CC
Medium Bandwidth (unity gain) : 0.9MHz
Large Output Voltage Swing : 0V to (VCC - 1.5V)
Input Common Mode Voltage Range Includes
Ground
Wide Power Supply Range : 3 to 32V ±1.5 to
±16V
Fixed Output Voltage Reference 2.5V
0.4% and 1% Voltage Precision
Sink Current Capability : 1 to 100mA
Typical Output Impedance : 0.2W
www.gammamicro.com
1
1
2
3
4
5
6
7
8
-
+
+ -
OP1
OP2
VRef
Application
Battery Charger
Switch Mode Power Supply
Linear Regulator


Similar Part No. - GMA103AS8R

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GMA103A GAMMA-GMA103A Datasheet
1Mb / 1P
   Op-Amp Comparators
More results

Similar Description - GMA103AS8R

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
LM103AQ8 CYSTEKEC-LM103AQ8 Datasheet
281Kb / 6P
   Dual Operational Amplifier and Voltage Reference
logo
STMicroelectronics
TSM103WAID STMICROELECTRONICS-TSM103WAID Datasheet
53Kb / 7P
   Dual Operational Amplifier and Voltage Reference
logo
ON Semiconductor
NCP4300A ONSEMI-NCP4300A_09 Datasheet
145Kb / 7P
   Dual Operational Amplifier and Voltage Reference
August, 2009 ??Rev. 4
NCP4300A ONSEMI-NCP4300A Datasheet
62Kb / 8P
   Dual Operational Amplifier and Voltage Reference
December, 2003 ??Rev. 2
logo
STMicroelectronics
TSM103W STMICROELECTRONICS-TSM103W Datasheet
54Kb / 7P
   Dual Operational Amplifier and Voltage Reference
logo
GTM CORPORATION
GP103A GTM-GP103A Datasheet
184Kb / 4P
   DUAL OPERATIONAL AMPLIFIER AND VOLTAGE REFERENCE
logo
ON Semiconductor
NCP4300A ONSEMI-NCP4300A_05 Datasheet
65Kb / 8P
   Dual Operational Amplifier and Voltage Reference
March, 2005 ??Rev. 3
logo
STMicroelectronics
TSM103AIDT STMICROELECTRONICS-TSM103AIDT Datasheet
104Kb / 9P
   DUAL OPERATIONAL AMPLIFIER AND VOLTAGE REFERENCE
TSM106 STMICROELECTRONICS-TSM106 Datasheet
90Kb / 6P
   Dual Operational Amplifier and Voltage Reference
TSM103 STMICROELECTRONICS-TSM103_03 Datasheet
95Kb / 9P
   DUAL OPERATIONAL AMPLIFIER AND VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com