Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GMA7496L Datasheet(PDF) 4 Page - Gamma Microelectronics Inc.

Part # GMA7496L
Description  2W2W AMPLIFIER W/ DC VOLUME CONTROL
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GMA7496L Datasheet(HTML) 4 Page - Gamma Microelectronics Inc.

  GMA7496L Datasheet HTML 1Page - Gamma Microelectronics Inc. GMA7496L Datasheet HTML 2Page - Gamma Microelectronics Inc. GMA7496L Datasheet HTML 3Page - Gamma Microelectronics Inc. GMA7496L Datasheet HTML 4Page - Gamma Microelectronics Inc. GMA7496L Datasheet HTML 5Page - Gamma Microelectronics Inc. GMA7496L Datasheet HTML 6Page - Gamma Microelectronics Inc. GMA7496L Datasheet HTML 7Page - Gamma Microelectronics Inc. GMA7496L Datasheet HTML 8Page - Gamma Microelectronics Inc. GMA7496L Datasheet HTML 9Page - Gamma Microelectronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
ELECTRICAL CHARACTERISTICS
( Refer to the test circuit V = 14V; R = 8W, R = 50 , Tamb = 25°C).
SL
g
Parameter
TEST CONDITIONS
Min
Typ
Max
Unit
SYMBOL
Supply Voltage Range
Total Quiescent Current
Quiescent Output Voltage
Total Harmonic Distortion
Output Peak Current
Input Signal
Closed Loop Gain
Monitor Out Gain
Attenuation at Minimum Volume
Slew Rate
Input Resistance
Variable Output Resistance
Variable Output Load
Thermal Muting
Thermal Shut-Down
MUTE STAND- BY & INPUT SELECTION FUNCTIONS
Stand- by ON Threshold
Stand- by OFF Threshold
Mute ON Threshold
Mute OFF Threshold
Quiescent Current @ Stand- by
Mute Bias Current
Mute Attenuation
Mute Attenuation
Stand- by Bias Current
Supply Voltage Rejection
Total Output Noise
Output Power
Output DC Offset Referred to
SVR Potential
V
S
I
Q
V
O
THD
I
peak
V
IN
G
V
G
VLine
AV
min
OL
SR
Ri
Rvar out
R
load var out
T
M
T
S
V
ST ON
V
ST OFF
V
M ON
V
M OFF
I
QST-BY
I
muteBIAS
A
MUTE
I
stbyBIAS
SVR
e
N
BW
P
O
DCV
OS
10
25
7
0.4
0.9
2.8
31.5
1.5
2
1.3
200
18
50
V
mA
V
%
A
Vrms
dB
dB
dB
V/ µs
KW
W
KW
°C
°C
V
V
V
V
mA
dB
dB
µV
µV
µV
MHz
W
W
mV
No Input Signal
THD= 10%; R = 8W
L
THD= 1%; R = 8W
L
1.6
G = 30dB; P =1W; f= 1kHz
VO
(Internally Limited)
0.7
Vol Ctrl > 4.5V
Vol Ctrl > 4.5V; Zload > 30KW
Vol Ctrl < 0.5V
f= 20Hz to 22kHz Play, max volume
f= 20Hz to 22kHz Play, max attenuation
f= 20Hz to 22kHz Mute
28.5
-1.5
80
5
22.5
100
500
100
60
0.6
30
0
800
250
150
8
30
30
2
150
160
3.5
1.5
3.5
0.6
1
65
0.2
-5
80
35
55
f= 1kHz; max volume
C
= 470µF; V
= 1V
SVR
RIP
rms
f= 1kHz; max attenuation
C
= 470µF; V
= 1V
SVR
RIP
rms
39
65
1.5
1
5
50
-20
dB
µA
Stand by on V
= 5V
ST-BY
V
= 5V
MUTE
Play or Mute
µA
Mute
Play
2
µA
µA
A
A
MICROELECTRONICS
GMA7496L
Audio Amp.
Frequency Response
2W+2W AMPLIFIER W/ DC VOLUME CONTROL


Similar Part No. - GMA7496L

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GMA7496L GAMMA-GMA7496L Datasheet
285Kb / 12P
   2W2W AMPLIFIER WITH DC VOLUME CONTROL
GMA7496LD20T GAMMA-GMA7496LD20T Datasheet
285Kb / 12P
   2W2W AMPLIFIER WITH DC VOLUME CONTROL
GMA7496LS20T GAMMA-GMA7496LS20T Datasheet
285Kb / 12P
   2W2W AMPLIFIER WITH DC VOLUME CONTROL
GMA7496L GAMMA-GMA7496L_1 Datasheet
285Kb / 12P
   2W2W AMPLIFIER WITH DC VOLUME CONTROL
More results

Similar Description - GMA7496L

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GMA7496L GAMMA-GMA7496L_1 Datasheet
285Kb / 12P
   2W2W AMPLIFIER WITH DC VOLUME CONTROL
logo
STMicroelectronics
TDA7496L STMICROELECTRONICS-TDA7496L Datasheet
162Kb / 10P
   2W2W AMPLIFIER WITH DC VOLUME CONTROL
logo
Wuxi Youda electronics ...
YD7496L YOUDA-YD7496L Datasheet
85Kb / 5P
   2W2W AMPLIFIER WITH DC VOLUME CONTROL
logo
KODENSHI_AUK CORP.
KKA7496L KODENSHI-KKA7496L Datasheet
526Kb / 8P
   2W2W AMPLIFIER WITH DC VOLUME CONTROL
logo
First Components Intern...
FC7496L FCI-FC7496L Datasheet
1Mb / 8P
   FC7496L 2W2W AMPLIFIER WITH DC VOLUME CONTROL
logo
Global Mixed-mode Techn...
G1438 GMT-G1438 Datasheet
91Kb / 1P
   2W Stereo Audio Amplifier with DC Volume Control and Selectable Gain
logo
National Semiconductor ...
LM4843 NSC-LM4843 Datasheet
597Kb / 19P
   Stereo 2W Audio Power Amplifiers with DC Volume Control
logo
MOSA ELECTRONICS
MS6865 MOSA-MS6865 Datasheet
713Kb / 20P
   Dual 2W Power Amplifier 3 Stereo Inputs with Volume Control
MS6865 MOSA-MS6865_1 Datasheet
767Kb / 22P
   Dual 2W Power Amplifier 3 Stereo Inputs with Volume Control
MS6864 MOSA-MS6864_1 Datasheet
696Kb / 21P
   Dual 2W Power Amplifier, I2C interface Stereo Input with Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com