Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRD9818 Datasheet(PDF) 23 Page - Exar Corporation

Part # XRD9818
Description  3-CHANNEL 16-BIT LINEAR CCD/CIS SENSOR SIGNAL PROCESSOR
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRD9818 Datasheet(HTML) 23 Page - Exar Corporation

Back Button XRD9818 Datasheet HTML 19Page - Exar Corporation XRD9818 Datasheet HTML 20Page - Exar Corporation XRD9818 Datasheet HTML 21Page - Exar Corporation XRD9818 Datasheet HTML 22Page - Exar Corporation XRD9818 Datasheet HTML 23Page - Exar Corporation XRD9818 Datasheet HTML 24Page - Exar Corporation XRD9818 Datasheet HTML 25Page - Exar Corporation XRD9818 Datasheet HTML 26Page - Exar Corporation XRD9818 Datasheet HTML 27Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
xr
xr
XRD9818
3-CHANNEL 16-BIT LINEAR CCD/CIS SENSOR SIGNAL PROCESSOR
REV. 1.0.1
23
FIGURE 17. 1-CH CCD MODE SYSTEM TIMING (BYTE & NIBBLE MODES)
FIGURE 18. 3-CH CIS MODE SYSTEM TIMING (BYTE & NIBBLE MODES)
MSB (n)
MSB(n+1)
LSB (n)
LSB (n-1)
MSB (n-1)
Pixel (n)
.....
Pixel (n+10)
Pixel (n+9)
.....
.....
CCD
IN
ADCLK
BYTE
BSAMP
VSAMP
.....
OUTPUT DATA
ADCO(7:0)
BYTE
MSB =>DB(15:8)
LSB =>DB(7:0)
.....
.....
ADCLK
C=> DB7-DB4
D=> DB3-DB0
B=> DB11-DB8
A=> DB15-DB12
An
Bn
Cn
Dn
OUTPUT DATA
ADCO(7:4)
NIBBLE
.....
BYTE Mode
NIBBLE Mode
tcr1
tap
tap
tvfcr
todv
tstl
todv
tcp1b
tcp1n
C=> GRN (DB15-DB8)
D=> GRN (DB7-DB0)
E=> BLU (DB15-DB8)
F=> BLU (DB7-DB0)
B=> Red (DB7-DB0)
A=> Red (DB15-DB8)
Pixel (n)
.....
Pixel (n+4)
Pixel (n+3)
.....
.....
An
Bn
Cn
Dn
En
Fn
CIS
IN
ADCLK
BYTE
VSAMP
.....
OUTPUT DATA
ADCO(7:0)
BYTE
tcr3
tcp3b
tvfcr
todv
tap
.....
.....
g=> GRN (DB7-DB4)
h=> GRN (DB3-DB0)
f=> GRN(DB11-DB8)
e=> GRN (DB15-DB12)
k=> BLU (DB7-DB4)
l=> BLU (DB3-DB0)
j=> BLU (DB11-DB8)
i=> BLU (DB15-DB12)
c=> RED (DB7-DB4)
d=> RED (DB3-DB0)
b=> RED (DB11-DB8)
a=> RED (DB15-DB12)
an bn cn dn en fn gn hn in jn kn ln
tstl
ADCLK
NIBBLE
OUTPUT DATA
ADCO(7:4)
NIBBLE
BYTE Mode
NIBBLE Mode
tcp3n
todv


Similar Part No. - XRD9818

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRD9814 EXAR-XRD9814 Datasheet
679Kb / 53P
   3-Channel 14/16-Bit Linear CCD/CIS Sensor Signal Processors
XRD9814ACV EXAR-XRD9814ACV Datasheet
679Kb / 53P
   3-Channel 14/16-Bit Linear CCD/CIS Sensor Signal Processors
XRD9814B EXAR-XRD9814B Datasheet
777Kb / 53P
   3-Channel 14/16-Bit Linear CCD/CIS Sensor Signal Processors
XRD9814BCV EXAR-XRD9814BCV Datasheet
777Kb / 53P
   3-Channel 14/16-Bit Linear CCD/CIS Sensor Signal Processors
XRD9816ACV EXAR-XRD9816ACV Datasheet
679Kb / 53P
   3-Channel 14/16-Bit Linear CCD/CIS Sensor Signal Processors
More results

Similar Description - XRD9818

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRD9814 EXAR-XRD9814 Datasheet
679Kb / 53P
   3-Channel 14/16-Bit Linear CCD/CIS Sensor Signal Processors
XRD9814B EXAR-XRD9814B Datasheet
777Kb / 53P
   3-Channel 14/16-Bit Linear CCD/CIS Sensor Signal Processors
XRD9826 EXAR-XRD9826 Datasheet
273Kb / 33P
   16-Bit Linear CIS/CCD Sensor Signal Processor with Serial Control
XRD9825 EXAR-XRD9825 Datasheet
290Kb / 33P
   16-Bit Linear CIS/CCD Sensor Signal Processor with Serial Control
logo
Holtek Semiconductor In...
HT82V46 HOLTEK-HT82V46 Datasheet
1Mb / 27P
   16-Bit, 45MSPS, 3-Channel CCD/CIS Analog Signal Processor
HT82V24 HOLTEK-HT82V24 Datasheet
241Kb / 21P
   16-Bit, 15MSPS, 3-Channel CCD/CIS Analog Signal Processor
HT82V38 HOLTEK-HT82V38 Datasheet
137Kb / 16P
   16-Bit CCD/CIS Analog Signal Processor
logo
Unisonic Technologies
M1008 UTC-M1008 Datasheet
372Kb / 11P
   16-BIT CCD/CIS ANALOG SIGNAL PROCESSOR
logo
Holtek Semiconductor In...
HT82V38 HOLTEK-HT82V38_14 Datasheet
164Kb / 16P
   16-Bit CCD/CIS Analog Signal Processor
HT82V36 HOLTEK-HT82V36_08 Datasheet
145Kb / 12P
   16-Bit CCD/CIS Analog Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com